công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD8041ANZ bảng dữ liệu(PDF) 7 Page - List of Unclassifed Manufacturers

tên linh kiện AD8041ANZ
Giải thích chi tiết về linh kiện  MICROCIRCUIT, LINEAR, 160 MHz, RAIL-TO-RAIL AMPLIFIER WITH DISABLE, MONOLITHIC SILICON
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC - List of Unclassifed Manufacturers

AD8041ANZ bảng dữ liệu(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button AD8041ANZ Datasheet HTML 3Page - List of Unclassifed Manufacturers AD8041ANZ Datasheet HTML 4Page - List of Unclassifed Manufacturers AD8041ANZ Datasheet HTML 5Page - List of Unclassifed Manufacturers AD8041ANZ Datasheet HTML 6Page - List of Unclassifed Manufacturers AD8041ANZ Datasheet HTML 7Page - List of Unclassifed Manufacturers AD8041ANZ Datasheet HTML 8Page - List of Unclassifed Manufacturers AD8041ANZ Datasheet HTML 9Page - List of Unclassifed Manufacturers AD8041ANZ Datasheet HTML 10Page - List of Unclassifed Manufacturers AD8041ANZ Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
STANDARD
MICROCIRCUIT DRAWING
SIZE
A
5962-96839
DLA LAND AND MARITIME
COLUMBUS, OHIO 43218-3990
REVISION LEVEL
E
SHEET
7
DSCC FORM 2234
APR 97
TABLE I. Electrical performance characteristics – continued.
Test
Symbol
Conditions 1/ 2/ 3/
-55
C  TA +125C
unless otherwise specified
Group A
subgroups
Device
type
Limits
Unit
Min
Max
Open loop gain
AOL
RL = 1 k
1,2,3
All
15
kV/V
M,D,P,L,R
1
02
15
M,D,P,L
1
03
15
Positive output swing
voltage
+VOUT
RL = 1 k
1,2,3
All
1.75
V
M,D,P,L,R
1
02
1.75
M,D,P,L
1
03
1.75
RL = 50 
1,2,3
All
1.45
M,D,P,L,R
1
02
1.45
M,D,P,L
1
03
1.45
Negative output swing
voltage
-VOUT
RL = 1 k
1,2,3
All
-2.15
V
M,D,P,L,R
1
02
-2.15
M,D,P,L
1
03
-2.15
RL = 50 
1,2,3
All
-1.5
M,D,P,L,R
1
02
-1.5
M,D,P,L
1
03
-1.5
1/
Unless otherwise specified, VS = 2.5 V and load resistance (RL) = 2 k to 0.0 V. This is equivalent to +VS = +5 V,
-VS = 0 V, and load resistance (RL) = 2 k to 2.5 V.
2/
Device type 02 supplied to this drawing has been characterized through all levels M, D, P, L, R of irradiation.
Device type 03 supplied to this drawing has been characterized through all levels M, D, P and L of irradiation. However,
device type 02 is only tested at the R level and device type 03 is only tested at L level. Pre and Post irradiation values are
identical unless otherwise specified in Table I. When performing post irradiation electrical measurements for any RHA
level, TA = +25C.
3/
For device type 02, this part may be dose rate sensitive in a space environment and may demonstrate enhanced low
dose rate effects. Radiation end point limits for the noted parameters are guaranteed only for the conditions specified
in MIL-STD-883, method 1019, condition A for device type 02. Device type 03 has been tested at a low dose rate.
For device type 03, radiation endpoint limits for the noted parameters are guaranteed for the condition specified in
MIL-STD-883, method 1019, condition D
4/
Disabled mode: the device has an active low disable bar pin which can be used to three state the output of the part and also
lower its supply current. If the disable bar pin is left floating, the part is enabled and will perform normally. If the disable pin
is pulled to 2.5 V (minimum) below the positive supply, the output of the device will be disabled and the IS supply current will
drop to IS disabled specification in Table I. For best isolation, the disable pin should be pulled to as low as possible, ideally
the -VS supply rail.


Số phần tương tự - AD8041ANZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD8041AN AD-AD8041AN Datasheet
250Kb / 16P
   160 MHz Rail-to-Rail Amplifier with Disable
REV. B
AD8041AN AD-AD8041AN Datasheet
311Kb / 18P
   160 MHz Rail-to-Rail Amplifier with Disable
More results

Mô tả tương tự - AD8041ANZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
AD8041ARZ ETC1-AD8041ARZ Datasheet
100Kb / 13P
   MICROCIRCUIT, LINEAR, 160 MHz, RAIL-TO-RAIL AMPLIFIER WITH DISABLE, MONOLITHIC SILICON
5962L9683903VHA ETC-5962L9683903VHA Datasheet
100Kb / 13P
   MICROCIRCUIT, LINEAR, 160 MHz, RAIL-TO-RAIL AMPLIFIER WITH DISABLE, MONOLITHIC SILICON
logo
Analog Devices
AD8041 AD-AD8041 Datasheet
250Kb / 16P
   160 MHz Rail-to-Rail Amplifier with Disable
REV. B
AD8041 AD-AD8041_15 Datasheet
505Kb / 17P
   160 MHz Rail-to-Rail Amplifier with Disable
REV. B
AD8041 AD-AD8041_17 Datasheet
311Kb / 18P
   160 MHz Rail-to-Rail Amplifier with Disable
logo
List of Unclassifed Man...
5962R0051701VCA ETC-5962R0051701VCA Datasheet
126Kb / 12P
   MICROCIRCUIT, LINEAR, QUAD, RAIL-TO-RAIL, PRECISION, OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
5962R0051701VDA ETC-5962R0051701VDA Datasheet
126Kb / 12P
   MICROCIRCUIT, LINEAR, QUAD, RAIL-TO-RAIL,PRECISION, OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
logo
Analog Devices
AD810ANZ AD-AD810ANZ Datasheet
76Kb / 13P
   MICROCIRCUIT, LINEAR, VIDEO OPERATIONAL AMPLIFIER WITH DISABLE, MONOLITHIC SILICON
DSCC FORM 2233 APR 97
AD8042 AD-AD8042_15 Datasheet
556Kb / 17P
   Dual 160 MHz Rail-to-Rail Amplifier
Rev. E
AD8042 AD-AD8042_07 Datasheet
435Kb / 16P
   Dual 160 MHz Rail-to-Rail Amplifier
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com