công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD625JNZ bảng dữ liệu(PDF) 4 Page - List of Unclassifed Manufacturers

tên linh kiện AD625JNZ
Giải thích chi tiết về linh kiện  MICROCIRCUIT, LINEAR, PROGRAMMABLE GAIN INSTRUMENTATION AMPLIFIER, MONOLITHIC SILICON
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC - List of Unclassifed Manufacturers

AD625JNZ bảng dữ liệu(HTML) 4 Page - List of Unclassifed Manufacturers

  AD625JNZ Datasheet HTML 1Page - List of Unclassifed Manufacturers AD625JNZ Datasheet HTML 2Page - List of Unclassifed Manufacturers AD625JNZ Datasheet HTML 3Page - List of Unclassifed Manufacturers AD625JNZ Datasheet HTML 4Page - List of Unclassifed Manufacturers AD625JNZ Datasheet HTML 5Page - List of Unclassifed Manufacturers AD625JNZ Datasheet HTML 6Page - List of Unclassifed Manufacturers AD625JNZ Datasheet HTML 7Page - List of Unclassifed Manufacturers AD625JNZ Datasheet HTML 8Page - List of Unclassifed Manufacturers AD625JNZ Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
STANDARD
MICROCIRCUIT DRAWING
SIZE
A
5962-87719
DLA LAND AND MARITIME
COLUMBUS, OHIO 43218-3990
REVISION LEVEL
E
SHEET
4
DSCC FORM 2234
APR 97
TABLE I. Electrical performance characteristics.
Test
Symbol
Conditions 1/
-55
°C ≤ T
A ≤+125°C
unless otherwise specified
Group A
subgroups
Device
type
Limits
Unit
Min
Max
Gain error 1
GE1
G = 1
1
01
±0.05
%
Gain error 10
GE10
G = 10 2/ 3/
1
01
±0.05
%
Gain error 100
GE100
G = 100 2/ 3/
1
01
±0.05
%
Gain error 1000
GE1000
G = 1000 2/ 3/
1
01
±0.05
%
Gain error drift 1
TCGE1
G = 1 2/ 3/
1
01
±5
ppm/
°C
Gain error drift 10
TCGE10
G = 10 2/ 3/
1
01
±5
ppm/
°C
Gain error drift 100
TCGE100
G = 100 2/ 3/
1
01
±5
ppm/
°C
Gain error drift 1000
TCGE1000
G = 1000 2/ 3/
1
01
±5
ppm/
°C
Input offset voltage
VOS
VIN = 0
1
01
±200
µV
Input offset voltage drift
TCVOS
VIN = 0
2, 3
01
±2
µV/°C
Output offset voltage
VOSO
VIN = 0
1
01
±5
mV
Output offset voltage
drift
TCVOSO
VIN = 0
2, 3
01
±50
µV/°C
Input bias current
IB
G = 1
1
01
±50
nA
Input offset current
IOS
IOS = (IB+) – (IB-)
1
01
±20
nA
Common mode rejection
CMRR
G = 1
1
01
70
dB
Common mode rejection
-CMRR
G = 1
1
01
70
dB
Common mode rejection
CMRR
G = 10 2/
1
01
90
dB
Common mode rejection
-CMRR
G = 10 2/
1
01
90
dB
Common mode rejection
CMRR
G = 100 2/
1
01
100
dB
Common mode rejection
-CMRR
G = 100 2/
1
01
100
dB
Common mode rejection
CMRR
G = 1000
1
01
110
dB
Common mode rejection
-CMRR
G = 1000
1
01
110
dB
Power supply current
ICC
G = 1
1
01
5
mA
Power supply rejection
PSRR
G = 1
1
01
70
dB
See footnotes at end of table.


Số phần tương tự - AD625JNZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD625JN AD-AD625JN Datasheet
463Kb / 15P
   Programmable Gain Instrumentation Amplifier
REV. D
AD625JN AD-AD625JN Datasheet
497Kb / 16P
   Programmable Gain Instrumentation Amplifier
More results

Mô tả tương tự - AD625JNZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
AD625KNZ ETC2-AD625KNZ Datasheet
115Kb / 11P
   MICROCIRCUIT, LINEAR, PROGRAMMABLE GAIN MICROCIRCUIT, LINEAR, PROGRAMMABLE GAIN MONOLITHIC SILICON
5962-8863003VKA ETC-5962-8863003VKA Datasheet
134Kb / 13P
   MICROCIRCUIT, LINEAR, INSTRUMENTATION AMPLIFIER, MONOLITHIC SILICON
OP09EY ETC2-OP09EY Datasheet
66Kb / 10P
   MICROCIRCUIT, LINEAR, QUAD, OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
logo
Analog Devices
AD625 AD-AD625 Datasheet
463Kb / 15P
   Programmable Gain Instrumentation Amplifier
REV. D
AD8250 AD-AD8250_15 Datasheet
835Kb / 24P
   Programmable Gain Instrumentation Amplifier
REV. C
logo
Texas Instruments
PGA280 TI1-PGA280 Datasheet
1Mb / 46P
[Old version datasheet]   Programmable Gain INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD8253 AD-AD8253_15 Datasheet
422Kb / 24P
   Programmable Gain Instrumentation Amplifier
REV. B
AD625 AD-AD625_15 Datasheet
465Kb / 15P
   Programmable Gain Instrumentation Amplifier
REV. D
logo
Burr-Brown (TI)
PGA204 BURR-BROWN-PGA204 Datasheet
261Kb / 14P
   Programmable Gain INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD8251 AD-AD8251_15 Datasheet
637Kb / 24P
   Programmable Gain Instrumentation Amplifier
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com