công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CAR2548FPZ01A bảng dữ liệu(PDF) 3 Page - Lineage Power Corporation

tên linh kiện CAR2548FPZ01A
Giải thích chi tiết về linh kiện  90Vac to 264Vac 48Vdc @ 2500W; 3.3Vdc or 5 Vdc @ 1A
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LINEAGEPOWER [Lineage Power Corporation]
Trang chủ  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

CAR2548FPZ01A bảng dữ liệu(HTML) 3 Page - Lineage Power Corporation

  CAR2548FPZ01A Datasheet HTML 1Page - Lineage Power Corporation CAR2548FPZ01A Datasheet HTML 2Page - Lineage Power Corporation CAR2548FPZ01A Datasheet HTML 3Page - Lineage Power Corporation CAR2548FPZ01A Datasheet HTML 4Page - Lineage Power Corporation CAR2548FPZ01A Datasheet HTML 5Page - Lineage Power Corporation CAR2548FPZ01A Datasheet HTML 6Page - Lineage Power Corporation CAR2548FPZ01A Datasheet HTML 7Page - Lineage Power Corporation CAR2548FPZ01A Datasheet HTML 8Page - Lineage Power Corporation CAR2548FPZ01A Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
GE
Data Sheet
CAR2512FP series rectifier
Input: 90Vac to 264Vac; Output: 12 Vdc @ 208A; 3.3Vdc or 5 Vdc @ 1A
March 28, 2013
©2013 General Electric Company. All rights
reserved.
Page 3
48Vdc MAIN OUTPUT (continued)
Parameter
Symbol
Min
Typ
Max
Unit
Transient response 50% step [10%-60%, 50% - 100%]
(dI/dt – 1A/µs, recovery 300µs)
Vout
-5
+5
%Vout
Programmable range (hardware & software)
43.2
52.8
V
dc
Overvoltage protection, latched
(recovery by cycling OFF/ON via hardware or software)
I
out
I
out
58
59
60
V
dc
Output current
0
52
A
dc
Current limit, Hiccup (programmable level)
57.3
67.7
A
dc
Active current share
-5
+5
% of FL
STANDBY OUTPUT
Parameter
Symbol
Min
Typ
Max
Unit
Set point
Vout
3.3 / 5.0
Vdc
Overall regulation (load, temperature, aging)
Vout
-5
+5
%
Ripple and noise
50
mVp-p
Output current
Iout
0
1
Adc
Isolation
Output/Frame
100
Vdc
General Specifications
Parameter
Min
Typ
Max
Units
Notes
Reliability
100,000
Hrs
Full load, 50C ; MTBF per SR232 Reliability
protection for electronic equipment, method I,
case III,
Service Life
10
Yrs
Full load, excluding fans
Weight
Kgs
(Lbs)
Feature Specifications
Unless otherwise indicated, specifications apply over all operating input voltage, resistive load, and temperature conditions. See
Feature Descriptions for additional information.
Parameter
Symbol
Min
Typ
Max
Unit
Remote ON/OFF (Needs to be pulled HI via an external resistor)
Logic High (Module ON)
IIH
20
µA
VIH
0.7VDD
12
VDC
Logic Low (Module OFF)
IIL
1
mA
VIL
0
0.8
VDC


Số phần tương tự - CAR2548FPZ01A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Lineage Power Corporati...
CAR2548FPZ0-1A LINEAGEPOWER-CAR2548FPZ0-1A Datasheet
1Mb / 2P
   2500 Watt 48V Front End Power Supply
More results

Mô tả tương tự - CAR2548FPZ01A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Lineage Power Corporati...
CAR2548DC LINEAGEPOWER-CAR2548DC_14 Datasheet
302Kb / 15P
   -36Vdc to -75Vdc 48Vdc @ 2500W; 3.3Vdc or 5 Vdc @ 1A
logo
General Semiconductor
EN55022 GE-EN55022 Datasheet
197Kb / 7P
   CAR2512FP series rectifier Input: 90Vac to 264Vac Output: 12Vdc 208A 3.3Vdc or 5 Vdc 1A
logo
General Electric Compan...
CAR0812FP GEC-CAR0812FP Datasheet
322Kb / 15P
   Input: 85VAC to 264VAC; Output: 12VDC @ 850W; 3.3VDC or 5 VDC @ 1A
May 2, 2013
logo
Lineage Power Corporati...
CAR2512TE LINEAGEPOWER-CAR2512TE Datasheet
303Kb / 15P
   90VAC to 264VAC 12VDC@ 2500W; 3.3/5VDC standby @ 15W
CAR1212DC LINEAGEPOWER-CAR1212DC_14 Datasheet
657Kb / 16P
   -36VD C to -75VDC 12VDC @ 1200W; 3.3VDC or 5 VDC @ 1A
logo
Wall Industries,Inc.
DCHB150 WALL-DCHB150 Datasheet
617Kb / 9P
   Single Outputs Ranging from 3.3VDC to 48VDC
logo
Lineage Power Corporati...
CP2500DC54PEZ LINEAGEPOWER-CP2500DC54PEZ Datasheet
310Kb / 15P
   Input: -40 to -72Vdc; Outputs: 짹54 Vdc @ 2500W; 5 Vdc @ 4W
CAR1212FP LINEAGEPOWER-CAR1212FP_14 Datasheet
269Kb / 7P
   85Vac to 264Vac 12Vdc @ 1250W; 5 Vdc @ 0.5A
JRCW450U LINEAGEPOWER-JRCW450U Datasheet
1Mb / 14P
   36??5 Vdc Input; 48Vdc Output; 450W Output
logo
AIMTEC
AME3-CJZ AIMTEC-AME3-CJZ Datasheet
159Kb / 3P
   Input: 85-264VAC, 47-63Hz, or 100-370 VDC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com