công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CAR2024FP bảng dữ liệu(PDF) 4 Page - Lineage Power Corporation

tên linh kiện CAR2024FP
Giải thích chi tiết về linh kiện  Universal input with PFC Constant power characteristic front panel LEDs: input, output, fault
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LINEAGEPOWER [Lineage Power Corporation]
Trang chủ  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

CAR2024FP bảng dữ liệu(HTML) 4 Page - Lineage Power Corporation

  CAR2024FP_14 Datasheet HTML 1Page - Lineage Power Corporation CAR2024FP_14 Datasheet HTML 2Page - Lineage Power Corporation CAR2024FP_14 Datasheet HTML 3Page - Lineage Power Corporation CAR2024FP_14 Datasheet HTML 4Page - Lineage Power Corporation CAR2024FP_14 Datasheet HTML 5Page - Lineage Power Corporation CAR2024FP_14 Datasheet HTML 6Page - Lineage Power Corporation CAR2024FP_14 Datasheet HTML 7Page - Lineage Power Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
GE Energy
CAR2024FP series rectifier
Input: 90Vac to 264Vac; Output: 24 Vdc @ 83A; 3.3Vdc or 5 Vdc @ 1A
March 28, 2013
©2012 General Electric Company. All rights reserved.
Page 4
EMC
Parameter
Criteria
Standard
Level
Test
AC input
Conducted emissions
EN55022, FCC Docket 20780 part 15, subpart J
EN61000-3-2
A
0.15 – 30MHz
0 – 2 KHz
Radiated emissions
EN55022
A
30 – 10000MHz
Voltage dips
EN61000-4-11
A
-30%, 10ms
B
-60%, 100ms
B
-100%, 5sec
Voltage surge
EN61000-4-5
A
4kV, 1.2/50µs, common mode
A
2kV, 1.2/50µs, differential mode
immunity
Fast transients
EN61000-4-4
B
5/50ns, 2kV (common mode)
Enclosure immunity
Conducted RF fields
EN61000-4-6
A
130dBµV, 0.15-80MHz, 80% AM
Radiated RF fields
EN61000-4-3
A
10V/m, 80-1000MHz, 80% AM
ENV 50140
A
ESD
EN61000-4-2
B
4kV contact, 8kV air
Status and Control
Some functions have two means of monitor/control; A
signal level that represents the analog value being
measured or controlled, or, reading/writing via the i
2C
port the measured value or the control command.
Unless otherwise noted, control via the signals pins is
‘active’ so long that a firmware based command is not
initiated. Once firmware initiates a command that is also
represented on a signal pin, the firmware takes over and
replaces the hardware based control signal. Firmware
control is maintained until bias power to the processor is
interrupted. Once bias power is removed the processor
resets and the analog signal pin control is ‘active’ until
firmware takes over control.
Details of analog controls are provided in this data sheet
under Signal Definitions. GE Energy will provide separate
application notes on the I2C protocol. Contact your local
GE Energy representative for details.
Signal Definitions
All signals and outputs are referenced to Output return.
These include ‘Vstb return’ and ‘Signal return’.
Input Signals
Voltage programming (Vprog): An analog voltage on this
signal can vary the output voltage ± 10% from 21Vdc to
29Vdc. The equation of this signal is:
Vout = 21 + (Vprog * 3.2) 0 < Vprog < 2.5
If 2.5 < Vprog < 3, the output is 29V. If Vprog is > 3V or
left open the programming signal is ignored and the unit
output is set at the setpoint of 24Vdc.
Load share (Ishare): This is a single wire analog signal
that is generated and acted upon automatically by power
supplies connected in parallel. The Ishare pins should be
tied together for power supplies if active current share
among the power supplies is desired. No resistors or
capacitors should get connected to this pin.
Remote ON/OFF: Controls the presence of the main
24Vdc output voltage. This is an open collector, TTL level
control signal. This signal needs to be pulled HI
externally through a resistor. Maximum collector voltage
is 12Vdc and the maximum sink current is 1mA. A Logic
1 (TTL HI level) turns ON the 24Vdc output, while a Logic
0 (TTL LO level) turns OFF the 24Vdc output.
A turn OFF command either through this signal (Remote
ON/OFF) or firmware commanded would turn OFF the
24V output.
Enable: This is a short signal pin that controls the
presence of the 24Vdc main output. This pin should be
connected to ‘output return’ on the system side of the
output connector. The purpose of this pin is to ensure
that the output turns ON after engagement of the power
blades and turns OFF prior to disengagement of the
power blades.
Write protect (WP): This signal protects the contents of
the EEPROM from accidental over writing. When left
open the EEPROM is write protected. A LO (TTL
compatible) permits writing to the EEPROM. This signal
is pulled HI internally by the power supply.
Output signals
Output current monitor (Imon): A voltage level of
0.1V/Amp proportional to the delivered output current is
present on this pin. Accuracy: ± 500mV for loads > 25%
FL.


Số phần tương tự - CAR2024FP_14

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Lineage Power Corporati...
CAR2024FP-1A LINEAGEPOWER-CAR2024FP-1A Datasheet
1Mb / 2P
   2000 Watt 24V Front End Power Supply
More results

Mô tả tương tự - CAR2024FP_14

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Lineage Power Corporati...
CAR1248TN LINEAGEPOWER-CAR1248TN_14 Datasheet
266Kb / 8P
   Universal input with PFC Constant power characteristic 3 front panel LEDs: 1-input;2-output; 3 - fault
CAR1248FP LINEAGEPOWER-CAR1248FP_14 Datasheet
264Kb / 11P
   Universal input with PFC Constant power characteristic 3 front panel LEDs: 1-input;2-output; 3 - fault
CAR2012TE LINEAGEPOWER-CAR2012TE Datasheet
444Kb / 20P
   Universal input with PFC Constant power characteristic 2 front panel LEDs: 1-input;2
CAR1612FP LINEAGEPOWER-CAR1612FP_14 Datasheet
293Kb / 7P
   Universal input with PFC Constant power characteristic 2 front panel LED 1-input LED 2-[output, fault, over temp]
logo
HITRON ELECTRONICS CORP...
HVP950 HITRON-HVP950 Datasheet
129Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION(PFC)
HEMP252G HITRON-HEMP252G Datasheet
84Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION (PFC)
HEMP250G HITRON-HEMP250G Datasheet
84Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION (PFC)
HEMP150G HITRON-HEMP150G Datasheet
54Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION (PFC)
HIMP151 HITRON-HIMP151_11 Datasheet
997Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION(PFC)
HVP300 HITRON-HVP300 Datasheet
131Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION(PFC)
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com