công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CAR2012TEBX5Z01A bảng dữ liệu(PDF) 1 Page - Lineage Power Corporation

tên linh kiện CAR2012TEBX5Z01A
Giải thích chi tiết về linh kiện  Universal input with PFC Constant power characteristic 2 front panel LEDs: 1-input;2
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LINEAGEPOWER [Lineage Power Corporation]
Trang chủ  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

CAR2012TEBX5Z01A bảng dữ liệu(HTML) 1 Page - Lineage Power Corporation

  CAR2012TEBX5Z01A Datasheet HTML 1Page - Lineage Power Corporation CAR2012TEBX5Z01A Datasheet HTML 2Page - Lineage Power Corporation CAR2012TEBX5Z01A Datasheet HTML 3Page - Lineage Power Corporation CAR2012TEBX5Z01A Datasheet HTML 4Page - Lineage Power Corporation CAR2012TEBX5Z01A Datasheet HTML 5Page - Lineage Power Corporation CAR2012TEBX5Z01A Datasheet HTML 6Page - Lineage Power Corporation CAR2012TEBX5Z01A Datasheet HTML 7Page - Lineage Power Corporation CAR2012TEBX5Z01A Datasheet HTML 8Page - Lineage Power Corporation CAR2012TEBX5Z01A Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
GE
Data Sheet
February 9, 2014
©2013 General Electric Company. All rights reserved.
CAR2012TE series rectifier
Input: 85Vac to 264Vac; Output: 12Vdc @ 2000W; 3.3 @ 4A or 5Vdc @ 3A Standby
Features
Efficiency: 95 % @ 50% load. Under most load conditions
exceeding 80plus “Titanium” criteria
Universal input with PFC
Constant power characteristic
2 front panel LEDs: 1-input;2-[DC_OK, fault, warning]
Remote ON/OFF control of the 12Vdc output
Remote sense on the 12Vdc output
No minimum load requirements
Active load sharing (single wire)
Hot Plug-ability
Standby orderable either as 3.3Vdc @ 4A or 5Vdc @ 3A
Auto recoverable OC & OT protection
Operating temperature: -10 - 70C (de-rated above 50C)
Digital status & control: PMBus serial bus
EN/IEC/UL/CSA C22.2 60950-1 2nd edition +A1, CCC
CE mark§
Meets FCC part 15, EN55022 Class A standards
Meets EN61000 immunity and transient standards
Shock & vibration: Meets IPC 9592 Class II standards
Applications
12Vdc distributed power architectures
Datacom and Telecom applications
Mid to high-end Servers
Routers/Switches
Broadband Switches
ATE Equipment
Description
The CAR2012TE Front-End provides highly efficient isolated power from worldwide input mains in a compact 1U
industry standard form factor. This power supply is ideal for applications where mid to light load efficiency is of key
importance in order to reduce system power consumption during ‘typical’ operational conditions.
The high-density, front-to-back airflow is designed for minimal space utilization and is highly expandable for future
growth. The industry standard PMBus compliant I2C communications buss offers a full range of control and
monitoring capabilities. The SMBAlert signal pin automatically alerts customers of any state change within the power
supply.
* UL is a registered trademark of Underwriters Laboratories, Inc.
CSA is a registered trademark of Canadian Standards Association.
VDE is a trademark of Verband Deutscher Elektrotechniker e.V.
§
Intended for integration into end-user equipment. All the required procedures for CE marking of end-user equipment should be followed. (The CE mark is placed on selected products.)
**
ISO is a registered trademark of the International Organization of Standards.
+
PMBus name and logo are registered trademarks of the System Management Interface Forum (SMIF)


Số phần tương tự - CAR2012TEBX5Z01A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Riedon Powertron
CAR2010 RIEDON-CAR2010 Datasheet
251Kb / 1P
   Thin Film Precisionion Chip Resistor
CAR2010 RIEDON-CAR2010 Datasheet
168Kb / 2P
   Thin Film Precision Chip Resistor
CAR2010 RIEDON-CAR2010 Datasheet
145Kb / 3P
   CAR Series
More results

Mô tả tương tự - CAR2012TEBX5Z01A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Lineage Power Corporati...
CAR1248TN LINEAGEPOWER-CAR1248TN_14 Datasheet
266Kb / 8P
   Universal input with PFC Constant power characteristic 3 front panel LEDs: 1-input;2-output; 3 - fault
CAR1248FP LINEAGEPOWER-CAR1248FP_14 Datasheet
264Kb / 11P
   Universal input with PFC Constant power characteristic 3 front panel LEDs: 1-input;2-output; 3 - fault
CAR2024FP LINEAGEPOWER-CAR2024FP_14 Datasheet
261Kb / 7P
   Universal input with PFC Constant power characteristic front panel LEDs: input, output, fault
CAR1612FP LINEAGEPOWER-CAR1612FP_14 Datasheet
293Kb / 7P
   Universal input with PFC Constant power characteristic 2 front panel LED 1-input LED 2-[output, fault, over temp]
logo
HITRON ELECTRONICS CORP...
HVP950 HITRON-HVP950 Datasheet
129Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION(PFC)
HEMP252G HITRON-HEMP252G Datasheet
84Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION (PFC)
HEMP250G HITRON-HEMP250G Datasheet
84Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION (PFC)
HEMP150G HITRON-HEMP150G Datasheet
54Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION (PFC)
HIMP151 HITRON-HIMP151_11 Datasheet
997Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION(PFC)
HVP300 HITRON-HVP300 Datasheet
131Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION(PFC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com