công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CAR1612FPBXXZ01A bảng dữ liệu(PDF) 4 Page - Lineage Power Corporation

tên linh kiện CAR1612FPBXXZ01A
Giải thích chi tiết về linh kiện  Universal input with PFC Constant power characteristic 2 front panel LED 1-input LED 2-[output, fault, over temp]
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LINEAGEPOWER [Lineage Power Corporation]
Trang chủ  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

CAR1612FPBXXZ01A bảng dữ liệu(HTML) 4 Page - Lineage Power Corporation

  CAR1612FPBXXZ01A Datasheet HTML 1Page - Lineage Power Corporation CAR1612FPBXXZ01A Datasheet HTML 2Page - Lineage Power Corporation CAR1612FPBXXZ01A Datasheet HTML 3Page - Lineage Power Corporation CAR1612FPBXXZ01A Datasheet HTML 4Page - Lineage Power Corporation CAR1612FPBXXZ01A Datasheet HTML 5Page - Lineage Power Corporation CAR1612FPBXXZ01A Datasheet HTML 6Page - Lineage Power Corporation CAR1612FPBXXZ01A Datasheet HTML 7Page - Lineage Power Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
GE Energy
CAR1612FP series rectifier
Input: 85Vac to 264Vac; Output: 12 Vdc @ 1600W; 3.3Vdc or 5 Vdc @ 1A
November 1, 2012
©2012 General Electric Company. All rights reserved.
Page 4
EMC
Parameter
Criteria
Standard
Level
Test
AC input
Conducted emissions
EN55022, FCC Docket 20780 part 15, subpart J
EN61000-3-2
A*
0.15 – 30MHz
0 – 2 KHz
Radiated emissions**
EN55022
A*
30 – 10000MHz
Voltage dips
EN61000-4-11
B
-30%, 10ms
B
-60%, 100ms
B
-100%, 5sec
Voltage surge
EN61000-4-5
A
4kV, 1.2/50µs, common mode
A
2kV, 1.2/50µs, differential mode
immunity
Fast transients
EN61000-4-4
B
5/50ns, 2kV (common mode)
Enclosure immunity
Conducted RF fields
EN61000-4-6
A
130dBµV, 0.15-80MHz, 80% AM
Radiated RF fields
EN61000-4-3
A
10V/m, 80-1000MHz, 80% AM
ENV 50140
A
ESD
EN61000-4-2
B
4kV contact, 8kV air
* Note: Contact the factory for a recommended external EMI filter to meet Class B emissions
** Radiated emissions compliance is contingent upon the final system configuration.
Status and Control
Details of analog controls are provided in this data sheet
under Signal Definitions. GE Energy will provide separate
application notes on the I2C protocol. Contact your local
GE Energy representative for details.
Signal Definitions
All signals and outputs are referenced to Output return.
These include ‘Vstb return’ and ‘Signal return’.
Input Signals
Voltage programming (Vprog): An analog voltage on this
signal can vary the output voltage ± 10% from 10.8Vdc to
13.2Vdc. The equation of this signal is:
Vout = 10.8 + (Vprog * 0.96) 0 < Vprog < 2.5
If 2.5 < Vprog < 3, the output is 13.2V. If Vprog is > 3V
or left open the programming signal is ignored and the
unit output is set at the setpoint of 12Vdc.
Load share (Ishare): This is a single wire analog signal
that is generated and acted upon automatically by power
supplies connected in parallel. The Ishare pins should be
tied together for power supplies if active current share
among the power supplies is desired. No resistors or
capacitors should get connected to this pin.
Remote ON/OFF: Controls the presence of the main
12Vdc output voltage. This is an open collector, TTL level
control signal. This signal needs to be pulled HI
externally through a resistor. Maximum collector voltage
is 12Vdc and the maximum sink current is 4mA. A Logic
1 (TTL HI level) turns ON the 12Vdc output, while a Logic
0 (TTL LO level) turns OFF the 12Vdc output.
A turn OFF command either through this signal (Remote
ON/OFF) or firmware commanded would turn OFF the
12V output.
Enable: This is a short signal pin that controls the
presence of the 12Vdc main output. This pin should be
connected to ‘output return’ on the system side of the
output connector. The purpose of this pin is to ensure
that the output turns ON after engagement of the power
blades and turns OFF prior to disengagement of the
power blades.
Write protect (WP): This signal protects the contents of
the EEPROM from accidental over writing. When left
open the EEPROM is write protected. A LO (TTL
compatible) permits writing to the EEPROM. This signal
is pulled HI internally by the power supply.
Output signals
Output current monitor (Imon): A voltage level
proportional to the delivered output current is present on
this pin. 134A = 3V, 100A = 2.25V; accuracy: ± 10%.
AC OK: A TTL compatible status signal representing
whether the input voltage is within the anticipated range.
This signal needs to be pulled HI externally through a
resistor. Maximum sink current ≤ 4mA and the max
voltage is 12Vdc. Open collector (HI) on this signal
indicates that the input voltage is applied within the
specified input range.
DC OK: A TTL compatible status signal representing
whether the output voltage is present. This signal needs


Số phần tương tự - CAR1612FPBXXZ01A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Lineage Power Corporati...
CAR1612FPB-1A LINEAGEPOWER-CAR1612FPB-1A Datasheet
1Mb / 2P
   1600 Watt 12V Front End Power Supply
CAR1612FPBY0-1A LINEAGEPOWER-CAR1612FPBY0-1A Datasheet
1Mb / 2P
   1600 Watt 12V Front End Power Supply
CAR1612FPBZ0-1A LINEAGEPOWER-CAR1612FPBZ0-1A Datasheet
1Mb / 2P
   1600 Watt 12V Front End Power Supply
More results

Mô tả tương tự - CAR1612FPBXXZ01A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Lineage Power Corporati...
CAR1248TN LINEAGEPOWER-CAR1248TN_14 Datasheet
266Kb / 8P
   Universal input with PFC Constant power characteristic 3 front panel LEDs: 1-input;2-output; 3 - fault
CAR1248FP LINEAGEPOWER-CAR1248FP_14 Datasheet
264Kb / 11P
   Universal input with PFC Constant power characteristic 3 front panel LEDs: 1-input;2-output; 3 - fault
CAR2012TE LINEAGEPOWER-CAR2012TE Datasheet
444Kb / 20P
   Universal input with PFC Constant power characteristic 2 front panel LEDs: 1-input;2
CAR2024FP LINEAGEPOWER-CAR2024FP_14 Datasheet
261Kb / 7P
   Universal input with PFC Constant power characteristic front panel LEDs: input, output, fault
logo
New Japan Radio
NJM2533 NJRC-NJM2533 Datasheet
193Kb / 4P
   2-INPUT 1-OUTPUT VIDEO SWITCH???
logo
Mitsubishi Electric Sem...
MM1221 MITSUBISHI-MM1221 Datasheet
162Kb / 7P
   2-Input 1-Output Video Switch
logo
New Japan Radio
NJM2520 NJRC-NJM2520 Datasheet
124Kb / 3P
   2-INPUT 1-OUTPUT AUDIO SWITCH
logo
Mitsumi Electronics, Co...
MM1111 MITSUMI-MM1111 Datasheet
231Kb / 10P
   2-Input 1-Output Video Switch / 3-Input 1-Output Video Switch
logo
HITRON ELECTRONICS CORP...
HVP950 HITRON-HVP950 Datasheet
129Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION(PFC)
HEMP252G HITRON-HEMP252G Datasheet
84Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION (PFC)
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com