công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CAR1248TN bảng dữ liệu(PDF) 1 Page - Lineage Power Corporation

tên linh kiện CAR1248TN
Giải thích chi tiết về linh kiện  Universal input with PFC Constant power characteristic 3 front panel LEDs: 1-input;2-output; 3 - fault
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LINEAGEPOWER [Lineage Power Corporation]
Trang chủ  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

CAR1248TN bảng dữ liệu(HTML) 1 Page - Lineage Power Corporation

  CAR1248TN_14 Datasheet HTML 1Page - Lineage Power Corporation CAR1248TN_14 Datasheet HTML 2Page - Lineage Power Corporation CAR1248TN_14 Datasheet HTML 3Page - Lineage Power Corporation CAR1248TN_14 Datasheet HTML 4Page - Lineage Power Corporation CAR1248TN_14 Datasheet HTML 5Page - Lineage Power Corporation CAR1248TN_14 Datasheet HTML 6Page - Lineage Power Corporation CAR1248TN_14 Datasheet HTML 7Page - Lineage Power Corporation CAR1248TN_14 Datasheet HTML 8Page - Lineage Power Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
GE
Preliminary Data Sheet
November 20, 2012
©2012 General Electric Company. All rights reserved.
CAR1248TN series rectifier
Input: 90Vac to 264Vac; Output: -54Vdc @ 1200W
Features
Universal input with PFC
Constant power characteristic
3 front panel LEDs: 1-input;2-output; 3 - fault
Remote ON/OFF control of the -54Vdc output
Remote sense on the -54Vdc output
No minimum load requirements
Redundant parallel operation
Active load sharing (single wire)
Hot Plug-ability
Efficiency: typically 91% @ 50% load
Auto recoverable OC & OT protection
Operating temperature: 0 - 70C (de-rated above 50C)
Digital status & control: I2C serial bus
EN/IEC/UL60950-1 2nd edition; UL, CSA and VDE
EMI: class A FCC docket 20780 part 15, EN55022
Meets EN6100 immunity and transient standards
Shock & vibration: NEBS GR-63-CORE, level 3
Applications
-48Vdc distributed power architectures
Cellular Base Stations
Blade Servers
Network Equipment
Network Attached Storage
Telecom Access Nodes
Routers/Switches
Broadband Switches
ATE Equipment
Description
The CAR1248TN series of rectifiers provide highly efficient isolated -54Vdc power from worldwide input mains in a
compact density of 19W/in3 within a 1U industry standard form factor.
The high-density, front-to-back airflow is designed for minimal space utilization and is highly expandable for future
growth. I2C communications offers remote control and monitoring capabilities.


Số phần tương tự - CAR1248TN_14

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Lineage Power Corporati...
CAR1248TN LINEAGEPOWER-CAR1248TN Datasheet
935Kb / 2P
   1200 Watt 48V Rectifier Power Supply
More results

Mô tả tương tự - CAR1248TN_14

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Lineage Power Corporati...
CAR1248FP LINEAGEPOWER-CAR1248FP_14 Datasheet
264Kb / 11P
   Universal input with PFC Constant power characteristic 3 front panel LEDs: 1-input;2-output; 3 - fault
CAR2024FP LINEAGEPOWER-CAR2024FP_14 Datasheet
261Kb / 7P
   Universal input with PFC Constant power characteristic front panel LEDs: input, output, fault
CAR2012TE LINEAGEPOWER-CAR2012TE Datasheet
444Kb / 20P
   Universal input with PFC Constant power characteristic 2 front panel LEDs: 1-input;2
CAR1612FP LINEAGEPOWER-CAR1612FP_14 Datasheet
293Kb / 7P
   Universal input with PFC Constant power characteristic 2 front panel LED 1-input LED 2-[output, fault, over temp]
logo
Mitsumi Electronics, Co...
MM1111 MITSUMI-MM1111 Datasheet
231Kb / 10P
   2-Input 1-Output Video Switch / 3-Input 1-Output Video Switch
logo
New Japan Radio
NJM2535 NJRC-NJM2535 Datasheet
196Kb / 4P
   3-INPUT 1-OUTPUT VIDEO SWITCH??????
NJM2534 NJRC-NJM2534 Datasheet
175Kb / 4P
   3-INPUT 1-OUTPUT VIDEO SWITCH????
NJM2521 NJRC-NJM2521 Datasheet
127Kb / 3P
   3-INPUT 1-OUTPUT AUDIO SWITCH?
logo
Mitsumi Electronics, Co...
MM1238 MITSUMI-MM1238 Datasheet
91Kb / 6P
   3-Input 2-Output 3-Circuit Video Switch
logo
HITRON ELECTRONICS CORP...
HVP950 HITRON-HVP950 Datasheet
129Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION(PFC)
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com