công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CAR1248FPBXXZ01A bảng dữ liệu(PDF) 4 Page - Lineage Power Corporation

tên linh kiện CAR1248FPBXXZ01A
Giải thích chi tiết về linh kiện  Universal input with PFC Constant power characteristic 3 front panel LEDs: 1-input;2-output; 3 - fault
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LINEAGEPOWER [Lineage Power Corporation]
Trang chủ  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

CAR1248FPBXXZ01A bảng dữ liệu(HTML) 4 Page - Lineage Power Corporation

  CAR1248FPBXXZ01A Datasheet HTML 1Page - Lineage Power Corporation CAR1248FPBXXZ01A Datasheet HTML 2Page - Lineage Power Corporation CAR1248FPBXXZ01A Datasheet HTML 3Page - Lineage Power Corporation CAR1248FPBXXZ01A Datasheet HTML 4Page - Lineage Power Corporation CAR1248FPBXXZ01A Datasheet HTML 5Page - Lineage Power Corporation CAR1248FPBXXZ01A Datasheet HTML 6Page - Lineage Power Corporation CAR1248FPBXXZ01A Datasheet HTML 7Page - Lineage Power Corporation CAR1248FPBXXZ01A Datasheet HTML 8Page - Lineage Power Corporation CAR1248FPBXXZ01A Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
GE
Data Sheet
CAR1248FP series rectifier
Input: 90VAC to 264VAC; Output: 48VDC @ 1200W; 5 VDC @ 0.5A
February 26, 2013
©2013 General Electric Company. All rights reserved.
Page 4
Parameter
Symbol
Min
Typ
Max
Unit
Output Voltage programming (Vprog)
Equation: VOUT = 43.2 +3.3 (Vprog -0.364)
Vprog range
Vprog
0.364
3.27
VDC
Programmed output voltage range
Vo
43.2
52.8
VDC
Voltage adjustment resolution (8-bit A/D)
Vo
12
mVDC
Output configured to the 48VDC set-point
Vprog
4.0
VDC
Enable [short pin controlling presence of the 48VDC output]
48V output OFF
VI
0.7VDD
12
VDC
48V output ON
VI
0
0.8
VDC
Write protect (Wp)
Write protect enabled
VI
0.7VDD
12
VDC
Write protect disabled
VI
0
0.8
VDC
INPUT-OK (Needs to be pulled HI via an external resistor)
Logic High (Input within normal range)
IOH
20
µA
VOH
0.7VDD
12
VDC
Logic Low (Input out of range)
IOL
20
mA
VOL
0
0.4
VDC
DC-OK ( Internally connected to 3.3V via a 10kΩ resistor)
Logic High (Output voltage is present)
IOH
20
µA
VOH
0.7VDD
12
VDC
Logic Low (Output voltage is not present)
IOL
20
mA
VOL
0
0.4
VDC
Over Temperature Warning (Needs to be pulled HI via an external
it )
Logic High (temperature within normal range)
IOH
20
µA
VOH
0.7VDD
12
VDC
Logic Low (temperature is too high)
IOL
20
mA
VOL
0
0.4
VDC
Delayed shutdown after Logic Low transition
Tdelay
10
sec
Fault (Needs to be pulled HI via an external resistor)
Logic High (No fault is present)
IOH
20
µA
VOH
0.7VDD
12
VDC
Logic Low (Fault is present)
IOL
20
mA
VOL
0
0.4
VDC
PS Present (Needs to be pulled HI via an external resistor)
Logic High (Power supply is not plugged in)
Logic Low (Power supply is present)
VIL
0
0.1
VDC
SMBAlert# (Interrupt) (Needs to be pulled HI via an external
resistor)
Logic High (No Alert - normal)
IOH
20
µA
VOH
0.7VDD
12
VDC
Logic Low (Alert is set)
IOL
4
mA
VOL
0
0.4
VDC


Số phần tương tự - CAR1248FPBXXZ01A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Lineage Power Corporati...
CAR1248FPB-1A LINEAGEPOWER-CAR1248FPB-1A Datasheet
890Kb / 2P
   1200 Watt 48V Front End Power Supply
CAR1248FPBYO-1A LINEAGEPOWER-CAR1248FPBYO-1A Datasheet
890Kb / 2P
   1200 Watt 48V Front End Power Supply
CAR1248FPBZO-1A LINEAGEPOWER-CAR1248FPBZO-1A Datasheet
890Kb / 2P
   1200 Watt 48V Front End Power Supply
More results

Mô tả tương tự - CAR1248FPBXXZ01A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Lineage Power Corporati...
CAR1248TN LINEAGEPOWER-CAR1248TN_14 Datasheet
266Kb / 8P
   Universal input with PFC Constant power characteristic 3 front panel LEDs: 1-input;2-output; 3 - fault
CAR2024FP LINEAGEPOWER-CAR2024FP_14 Datasheet
261Kb / 7P
   Universal input with PFC Constant power characteristic front panel LEDs: input, output, fault
CAR2012TE LINEAGEPOWER-CAR2012TE Datasheet
444Kb / 20P
   Universal input with PFC Constant power characteristic 2 front panel LEDs: 1-input;2
CAR1612FP LINEAGEPOWER-CAR1612FP_14 Datasheet
293Kb / 7P
   Universal input with PFC Constant power characteristic 2 front panel LED 1-input LED 2-[output, fault, over temp]
logo
Mitsumi Electronics, Co...
MM1111 MITSUMI-MM1111 Datasheet
231Kb / 10P
   2-Input 1-Output Video Switch / 3-Input 1-Output Video Switch
logo
New Japan Radio
NJM2535 NJRC-NJM2535 Datasheet
196Kb / 4P
   3-INPUT 1-OUTPUT VIDEO SWITCH??????
NJM2534 NJRC-NJM2534 Datasheet
175Kb / 4P
   3-INPUT 1-OUTPUT VIDEO SWITCH????
NJM2521 NJRC-NJM2521 Datasheet
127Kb / 3P
   3-INPUT 1-OUTPUT AUDIO SWITCH?
logo
Mitsumi Electronics, Co...
MM1238 MITSUMI-MM1238 Datasheet
91Kb / 6P
   3-Input 2-Output 3-Circuit Video Switch
logo
HITRON ELECTRONICS CORP...
HVP950 HITRON-HVP950 Datasheet
129Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION(PFC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com