công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CAR0812DC bảng dữ liệu(PDF) 2 Page - Lineage Power Corporation

tên linh kiện CAR0812DC
Giải thích chi tiết về linh kiện  Reverse input voltage protection Remote ON/OFF control of the 12VDC output
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LINEAGEPOWER [Lineage Power Corporation]
Trang chủ  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

CAR0812DC bảng dữ liệu(HTML) 2 Page - Lineage Power Corporation

  CAR0812DC Datasheet HTML 1Page - Lineage Power Corporation CAR0812DC Datasheet HTML 2Page - Lineage Power Corporation CAR0812DC Datasheet HTML 3Page - Lineage Power Corporation CAR0812DC Datasheet HTML 4Page - Lineage Power Corporation CAR0812DC Datasheet HTML 5Page - Lineage Power Corporation CAR0812DC Datasheet HTML 6Page - Lineage Power Corporation CAR0812DC Datasheet HTML 7Page - Lineage Power Corporation CAR0812DC Datasheet HTML 8Page - Lineage Power Corporation CAR0812DC Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
GE
Data Sheet
CAR0812DC Series DC-DC Converter
Input: -36VDC to -75VDC; Output: +12 VDC @ 850W; 3.3VDC or 5 VDC @ 1A
April 23, 2013
©2013 General Electric Company. All rights reserved.
Page 2
Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. These are absolute stress ratings
only, functional operation of the device is not implied at these or any other conditions in excess of those given in the operations
sections of the data sheet. Exposure to absolute maximum ratings for extended periods can adversely affect the device reliability.
Parameter
Symbol
Min
Max
Unit
Input Voltage: Continuous
VIN
+0.3
-75
VDC
Operating Ambient Temperature
TA
-10
701
°C
Storage Temperature
Tstg
-40
85
°C
I/O Isolation voltage (100% factory Hi-Pot tested)
1500
VDC
Electrical Specifications
Unless otherwise indicated, specifications apply over all operating input voltage, load, and temperature conditions.
INPUT
Parameter
Symbol
Min
Typ
Max
Unit
Operational Range
VIN
-36
-48/60
-75
VDC
12VDC output turned OFF
VIN
-32
-33
-35
VDC
12VDC turned ON
VIN
-33
-35
-36
VDC
Maximum Input Current
IIN
27.1
ADC
(VIN= -36VDC, VOUT= VO, set, IOUT=IO, max)
Cold Start Inrush Current
IIN
40
Apeak
(Excluding x-caps, 25C, <10ms, per ETSI 300-132)
Efficiency (TAMB=25C, VIN=-48VDC, VOUT=12VDC)
10% load
80
%
20% load
88
50% load
92
100% load
89
Holdup time – 12VDC(Tamb 25C, VIN -48VDC, Cext 5,000µf)
T
22
ms
Isolation TAMB=25C, VIN=-48VDC, VOUT=12VDC - Input/Output
1500
VDC
Input/Frame
1500
1 minute per IEC/EN 60950-1) Output/Frame
100
Ground lug
Connection required to meet EMI performance
12Vdc MAIN OUTPUT
Parameter
Symbol
Min
Typ
Max
Unit
Output power
POUT
0
850
WDC
Set point
VOUT
11.98
12.00
12.02
VDC
Overall regulation (load, temperature, aging)
-3
+3
%
Ripple and noise3
120
mVp-p
Turn-ON overshoot
+3
%
Turn-ON delay
T
2
sec
1
Derated above 50C at 2.5%/C
2
Full load, with 5,000µf external capacitance, 12Vdc set point, droop to 10.8Vdc permitted, > -48Vdc input
3
Measured across a 10µf tantalum and a 0.1µf ceramic capacitors in parallel. For Vin > 60Vdc the PARD is relaxed to 150mVp-p.


Số phần tương tự - CAR0812DC

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
CAR0812FP ETC2-CAR0812FP Datasheet
10Mb / 32P
   End-to-End Embedded Power
logo
General Electric Compan...
CAR0812FP GEC-CAR0812FP Datasheet
322Kb / 15P
   Input: 85VAC to 264VAC; Output: 12VDC @ 850W; 3.3VDC or 5 VDC @ 1A
May 2, 2013
logo
Lineage Power Corporati...
CAR0812FP LINEAGEPOWER-CAR0812FP Datasheet
223Kb / 2P
   850 Watt 12V Front End Power Supply
rev 100728
logo
General Electric Compan...
CAR0812FPBX5Z01A GEC-CAR0812FPBX5Z01A Datasheet
322Kb / 15P
   Input: 85VAC to 264VAC; Output: 12VDC @ 850W; 3.3VDC or 5 VDC @ 1A
May 2, 2013
CAR0812FPBX5Z01B GEC-CAR0812FPBX5Z01B Datasheet
322Kb / 15P
   Input: 85VAC to 264VAC; Output: 12VDC @ 850W; 3.3VDC or 5 VDC @ 1A
May 2, 2013
More results

Mô tả tương tự - CAR0812DC

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Delta Electronics, Inc.
DPS-350QB DELTA-DPS-350QB Datasheet
360Kb / 1P
   Remote On/Off
logo
Rohm
BH25FB1WHFV-TR ROHM-BH25FB1WHFV-TR Datasheet
702Kb / 9P
   Stable with ceramic output capacitors, Output voltage ON/OFF control
logo
List of Unclassifed Man...
LPT60 ETC1-LPT60 Datasheet
857Kb / 2P
   Universal input, Remote sense on main output, Low output ripple, Overvoltage protection
logo
Lineage Power Corporati...
QBK025A0B1 LINEAGEPOWER-QBK025A0B1 Datasheet
466Kb / 16P
   36-55Vdc Input; 12Vdc Output Voltage; 25A Output Current
logo
Emerson Network Power
AGQ100-48S12 EMERSON-NETWORKPOWER-AGQ100-48S12 Datasheet
523Kb / 16P
   48Vdc Input,12Vdc 8.3A Output
logo
SynQor Worldwide Headqu...
BQ55120QEX50 SYNQOR-BQ55120QEX50 Datasheet
1Mb / 14P
   On/Off control referenced to input side
logo
Ceramate Technical
CP8223R CERAMATE-CP8223R Datasheet
119Kb / 8P
   CP8223R IC is the control IC of remote emitter, built-in ON/OFF, SPEED, TIME, RHY/SLP, OSC 5keys
logo
SHENZHEN KYL COMMUNICAT...
KYL-812 KYL-KYL-812_1 Datasheet
70Kb / 5P
   wireless ON-OFF input and output module
logo
Lineage Power Corporati...
EQW006A0B LINEAGEPOWER-EQW006A0B Datasheet
980Kb / 19P
   36 - 75Vdc Input; 12Vdc Output; 6A Output Current
QBE025A0B1 LINEAGEPOWER-QBE025A0B1 Datasheet
454Kb / 16P
   42 - 53Vdc input; 12Vdc Output; 25A output current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com