công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GSW-4876 bảng dữ liệu(PDF) 3 Page - Level One

tên linh kiện GSW-4876
Giải thích chi tiết về linh kiện  48 Gigabit Ethernet ports and 2 Gigabit SFP slots MLD, Telnet, SNMP V1, V2c & V3, RMON, Web Browser, and TFTP Management
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LVL1 [Level One]
Trang chủ  http://www.level1.com/
Logo LVL1 - Level One

GSW-4876 bảng dữ liệu(HTML) 3 Page - Level One

  GSW-4876 Datasheet HTML 1Page - Level One GSW-4876 Datasheet HTML 2Page - Level One GSW-4876 Datasheet HTML 3Page - Level One GSW-4876 Datasheet HTML 4Page - Level One GSW-4876 Datasheet HTML 5Page - Level One GSW-4876 Datasheet HTML 6Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Supports WRR, Strict scheduling, or hybrid mode
Rate Limiting
- Ingress: Resolution 16 Kbps
- Egress: Resolution 16 Kbps
Spanning Tree Protocol:
- IEEE 802.1D Spanning Tree Protocol (STP)
- IEEE 802.1w Rapid Spanning Tree Protocol (RSTP)
- STP Auto Edge
Auto-negotiation for port speed and duplex mode
Flow Control:
- IEEE 802.3x for full-duplex mode
- Back-Pressure for half-duplex mode
VLANs:
- Supports 4K IEEE 802.1Q VLANs
- Port-based VLANs
- Voice VLAN
- Private VLAN
Link Aggregation:
- Static Trunk
- IEEE 802.3ad Link Aggregation Control Protocol
- Trunk groups: 25 trunk links: Up to 8 ports
IGMP Snooping:
- IGMP v1/v2/v3 snooping
- IGMP immediate leave
- Supports jumbo frames up to 10 KB
Security:
Port Security: Static and dynamic
EAPOL transparent
MAC authentication
Web authentication
DHCP Snooping
Storm Control:
Prevents traffic on a LAN from being disrupted by a broadcast, multicast, or unicast storm on a port
Access Control:
SSH v1/v2 supported; HTTPS/SSL; IEEE 802.1X Radius/Tacacs+ authentication; Dynamic VLAN
assignment
ACLs: Support for up to 512 entries
Filtering: Port-/MAC-/IP-based security
Management:
Switch Management:
- Web management
- SNMP v1/v2/v3
Firmware and Configuration: Upgrade via TFTP/HTTP
Supports DHCP Client
Supports LLDP (802.1ab) and LLDP-MED
RMON (groups 1, 2, 3, and 9)
Port mirroring: one to one and many to one
Event log: Local flash, syslog, remote server (RFC3164) and
SMTP
www.level1.com
Page 3 of 6


Số phần tương tự - GSW-4876

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Level One
GSW-4876 LVL1-GSW-4876_16 Datasheet
492Kb / 5P
   50-Port Web Smart Gigabit Ethernet Switch, 2 x SFP
More results

Mô tả tương tự - GSW-4876

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Level One
GTL-2691 LVL1-GTL-2691 Datasheet
552Kb / 6P
   24 Gigabit Ethernet ports with 4 shared SFP slots and 2 10G slots Multicast routing IGMP V1/V2/V3, MLD
logo
Axiomtek Co., Ltd.
SBC87842 AXIOMTEK-SBC87842 Datasheet
335Kb / 1P
   2 Gigabit Ethernet ports and 2 USB 2.0 ports
logo
Level One
GEP-2672 LVL1-GEP-2672 Datasheet
516Kb / 6P
   24 PoE-Plus Gigabit Ethernet ports with 4 shared SFP slots 2 Gigabit SFP slots 10/100/1000Mbps wire speed transmission and reception
GEP-2671 LVL1-GEP-2671 Datasheet
502Kb / 6P
   24 PoE-Plus Gigabit Ethernet ports with 4 shared SFP slots 2 Gigabit SFP slots 10/100/1000Mbps wire speed transmission and reception
GES-1651 LVL1-GES-1651 Datasheet
381Kb / 5P
   16 Gigabit Ethernet ports with 2 shared SFP slots 10/100/1000Mbps wire speed transmission and reception
GSW-4876 LVL1-GSW-4876_16 Datasheet
492Kb / 5P
   50-Port Web Smart Gigabit Ethernet Switch, 2 x SFP
logo
List of Unclassifed Man...
SNMPWEBCARD ETC2-SNMPWEBCARD Datasheet
504Kb / 4P
   For remote monitoring and control via SNMP, Web or Telnet
logo
Level One
GTL-2060 LVL1-GTL-2060 Datasheet
212Kb / 4P
   20-Port L2 Managed Gigabit Ethernet Switch, 12 Ports SFP Plus 10-Gigabit, 8 ports Gigabit Ethernet
logo
PHOENIX CONTACT
2891161 PHOENIX-2891161 Datasheet
60Kb / 5P
   Secure web-based and SNMP-based management
logo
Level One
GTL-2660 LVL1-GTL-2660 Datasheet
213Kb / 4P
   26-Port L2 Managed Gigabit Ethernet Fiber Switch, 24 Ports SFP/4 Ports RJ45 Combo, 2 Ports SFP Plus 10-Gigabit Ethernet
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com