công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SMAJ100 bảng dữ liệu(PDF) 10 Page - Leshan Radio Company

tên linh kiện SMAJ100
Giải thích chi tiết về linh kiện  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LRC [Leshan Radio Company]
Trang chủ  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

SMAJ100 bảng dữ liệu(HTML) 10 Page - Leshan Radio Company

Back Button SMAJ100 Datasheet HTML 3Page - Leshan Radio Company SMAJ100 Datasheet HTML 4Page - Leshan Radio Company SMAJ100 Datasheet HTML 5Page - Leshan Radio Company SMAJ100 Datasheet HTML 6Page - Leshan Radio Company SMAJ100 Datasheet HTML 7Page - Leshan Radio Company SMAJ100 Datasheet HTML 8Page - Leshan Radio Company SMAJ100 Datasheet HTML 9Page - Leshan Radio Company SMAJ100 Datasheet HTML 10Page - Leshan Radio Company SMAJ100 Datasheet HTML 11Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
标题Titile:
LRC标签label
ROHS标签
无卤标签 HF label
注意事项NOTE:
1. 13"卷盘内盒装好产品,需用热缩膜包装;13"reel
’inner box must be packed by shrink film
2. 所有编带产品卷装完成后,用白色胶带将编带粘牢;
every tape after packing,must be fixed by white adhesive tape
3.1产品出厂检验报告 testing report of the OQC
每批出货时,需要附上出厂检验报告
every lot must with test report
3.2尾箱
同一编码每批次只允许出现一个尾数箱,对于尾数物料,须用缓冲材料对空余部分填充好,
保证物料在受到一定的外作用力下不发生明显移动,且物料间无碰撞。
The same coding is only one ending for each batch box materials for the mantissa to
be good filled with cushioning material.
MARK:******
Q'TY:******
文件编号:
WI-258
塑封生产线SMD产品包装规范
第 3 版
第 0 次修改
6
DATE:******
TYPE:******
Packaging specification of SMD
LRC产品型号
印字型号
产品生产日期
产品数量
Green


Số phần tương tự - SMAJ100

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Socay Electornics Co., ...
SMAJ100 SOCAY-SMAJ100 Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Jinan Gude Electronic D...
SMAJ100 JGD-SMAJ100 Datasheet
313Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Yangzhou yangjie electr...
SMAJ100 YANGJIE-SMAJ100 Datasheet
183Kb / 7P
   Surface Mount Transient Voltage Suppressor Diodes
logo
Socay Electornics Co., ...
SMAJ100 SOCAY-SMAJ100 Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
RFE international
SMAJ100 RFE-SMAJ100 Datasheet
55Kb / 1P
   SURFACE MOUNT TVS DIODE Electrical Characteristics, 33 to 170 Volts
More results

Mô tả tương tự - SMAJ100

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com