công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DAC904E bảng dữ liệu(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
tên linh kiện DAC904E
Giải thích chi tiết về linh kiện  14-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BURR-BROWN [Burr-Brown (TI)]
Trang chủ  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC904E bảng dữ liệu(HTML) 2 Page - Burr-Brown (TI)

  DAC904E Datasheet HTML 1Page - Burr-Brown (TI) DAC904E Datasheet HTML 2Page - Burr-Brown (TI) DAC904E Datasheet HTML 3Page - Burr-Brown (TI) DAC904E Datasheet HTML 4Page - Burr-Brown (TI) DAC904E Datasheet HTML 5Page - Burr-Brown (TI) DAC904E Datasheet HTML 6Page - Burr-Brown (TI) DAC904E Datasheet HTML 7Page - Burr-Brown (TI) DAC904E Datasheet HTML 8Page - Burr-Brown (TI) DAC904E Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
®
DAC904
2
SPECIFICATIONS
At T
A = full specified temperature range, +VA = +5V, +VD = +5V, differential transformer coupled output, 50Ω doubly terminated, unless otherwise specified.
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant
any BURR-BROWN product for use in life support devices and/or systems.
DAC904U/E
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Resolution
14
Bits
Output Update Rate (fCLOCK)
4.5V to 5.5V
165
200
MSPS
Output Update Rate
2.7V to 3.3V
125
165
MSPS
Full Specified Temperature Range, Operating
Ambient, TA
–40
+85
°C
STATIC ACCURACY(1)
TA = +25°C
Differential Nonlinearity (DNL)
fCLOCK = 25MSPS, fOUT = 1.0MHz
±2.5
LSB
Integral Nonlinearity (INL)
±3.0
LSB
DYNAMIC PERFORMANCE
TA = +25°C
Spurious Free Dynamic Range (SFDR)
To Nyquist
fOUT = 1.0MHz, fCLOCK = 25MSPS
72
79
dBc
fOUT = 2.1MHz, fCLOCK = 50MSPS
76
dBc
fOUT = 5.04MHz, fCLOCK = 50MSPS
68
dBc
fOUT = 5.04MHz, fCLOCK = 100MSPS
68
dBc
fOUT = 20.2MHz, fCLOCK = 100MSPS
64
dBc
fOUT = 25.3MHz, fCLOCK = 125MSPS
60
dBc
fOUT = 41.5MHz, fCLOCK = 125MSPS
55
dBc
fOUT = 27.4MHz, fCLOCK = 165MSPS
60
dBc
fOUT = 54.8MHz, fCLOCK = 165MSPS
55
dBc
Spurious Free Dynamic Range within a Window
fOUT = 5.04MHz, fCLOCK = 50MSPS
2MHz Span
82
dBc
fOUT = 5.04MHz, fCLOCK = 100MSPS
4MHz Span
82
dBc
Total Harmonic Distortion (THD)
fOUT = 2.1MHz, fCLOCK = 50MSPS
–75
dBc
fOUT = 2.1MHz, fCLOCK = 125MSPS
–74
dBc
Two Tone
fOUT1 = 13.5MHz, fOUT2 = 14.5MHz, fCLOCK = 100MSPS
63
dBc
Output Settling Time(2)
to 0.1%
30
ns
Output Rise Time(2)
10% to 90%
2
ns
Output Fall Time(2)
10% to 90%
2
ns
Glitch Impulse
3
pV-s
DC-ACCURACY
Full-Scale Output Range(3)(FSR)
All Bits High, IOUT
2.0
20.0
mA
Output Compliance Range
–1.0
+1.25
V
Gain Error
With Internal Reference
–10
±1
+10
%FSR
Gain Error
With External Reference
–10
±2
+10
%FSR
Gain Drift
With Internal Reference
±120
ppmFSR/
°C
Offset Error
With Internal Reference
–0.025
+0.025
%FSR
Offset Drift
With Internal Reference
±0.1
ppmFSR/
°C
Power Supply Rejection, +VA
–0.2
+0.2
%FSR/V
Power Supply Rejection, +VD
–0.025
+0.025
%FSR/V
Output Noise
IOUT = 20mA, RLOAD = 50Ω
50
pA/
√Hz
Output Resistance
200
k
Output Capacitance
IOUT, IOUT to Ground
12
pF
REFERENCE
Reference Voltage
+1.24
V
Reference Tolerance
±10
%
Reference Voltage Drift
±50
ppmFSR/
°C
Reference Output Current
10
µA
Reference Input Resistance
1M
Reference Input Compliance Range
0.1
1.25
V
Reference Small Signal Bandwidth(4)
1.3
MHz
DIGITAL INPUTS
Logic Coding
Straight Binary
Latch Command
Rising Edge of Clock
Logic High Voltage, VIH
+VD = +5V
3.5
5
V
Logic Low Voltage, VIL
+VD = +5V
0
1.2
V
Logic High Voltage, VIH
+VD = +3V
2
3
V
Logic Low Voltage, VIL
+VD = +3V
0
0.8
V
Logic High Current, IIH(5)
+VD = +5V
±20
µA
Logic Low Current, IIL
+VD = +5V
±20
µA
Input Capacitance
5pF


Số phần tương tự - DAC904E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
DAC904E TI1-DAC904E Datasheet
789Kb / 23P
[Old version datasheet]   14-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
DAC904E/2K5 TI1-DAC904E/2K5 Datasheet
789Kb / 23P
[Old version datasheet]   14-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
DAC904E/2K5G4 TI1-DAC904E/2K5G4 Datasheet
789Kb / 23P
[Old version datasheet]   14-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
DAC904EG4 TI1-DAC904EG4 Datasheet
789Kb / 23P
[Old version datasheet]   14-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
More results

Mô tả tương tự - DAC904E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
DAC904 TI1-DAC904 Datasheet
789Kb / 23P
[Old version datasheet]   14-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC902 BURR-BROWN-DAC902 Datasheet
216Kb / 16P
   12-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC900 TI1-DAC900 Datasheet
798Kb / 24P
[Old version datasheet]   10-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
DAC908 TI1-DAC908 Datasheet
789Kb / 23P
[Old version datasheet]   8-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC900 BURR-BROWN-DAC900 Datasheet
192Kb / 16P
   10-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
DAC908 BURR-BROWN-DAC908 Datasheet
180Kb / 15P
   8-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC902 TI1-DAC902 Datasheet
802Kb / 24P
[Old version datasheet]   12-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
logo
DATEL, Inc.
5962-9319801HXC-14 DATEL-5962-9319801HXC-14 Datasheet
159Kb / 1P
   14-Bit 5MHz Analog To Digital Converter
5962-9319803HXC-14 DATEL-5962-9319803HXC-14 Datasheet
159Kb / 1P
   14-Bit 5MHz Analog To Digital Converter
logo
Analog Devices
HAS-1409 AD-HAS-1409_15 Datasheet
3Mb / 6P
   14 BIT 125KHZ ANALOG TO DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com