công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS8321E bảng dữ liệu(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
tên linh kiện ADS8321E
Giải thích chi tiết về linh kiện  16-Bit, High Speed, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BURR-BROWN [Burr-Brown (TI)]
Trang chủ  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS8321E bảng dữ liệu(HTML) 1 Page - Burr-Brown (TI)

  ADS8321E Datasheet HTML 1Page - Burr-Brown (TI) ADS8321E Datasheet HTML 2Page - Burr-Brown (TI) ADS8321E Datasheet HTML 3Page - Burr-Brown (TI) ADS8321E Datasheet HTML 4Page - Burr-Brown (TI) ADS8321E Datasheet HTML 5Page - Burr-Brown (TI) ADS8321E Datasheet HTML 6Page - Burr-Brown (TI) ADS8321E Datasheet HTML 7Page - Burr-Brown (TI) ADS8321E Datasheet HTML 8Page - Burr-Brown (TI) ADS8321E Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
ADS8321
DESCRIPTION
The ADS8321 is a 16-bit sampling analog-to-digital
converter with guaranteed specifications over a 4.75V
to 5.25V supply range. It requires very little power
even when operating at the full 100kHz data rate. At
lower data rates, the high speed of the device enables
it to spend most of its time in the power-down mode—
the average power dissipation is less than 1mW at
10kHz data rate.
The ADS8321 also features a synchronous serial
(SPI/SSI compatible) interface, and a differential in-
put. The reference voltage can be set to any level
within the range of 500mV to 2.5V.
Ultra-low power and small size make the ADS8321
ideal for portable and battery-operated systems. It is
also a perfect fit for remote data acquisition mod-
ules, simultaneous multi-channel systems, and iso-
lated data acquisition. The ADS8321 is available in
an 8-lead MSOP package.
16-Bit, High Speed, MicroPower Sampling
ANALOG-TO-DIGITAL CONVERTER
®
©1999 Burr-Brown Corporation
PDS-1537A
Printed in U.S.A. Setpember, 1999
FEATURES
q BIPOLAR INPUT RANGE
q 100kHz SAMPLING RATE
q MICRO POWER:
4.5mW at 100kHz
1mW at 10kHz
q POWER DOWN: 3
µA max
q 8-LEAD MSOP PACKAGE
q PIN-COMPATIBLE TO ADS7816 AND
ADS7822
q SERIAL (SPI/SSI) INTERFACE
APPLICATIONS
q BATTERY OPERATED SYSTEMS
q REMOTE DATA ACQUISITION
q ISOLATED DATA ACQUISITION
q SIMULTANEOUS SAMPLING,
MULTI-CHANNEL SYSTEMS
q INDUSTRIAL CONTROLS
q ROBOTICS
q VIBRATION ANALYSIS
International Airport Industrial Park • Mailing Address: PO Box 11400, Tucson, AZ 85734 • Street Address: 6730 S. Tucson Blvd., Tucson, AZ 85706 • Tel: (520) 746-1111
Twx: 910-952-1111 • Internet: http://www.burr-brown.com/ • Cable: BBRCORP • Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132
For most current data sheet and other product
information, visit www.burr-brown.com
SAR
Serial
Interface
Comparator
ADS8321
S/H Amp
DCLOCK
D
OUT
CS/SHDN
+In
V
REF
–In
CDAC


Số phần tương tự - ADS8321E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Burr-Brown (TI)
ADS8321E/250 BURR-BROWN-ADS8321E/250 Datasheet
604Kb / 18P
   16-Bit, High Speed, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8321E/250 TI1-ADS8321E/250 Datasheet
858Kb / 19P
[Old version datasheet]   16-Bit, High Speed, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8321E/250G4 TI1-ADS8321E/250G4 Datasheet
858Kb / 19P
[Old version datasheet]   16-Bit, High Speed, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8321E/2K5 BURR-BROWN-ADS8321E/2K5 Datasheet
604Kb / 18P
   16-Bit, High Speed, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8321E/2K5 TI1-ADS8321E/2K5 Datasheet
858Kb / 19P
[Old version datasheet]   16-Bit, High Speed, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Mô tả tương tự - ADS8321E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS8321 TI1-ADS8321_14 Datasheet
858Kb / 20P
[Old version datasheet]   16-Bit, High Speed, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8321 TI1-ADS8321 Datasheet
858Kb / 19P
[Old version datasheet]   16-Bit, High Speed, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8321 BURR-BROWN-ADS8321_12 Datasheet
604Kb / 18P
   16-Bit, High Speed, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8317 TI-ADS8317 Datasheet
802Kb / 29P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8325 BURR-BROWN-ADS8325 Datasheet
444Kb / 21P
   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8320 BURR-BROWN-ADS8320 Datasheet
105Kb / 13P
   16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8320 TI1-ADS8320_14 Datasheet
876Kb / 22P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8326 TI1-ADS8326 Datasheet
1Mb / 39P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8320 TI1-ADS8320 Datasheet
875Kb / 21P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8325 TI1-ADS8325 Datasheet
1Mb / 36P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com