công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADS824E bảng dữ liệu(PDF) 1 Page - Burr-Brown (TI) |
|
|
ADS824E bảng dữ liệu(HTML) 1 Page - Burr-Brown (TI) |
1 / 12 page ADS824 ® 10-Bit, 70MHz Sampling ANALOG-TO-DIGITAL CONVERTER International Airport Industrial Park • Mailing Address: PO Box 11400, Tucson, AZ 85734 • Street Address: 6730 S. Tucson Blvd., Tucson, AZ 85706 • Tel: (520) 746-1111 Twx: 910-952-1111 • Internet: http://www.burr-brown.com/ • Cable: BBRCORP • Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132 FEATURES q HIGH SNR: 59dB q HIGH SFDR: 70dB q LOW POWER: 315mW q INTERNAL/EXTERNAL REFERENCE OPTION q SINGLE-ENDED OR DIFFERENTIAL ANALOG INPUT q PROGRAMMABLE INPUT RANGE: 1Vp-p or 2Vp-p q LOW DNL: 0.3LSB q SINGLE +5V SUPPLY OPERATION q +3V DIGITAL OUTPUT CAPABILITY q POWER DOWN: 20mW q 28-LEAD SSOP PACKAGE APPLICATIONS q MEDICAL IMAGING q HDTV VIDEO DIGITIZING q COMMUNICATIONS q TEST EQUIPMENT DESCRIPTION The ADS824 is a pipeline, CMOS analog-to-digital converter that operates from a single +5V power supply. This converter provides excellent performance with a single-ended input and can be operated with a differential input for added spurious performance. This high performance converter includes a 10-bit quantizer, high bandwidth track/hold, and a high accuracy internal reference. It also allows for the user to disable the internal reference and utilize external references. This external reference option provides excellent gain and offset matching when used in multi-channel applications or in applications where full scale range adjustment is required. The ADS824 employs digital error correction techniques to provide excellent differential linearity for demanding imaging applications. Its low distortion and high SNR give the extra margin needed for medical imaging, communications, video, and test instrumentation. The ADS824 offers power dissipa- tion of 315mW and also provides a power-down mode, thus reducing power dissipation to only 20mW. The ADS824 is specified at a maximum sampling frequency of 70MHz and a single-ended input range of 1.5V to 3.5V. The ADS824 is available in a 28-lead SSOP package and is pin compatible with the 10-bit, 40MHz ADS822 and the 10-bit, 60MHz ADS823. ADS824E TM ©1997 Burr-Brown Corporation PDS-1403C Printed in U.S.A. April, 1999 10-Bit Pipelined A/D Core Internal Reference Optional External Reference Timing Circuitry Error Correction Logic 3-State Outputs T/H CLK VDRV ADS824 +V S OE PD Int/Ext D0 D9 • • • IN V IN IN CM |
Số phần tương tự - ADS824E |
|
Mô tả tương tự - ADS824E |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |