công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS823 bảng dữ liệu(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS823
Giải thích chi tiết về linh kiện  10-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

ADS823 bảng dữ liệu(HTML) 1 Page - Texas Instruments

  ADS823 Datasheet HTML 1Page - Texas Instruments ADS823 Datasheet HTML 2Page - Texas Instruments ADS823 Datasheet HTML 3Page - Texas Instruments ADS823 Datasheet HTML 4Page - Texas Instruments ADS823 Datasheet HTML 5Page - Texas Instruments ADS823 Datasheet HTML 6Page - Texas Instruments ADS823 Datasheet HTML 7Page - Texas Instruments ADS823 Datasheet HTML 8Page - Texas Instruments ADS823 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
10-Bit, 60MHz Sampling
ANALOG-TO-DIGITAL CONVERTER
APPLICATIONS
q MEDICAL IMAGING
q COMMUNICATIONS
q CCD IMAGING
q VIDEO DIGITIZING
q TEST EQUIPMENT
DESCRIPTION
The ADS823 and ADS826 are pipeline, CMOS Analog-to-
Digital Converters (ADCs) that operate from a single +5V
power supply. These converters provide excellent perfor-
mance with a single-ended input and can be operated with a
differential input for added spurious performance. These
high-performance converters include a 10-bit quantizer, high-
bandwidth track-and-hold, and a high-accuracy internal ref-
erence. They also allow for disabling the internal reference
and utilizing external references. This external reference
option provides excellent gain and offset matching when
used in multi-channel applications or in applications where
full-scale range adjustment is required.
FEATURES
q HIGH SNR: 60dB
q HIGH SFDR: 74dBFS
q LOW POWER: 265mW
q INTERNAL/EXTERNAL REFERENCE OPTION
q SINGLE-ENDED OR
DIFFERENTIAL ANALOG INPUT
q PROGRAMMABLE INPUT RANGE
q LOW DNL: 0.25LSB
q SINGLE +5V SUPPLY OPERATION
10-Bit
Pipelined
A/D Core
Internal
Reference
Optional External
Reference
Timing
Circuitry
Error
Correction
Logic
3-State
Outputs
T/H
CLK
VDRV
ADS823
ADS826
+V
S
OE
PD
Int/Ext
D0
D9
IN
V
IN
IN
CM
ADS823
ADS826
ADS823
ADS826
SBAS070B – OCTOBER 1995 – REVISED AUGUST 2002
www.ti.com
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright © 1995, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
q +3V/+5V LOGIC I/O COMPATIBLE (ADS826)
q POWER DOWN: 20mW
q SSOP-28 PACKAGE
The ADS823 and ADS826 employ digital error correction
techniques to provide excellent differential linearity for de-
manding imaging applications. Their low distortion and high
SNR give the extra margin needed for medical imaging,
communications, video, and test instrumentation. The ADS823
and ADS826 offer power dissipation of 265mW and also
provide a power-down mode, thus reducing power dissipa-
tion to only 20mW.
The ADS823 and ADS826 are specified at a maximum
sampling frequency of 60MHz and a single-ended input
range of 1.5V to 3.5V. The ADS823 and ADS826 are avail-
able in an SSOP-28 package and are pin-compatible with the
10-bit, 40MHz ADS822 and ADS825, and the 10-bit, 75MHz
ADS828.


Số phần tương tự - ADS823

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS823 TI1-ADS823 Datasheet
876Kb / 20P
[Old version datasheet]   10-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS823E TI1-ADS823E Datasheet
876Kb / 20P
[Old version datasheet]   10-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS823E1K TI1-ADS823E1K Datasheet
876Kb / 20P
[Old version datasheet]   10-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS823E1KG4 TI1-ADS823E1KG4 Datasheet
876Kb / 20P
[Old version datasheet]   10-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS823EG4 TI1-ADS823EG4 Datasheet
876Kb / 20P
[Old version datasheet]   10-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Mô tả tương tự - ADS823

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS823 TI1-ADS823_14 Datasheet
876Kb / 20P
[Old version datasheet]   10-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS830 TI1-ADS830_14 Datasheet
556Kb / 16P
[Old version datasheet]   8-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS830 BURR-BROWN-ADS830 Datasheet
177Kb / 11P
   8-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS902 BURR-BROWN-ADS902 Datasheet
149Kb / 11P
   10-Bit, 30MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS820 BURR-BROWN-ADS820 Datasheet
295Kb / 14P
   10-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS824 BURR-BROWN-ADS824 Datasheet
185Kb / 12P
   10-Bit, 70MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS821 BURR-BROWN-ADS821 Datasheet
312Kb / 18P
   10-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS828 BURR-BROWN-ADS828 Datasheet
172Kb / 12P
   10-Bit, 75MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS820 TI1-ADS820 Datasheet
418Kb / 21P
[Old version datasheet]   10-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
THS10064 TI-THS10064 Datasheet
543Kb / 41P
[Old version datasheet]   10-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com