công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS821 bảng dữ liệu(PDF) 10 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
tên linh kiện ADS821
Giải thích chi tiết về linh kiện  10-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BURR-BROWN [Burr-Brown (TI)]
Trang chủ  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS821 bảng dữ liệu(HTML) 10 Page - Burr-Brown (TI)

Back Button ADS821 Datasheet HTML 6Page - Burr-Brown (TI) ADS821 Datasheet HTML 7Page - Burr-Brown (TI) ADS821 Datasheet HTML 8Page - Burr-Brown (TI) ADS821 Datasheet HTML 9Page - Burr-Brown (TI) ADS821 Datasheet HTML 10Page - Burr-Brown (TI) ADS821 Datasheet HTML 11Page - Burr-Brown (TI) ADS821 Datasheet HTML 12Page - Burr-Brown (TI) ADS821 Datasheet HTML 13Page - Burr-Brown (TI) ADS821 Datasheet HTML 14Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
www.ti.com
ADS821
10
SBAS040B
time-align it with the data created from the following quan-
tizer stages. This aligned data is fed into a digital error
correction circuit that can adjust the output data based on the
information found on the redundant bits. This technique gives
the ADS821 excellent differential linearity and ensures no
missing-codes at the 10-bit level.
The output data is available in Straight Offset Binary (SOB) or
Binary Two’s Complement (BTC) format.
THE ANALOG INPUT AND INTERNAL REFERENCE
The analog input of the ADS821 can be configured in various
ways and driven with different circuits, depending on the
nature of the signal and the level of performance desired. The
ADS821 has an internal reference that sets the full-scale
input range of the A/D converter. The differential input range
has each input centered around the common-mode of +2.25V,
with each of the two inputs having a full-scale range of +1.25V
to +3.25V. Since each input is 2Vp-p and 180
° out-of-phase
with the other, a 4V differential input signal to the quantizer
results. As shown in Figure 3, the positive full-scale reference
(REFT) and the negative full-scale reference (REFB) are
brought out for external bypassing. In addition, the common-
mode (CM) voltage may be used as a reference to provide the
appropriate offset for the driving circuitry. However, care must
be taken not to appreciably load this reference node. For
more information regarding external references, single-ended
inputs, and ADS821 drive circuits, refer to the applications
section.
For most applications, the clock duty should be set to
50%. For applications requiring no missing codes, how-
ever, a slight skew in the duty cycle will improve DNL
performance for conversion rates > 35MHz and input
frequencies < 2MHz (see Timing Diagram) in the SO
package. For the best performance in the SSOP pack-
age, the clock should be skewed under all input frequen-
cies with conversion rates > 35MHz. A possible method
for skewing the 50% duty cycle source is shown in Figure 4.
FIGURE 3. Internal Reference Structure.
CLOCK REQUIREMENTS
The CLK pin accepts a CMOS level clock input. Both the
rising and falling edges of the externally applied clock con-
trols the various interstage conversions in the pipeline. There-
fore, the clock signal’s jitter, rise-and-fall times and duty cycle
can affect conversion performance.
Low clock jitter is critical to SNR performance in fre-
quency-domain signal environments.
Clock rise and fall times should be as short as possible
(< 2ns for best performance).
FIGURE 4. Clock Skew Circuit.
DIGITAL OUTPUT DATA
The 10-bit output data is provided at CMOS logic levels. There
is a 6.5 clock cycle data latency from the start convert signal
to the valid output data. The standard output coding is Straight
Offset Binary where a full-scale input signal corresponds to all
“1’s” at the output. This condition is met with pin 19 LOW or
Floating due to an internal pull-down resistor. By applying a
high voltage to this pin, a BTC output will be provided where
the most significant bit is inverted. The digital outputs of the
ADS821 can be set to a high impedance state by driving OE
(pin 18) with a logic HIGH. Normal operation is achieved with
pin 18 LOW or Floating due to internal pull-down resistors. This
function is provided for testability purposes and is not meant to
drive digital buses directly or be dynamically changed during
the conversion process.
OUTPUT CODE
SOB
BTC
PIN 19
PIN 19
DIFFERENTIAL INPUT(1)
FLOATING or LOW
HIGH
+FS (IN = +3.25V, IN = +1.25V)
1111111111
0111111111
+FS – 1LSB
1111111111
0111111111
+FS – 2LSB
1111111110
0111111110
+3/4 Full-Scale
1110000000
0110000000
+1/2 Full-Scale
1100000000
0100000000
+1/4 Full-Scale
1010000000
0010000000
+1LSB
1000000001
0000000001
Bipolar Zero (IN = IN = +2.25V)
1000000000
0000000000
–1LSB
0111111111
1111111111
–1/4 Full-Scale
0110000000
1110000000
–1/2 Full-Scale
0100000000
1100000000
–3/4 Full-Scale
0010000000
1010000000
–FS + 1LSB
0000000001
1000000001
–FS (IN = +1.25V, IN = +3.25V)
0000000000
1000000000
NOTE: (1) In the single-ended input mode, +FS = +4.25V and –FS = +0.25V.
TABLE I. Coding Table for the ADS821.
+1.25V
+3.25V
2k
2k
0.1
µF
0.1
µF
+2.25V
REFT
REFB
CM
ADS821
To
Internal
Comparators
21
22
23
0.1
µF
R
V
2k
V
DD
0.1
µF
V
DD
CLK
OUT
CLK
IN
IC2
IC1
IC1, IC2 = ACT04
R
V = 217Ω, Typical


Số phần tương tự - ADS821

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS821 TI1-ADS821 Datasheet
419Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS821E TI1-ADS821E Datasheet
419Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS821E/1K TI1-ADS821E/1K Datasheet
419Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS821U TI1-ADS821U Datasheet
419Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS821UG4 TI1-ADS821UG4 Datasheet
419Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
More results

Mô tả tương tự - ADS821

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Burr-Brown (TI)
ADS5421 BURR-BROWN-ADS5421 Datasheet
395Kb / 21P
   14-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS800 TI1-ADS800 Datasheet
958Kb / 23P
[Old version datasheet]   12-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS822 BURR-BROWN-ADS822 Datasheet
199Kb / 12P
   10-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTERS
ADS800 BURR-BROWN-ADS800 Datasheet
368Kb / 17P
   12-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS5421 TI1-ADS5421_14 Datasheet
996Kb / 26P
[Old version datasheet]   14-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS822 TI1-ADS822 Datasheet
881Kb / 19P
[Old version datasheet]   10-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTERS
logo
Burr-Brown (TI)
ADS902 BURR-BROWN-ADS902 Datasheet
149Kb / 11P
   10-Bit, 30MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS820 BURR-BROWN-ADS820 Datasheet
295Kb / 14P
   10-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS823 TI-ADS823 Datasheet
334Kb / 16P
[Old version datasheet]   10-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS823 TI1-ADS823_14 Datasheet
876Kb / 20P
[Old version datasheet]   10-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com