công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS7832BN bảng dữ liệu(PDF) 10 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
tên linh kiện ADS7832BN
Giải thích chi tiết về linh kiện  Autocalibrating, 4-Channel, 12-Bit ANALOG-TO-DIGITAL CONVERTER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BURR-BROWN [Burr-Brown (TI)]
Trang chủ  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS7832BN bảng dữ liệu(HTML) 10 Page - Burr-Brown (TI)

Back Button ADS7832BN Datasheet HTML 6Page - Burr-Brown (TI) ADS7832BN Datasheet HTML 7Page - Burr-Brown (TI) ADS7832BN Datasheet HTML 8Page - Burr-Brown (TI) ADS7832BN Datasheet HTML 9Page - Burr-Brown (TI) ADS7832BN Datasheet HTML 10Page - Burr-Brown (TI) ADS7832BN Datasheet HTML 11Page - Burr-Brown (TI) ADS7832BN Datasheet HTML 12Page - Burr-Brown (TI) ADS7832BN Datasheet HTML 13Page - Burr-Brown (TI) ADS7832BN Datasheet HTML 14Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
ADS7832
10
®
PIN
FUNCTION
DESCRIPTION
D0
Mode Status
If LOW, Transparent Mode enabled for
data latches. If HIGH, latched Output
Mode enabled.
D1
CAL Flag
If HIGH, calibration cycle in progress.
D2
Pin 26 Status
If LOW, pin 26 used as input to initiate
calibration cycle. If HIGH, pin 26 used
as input to control sample-to-hold timing.
D3
Power Down Status
If HIGH, in Power Down Mode (Power
Down Mode is the default condition).
D4
Reserved for factory use.
D5
POWER FAIL Flag
If HIGH, a power supply failure has
occurred (supply fell below 2.7V).
Always write as LOW.
D6
CAL ERROR Flag
If HIGH, an overflow occurred during
calibration.
D7
BUSY Flag
If HIGH, conversion or calibration in
progress.
NOTE: These data are transferred to the bus when a read cycle is initiated
with SFR and HBE HIGH. Reading the SFR with SFR HIGH and HBE LOW
is reserved for factory use at this time, and will yield unpredictable data.
critical parameters are guaranteed over the full –40
°C to
+85
°C operating range for ease of system design.
SPECIAL FUNCTION REGISTER (SFR)
An internal register is available, either to determine addi-
tional data concerning the ADS7832, or to write additional
instructions to the converter.
Table II shows the data in the Special Function Register that
will be transferred to the output bus by driving HBE HIGH
(with SFR HIGH) and initiating a read cycle (driving RD
and CS LOW with WR HIGH.) The Power Fail flag in the
SFR is set when the power supply falls below about 2.7V.
The flag also means that a new calibration has been started,
ADS7832 provides two modes for reading the conversion
results. At power-up, the converter is set in the Transparent
Mode.
TRANSPARENT MODE
This is the default mode for ADS7832. In this mode, the
conversion decisions from the successive approximation
register are latched into the output register as they are made.
Thus, the High byte (the 4 MSBs) can be read after the end
of the ninth clock cycle (five clock cycles for the mux
settling, sample acquisition and auto-zeroing of the com-
parator, followed by the four clock cycles for the 4MSB
decisions.) The complete 12-bit data is available after BUSY
has gone HIGH, or the internal status flag goes LOW (D7
when HBE is HIGH).
LATCHED OUTPUT MODE
This mode is activated by writing a HIGH to D0 in the
Special Function Register with CS and WR LOW and SFR
and HBE HIGH. (See the discussion of the Special Function
Register below.)
In this mode, the data from a conversion is latched into the
output buffers only after a conversion is complete, and
remains there until the next conversion is completed. The
conversion result is valid during the next conversion. This
allows the data to be read even after a new conversion is
started, for faster system throughput.
TIMING CONSIDERATIONS
Table I and Figures 3 through 9 show the digital timing of
ADS7832 under the various operating modes. All of the
TABLE II. Reading the Special Function Register.
SYMBOL
PARAMETER(1)
MIN
TYP
MAX
UNITS
t1
CS to WR Setup Time(2)
00
0
ns
t2
WR or CAL Pulse Width
100
ns
t3
CS to WR Hold Time(2)
00
0
ns
t4
WR to BUSY Propagation Delay
20
50
150
ns
t5
A0, A1, HBE, SFR Valid to WR Setup Time
0
ns
t6
A0, A1, HBE, SFR Valid to WR Hold Time
20
ns
t7
BUSY to CS Setup Time
0
ns
t8
CS to RD Setup Time(2)
00
0
ns
t9
RD Pulse Width
100
ns
t10
CS to RD Hold Time(2)
00
0
ns
t11
HBE, SFR to RD Setup Time
50
ns
t12
HBE, SFR to RD Hold Time
0
ns
t13
RD to Valid Data (Bus Access Time)(3)
80
150
ns
t14
RD to Hi-Z Delay (Bus Release Time)(3)
90
180
ns
t15
RD to Hi-Z Delay For SFR(3)
20
60
ns
t16
Data Valid to WR Setup Time
100
ns
t17
Data Valid to WR Hold Time
20
ns
t18
Acquisition Time. Pin 26 LOW with D2 in SFR HIGH
2.5
µs
t19
Sample-to-Hold Aperture Delay. (D2 in SFR HIGH)
5
ns
t20
Delay from rising edge on pin 26 to start of conversion.
1.5
CLK cycles
(D2 in SFR HIGH)
NOTES: (1) All input control signals are specified with tRISE = tFALL = 20ns (10% to 90% of 5V) and timed from a voltage level of 1.6V. Data is timed from VIH,
VIL, VOH or VOL. (2) The internal RD pulse is performed by a NOR wiring of CS and RD. The internal WR pulse is performed by a NOR wiring of CS and WR.
(3) Figures 8 and 9 show the measurement circuits and pulse diagrams for testing transitions to and from Hi-Z states.
TABLE I. Timing Specifications (CLK = 2MHz external, T
A = –40°C to +85°C).


Số phần tương tự - ADS7832BN

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Burr-Brown (TI)
ADS7830 BURR-BROWN-ADS7830 Datasheet
251Kb / 16P
   8-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
logo
Texas Instruments
ADS7830 TI1-ADS7830 Datasheet
930Kb / 27P
[Old version datasheet]   8-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
logo
Burr-Brown (TI)
ADS7830I BURR-BROWN-ADS7830I Datasheet
251Kb / 16P
   8-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
ADS7830IPWR BURR-BROWN-ADS7830IPWR Datasheet
251Kb / 16P
   8-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
logo
Texas Instruments
ADS7830IPWR TI1-ADS7830IPWR Datasheet
929Kb / 26P
[Old version datasheet]   8-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Mô tả tương tự - ADS7832BN

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Burr-Brown (TI)
ADC7802 BURR-BROWN-ADC7802 Datasheet
102Kb / 13P
   Autocalibrating, 4-Channel, 12-Bit ANALOG-TO-DIGITAL CONVERTER
ADS7803 BURR-BROWN-ADS7803 Datasheet
99Kb / 13P
   Autocalibrating, 4-Channel, 12-Bit ANALOG-TO-DIGITAL CONVERTER
logo
ams AG
AS1538 AMSCO-AS1538_1 Datasheet
749Kb / 20P
   8/4-Channel, 12-Bit I2C Analog-to-Digital Converter
logo
DATEL, Inc.
5962-8850801XA DATEL-5962-8850801XA Datasheet
157Kb / 1P
   12-Bit Analog to Digital Converter
5962-8952802XA DATEL-5962-8952802XA Datasheet
149Kb / 1P
   12-Bit Digital to Analog Converter
5962-8952802XC DATEL-5962-8952802XC Datasheet
149Kb / 1P
   12-Bit Digital to Analog Converter
5962-8850802XA DATEL-5962-8850802XA Datasheet
157Kb / 1P
   12-Bit Analog to Digital Converter
logo
Rohm
BA9221 ROHM-BA9221 Datasheet
279Kb / 7P
   Digital-to-analog converter, 12 bit
logo
DATEL, Inc.
5962-8952801XA DATEL-5962-8952801XA Datasheet
148Kb / 1P
   12-Bit Digital to Analog Converter
5962-8850801XC DATEL-5962-8850801XC Datasheet
157Kb / 1P
   12-Bit Analog to Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com