công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS7834 bảng dữ liệu(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
tên linh kiện ADS7834
Giải thích chi tiết về linh kiện  12-Bit High Speed Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BURR-BROWN [Burr-Brown (TI)]
Trang chủ  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS7834 bảng dữ liệu(HTML) 6 Page - Burr-Brown (TI)

Back Button ADS7834 Datasheet HTML 2Page - Burr-Brown (TI) ADS7834 Datasheet HTML 3Page - Burr-Brown (TI) ADS7834 Datasheet HTML 4Page - Burr-Brown (TI) ADS7834 Datasheet HTML 5Page - Burr-Brown (TI) ADS7834 Datasheet HTML 6Page - Burr-Brown (TI) ADS7834 Datasheet HTML 7Page - Burr-Brown (TI) ADS7834 Datasheet HTML 8Page - Burr-Brown (TI) ADS7834 Datasheet HTML 9Page - Burr-Brown (TI) ADS7834 Datasheet HTML 10Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
®
ADS7834
FREQUENCY SPECTRUM
(4096 Point FFT; f
IN = 99.7kHz, –0.2dB)
Frequency (kHz)
0.00
–20
–40
–60
–80
–100
–120
0
50
100
150
200
250
TYPICAL PERFORMANCE CURVES (Cont.)
At TA = +25°C, VCC = +5V, fSAMPLE = 500kHz, fCLK = 16 • fSAMPLE, and internal +2.5V reference, unless otherwise specified.
SIGNAL-TO-NOISE RATIO and
SIGNAL-TO-(NOISE+DISTORTION)
vs INPUT FREQUENCY
Input Frequency (kHz)
76
74
72
70
68
66
64
62
60
1
10
100
1000
SINAD
SNR
SPURIOUS FREE DYNAMIC RANGE
and TOTAL HARMONIC DISTORTION
vs INPUT FREQUENCY
Input Frequency (kHz)
95
90
85
80
75
70
65
60
55
50
–95
–90
–85
–80
–75
–70
–65
–60
–55
–50
1
10
100
1000
THDT
SFDR
T First nine harmonics
of an input frequency
SIGNAL-TO-NOISE and
SIGNAL-TO-(NOISE+DISTORTION)
vs TEMPERATURE
20
–40
80
100
–20
0
40
Temperature (°C)
0.3
0.2
0.1
0.
–0.1
–0.2
–0.3
–0.4
–0.5
60
f
IN = 10kHz, –0.2dB)
SINAD
SNR


Số phần tương tự - ADS7834

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS7834 TI1-ADS7834 Datasheet
966Kb / 22P
[Old version datasheet]   12-Bit High-Speed, Low-Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7834E/250 BURR-BROWN-ADS7834E/250 Datasheet
931Kb / 20P
   12-Bit High-Speed, Low-Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7834E/250 TI1-ADS7834E/250 Datasheet
966Kb / 22P
[Old version datasheet]   12-Bit High-Speed, Low-Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7834E/250G4 TI1-ADS7834E/250G4 Datasheet
966Kb / 22P
[Old version datasheet]   12-Bit High-Speed, Low-Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7834E/2K5 BURR-BROWN-ADS7834E/2K5 Datasheet
931Kb / 20P
   12-Bit High-Speed, Low-Power Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Mô tả tương tự - ADS7834

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS7835 TI1-ADS7835_14 Datasheet
840Kb / 21P
[Old version datasheet]   12-Bit, High-Speed, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7834 TI1-ADS7834_14 Datasheet
966Kb / 22P
[Old version datasheet]   12-Bit High-Speed, Low-Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7835 BURR-BROWN-ADS7835 Datasheet
169Kb / 13P
   12-Bit, High-Speed, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7818PG4 TI-ADS7818PG4 Datasheet
619Kb / 20P
[Old version datasheet]   12-Bit High Speed Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7834 BURR-BROWN-ADS7834_13 Datasheet
931Kb / 20P
   12-Bit High-Speed, Low-Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7818E TI-ADS7818E Datasheet
652Kb / 21P
[Old version datasheet]   12-Bit High Speed Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7835E TI-ADS7835E Datasheet
824Kb / 20P
[Old version datasheet]   12-Bit, High-Speed, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7816U TI1-ADS7816U Datasheet
951Kb / 23P
[Old version datasheet]   12-Bit High Speed Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7816 BURR-BROWN-ADS7816 Datasheet
226Kb / 13P
   12-Bit High Speed Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7816P TI1-ADS7816P Datasheet
951Kb / 23P
[Old version datasheet]   12-Bit High Speed Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com