công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS7831U bảng dữ liệu(PDF) 10 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
tên linh kiện ADS7831U
Giải thích chi tiết về linh kiện  12-Bit 600kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BURR-BROWN [Burr-Brown (TI)]
Trang chủ  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS7831U bảng dữ liệu(HTML) 10 Page - Burr-Brown (TI)

Back Button ADS7831U Datasheet HTML 2Page - Burr-Brown (TI) ADS7831U Datasheet HTML 3Page - Burr-Brown (TI) ADS7831U Datasheet HTML 4Page - Burr-Brown (TI) ADS7831U Datasheet HTML 5Page - Burr-Brown (TI) ADS7831U Datasheet HTML 6Page - Burr-Brown (TI) ADS7831U Datasheet HTML 7Page - Burr-Brown (TI) ADS7831U Datasheet HTML 8Page - Burr-Brown (TI) ADS7831U Datasheet HTML 9Page - Burr-Brown (TI) ADS7831U Datasheet HTML 10Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
®
ADS7831
REFERENCE
REF
REF (pin 3) is the output for the internal 2.5V reference. A
0.1
µF capacitor should be connected as close to the REF pin
as possible. The capacitor and the output resistance of REF
create a low pass filter to band limit noise on the reference.
Using a smaller value capacitor will introduce more noise to
the reference degrading the SNR and SINAD. The REF pin
should not be used to drive external AC or DC loads.
CAP
CAP (pin 4) is the output of the internal reference buffer. A
10
µF capacitor should be placed as close to the CAP as
possible to provide optimum switching currents for the
CDAC throughout the conversion cycle and compensation
for the output of the buffer. Using a capacitor any smaller
than 2.2
µF can cause the output buffer to oscillate and may
not have sufficient charge for the CDAC. Capacitor values
larger than 10
µF will have little effect on improving perfor-
mance. The voltage on the CAP pin is approximately 2V
when using the internal reference, or 80% of an externally
supplied reference.
LAYOUT
POWER
The ADS7831 uses the majority of its power for analog and
static circuitry and it should be considered as an analog
component. For optimum performance, tie the analog and
digital +5V power pins to the same +5V power supply and
tie the analog and digital grounds together.
For best performance, the
±5V supplies can be produced
from whatever analog supply is used for the rest of the
analog signal conditioning. If
±12V or ±15V supplies are
present, simple regulators can be used. The +5V power for
the A/D should be separate from the +5V used for the
system’s digital logic. Connecting V
DIG (pin 27) directly to
a digital supply can reduce converter performance due to
switching noise from the digital logic.
Although it is not suggested, if the digital supply must be used to
power the converter, be sure to properly filter the supply. Either
using a filtered digital supply or a regulated analog supply, both
V
DIG and VANA should be tied to the same +5V source.
GROUNDING
Three ground pins are present on the ADS7831. DGND
(pin 22) is the digital supply ground. AGND2 (pin 5) is the
analog supply ground. AGND1 (pin 2) is the ground which
all analog signals internal to the A/D are referenced.
AGND1 is more susceptible to current induced voltage
drops and must have the path of least resistance back to the
power supply.
All the ground pins of the ADS should be tied to the
analog ground plane, separated from the system’s digital
logic ground, to achieve optimum performance. Both
analog and digital ground planes should be tied to the
“system” ground as near to the power supplies as possible.
This helps to prevent dynamic digital ground currents
from modulating the analog ground through a common
impedance to power ground.
SIGNAL CONDITIONING
The FET switches used for the sample hold on many CMOS
A/D converters release a significant amount of charge injec-
tion which can cause the driving op amp to oscillate. The
FET switch on the ADS7831, compared to FET switches on
other CMOS A/D converters, releases 5%—10% of the
charge. There is also a resistive front end which attenuates
any charge which is released. The end result is a minimal
requirement for the op amp on the front end. Any op amp
sufficient for the signal in an application will be sufficient to
the drive the ADS7831.
The resistive front end of the ADS7831 also provides a
guaranteed
±25V over voltage protection. In most cases, this
eliminates the need for external input protection circuitry.
INTERMEDIATE LATCHES
The ADS7831 does have tri-state outputs for the parallel
port, but intermediate latches should be used if the bus will
be active during conversions. If the bus is not active during
conversions, the tri-state outputs can be used to isolate the
A/D from other peripherals on the same bus.
Intermediate latches are beneficial on any monolithic A/D
converter. The ADS7831 has an internal LSB size of 610
µV.
Transients from fast switching signals on the parallel port,
even when the A/D is tri-stated, can be coupled through the
substrate to the analog circuitry causing degradation of
converter performance.


Số phần tương tự - ADS7831U

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Burr-Brown (TI)
ADS7830 BURR-BROWN-ADS7830 Datasheet
251Kb / 16P
   8-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
logo
Texas Instruments
ADS7830 TI1-ADS7830 Datasheet
930Kb / 27P
[Old version datasheet]   8-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
logo
Burr-Brown (TI)
ADS7830I BURR-BROWN-ADS7830I Datasheet
251Kb / 16P
   8-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
ADS7830IPWR BURR-BROWN-ADS7830IPWR Datasheet
251Kb / 16P
   8-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
logo
Texas Instruments
ADS7830IPWR TI1-ADS7830IPWR Datasheet
929Kb / 26P
[Old version datasheet]   8-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Mô tả tương tự - ADS7831U

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Burr-Brown (TI)
ADS7819 BURR-BROWN-ADS7819 Datasheet
317Kb / 11P
   12-Bit 800kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7804 BURR-BROWN-ADS7804 Datasheet
182Kb / 10P
   12-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7810 BURR-BROWN-ADS7810 Datasheet
208Kb / 11P
   12-Bit 800kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7820 BURR-BROWN-ADS7820 Datasheet
280Kb / 10P
   12-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7808 BURR-BROWN-ADS7808 Datasheet
251Kb / 10P
   12-Bit 10ms Serial CMOS Sampling ANALOG-to-DIGITAL CONVERTER
ADS8504 BURR-BROWN-ADS8504 Datasheet
379Kb / 19P
   12-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7806 TI1-ADS7806 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Power 12-Bit Sampling CMOS ANALOG-to-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7808 BURR-BROWN-ADS7808_07 Datasheet
329Kb / 13P
   12-Bit 10us Serial CMOS Sampling ANALOG-to-DIGITAL CONVERTER
ADS7806 BURR-BROWN-ADS7806 Datasheet
209Kb / 18P
   Low-Power 12-Bit Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ISO808 BURR-BROWN-ISO808 Datasheet
171Kb / 7P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com