công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS7831U bảng dữ liệu(PDF) 7 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
tên linh kiện ADS7831U
Giải thích chi tiết về linh kiện  12-Bit 600kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BURR-BROWN [Burr-Brown (TI)]
Trang chủ  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS7831U bảng dữ liệu(HTML) 7 Page - Burr-Brown (TI)

Back Button ADS7831U Datasheet HTML 2Page - Burr-Brown (TI) ADS7831U Datasheet HTML 3Page - Burr-Brown (TI) ADS7831U Datasheet HTML 4Page - Burr-Brown (TI) ADS7831U Datasheet HTML 5Page - Burr-Brown (TI) ADS7831U Datasheet HTML 6Page - Burr-Brown (TI) ADS7831U Datasheet HTML 7Page - Burr-Brown (TI) ADS7831U Datasheet HTML 8Page - Burr-Brown (TI) ADS7831U Datasheet HTML 9Page - Burr-Brown (TI) ADS7831U Datasheet HTML 10Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
®
ADS7831
no conversion is in progress. See the Reading Data section
and refer to Table I for control line functions for ‘read’ and
‘convert’ modes.
FIGURE 1. Basic Operation
CS
R/C
BUSY
OPERATION
1
X
X
None. Databus in Hi-Z state.
0
1
Initiates conversion. Databus remains in
Hi-Z state.
0
1
Initiates conversion. Databus enters Hi-Z
state.
01
Conversion completed. Valid data from the
most recent conversion on the databus.
1
1
Enables databus with valid data from the
most recent conversion.
1
0
Conversion in progress. Databus in Hi-Z
state, enabled when the conversion is completed.
0
0
Conversion in progress. Databus in Hi-Z
state, enabled when the conversion is completed.
00
Conversion completed. Valid data from the
most recent conversion in the output register,
but the output pins D11-D0 remain tri-stated.
X
X
0
New convert commands ignored. Conversion
in progress.
Table I. Control Line Functions for ‘read’ and ‘convert’.
DESCRIPTION
ANALOG INPUT
DIGITAL INPUT
BINARY TWO'S COMPLEMENT
Full Scale Range
±2.5V
Least Significant
1.22mV
Bit (LSB)
BINARY CODE
HEX CODE
+Full Scale
2.499V
0111 1111 1111
7FF
(2.5V – 1LSB)
Midscale
0V
0000 0000 0000
000
One LSB below
–1.22mV
1111 1111 1111
FFF
Midscale
–Full Scale
–2.5V
1000 0000 0000
800
TABLE II. Ideal Input Voltages and Output Codes.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
ADS7831
50
±2.5V
–5V
+5V
0.1µF
NC
10µF
+
0.1µF
+
10µF
Convert Pulse
40ns min
D0 (LSB)
D1
D2
D3
D6
D5
D4
D7
D8
D9
D10
D11 (MSB)
0.1µF 10µF
+
BUSY
BASIC OPERATION
Figure 1 shows a basic circuit to operate the ADS7831.
Taking R/C (pin 23) LOW for 40ns will initiate a conver-
sion. BUSY (pin 25) will go LOW and stay LOW until the
conversion is completed and the output registers are up-
dated. Data will be output in Binary Two’s Complement
with the MSB on D11 (pin 6). BUSY going HIGH can be
used to latch the data. All convert commands will be ignored
while BUSY is LOW.
The ADS7831 will begin tracking the input signal at the end
of the conversion. Allowing 1.66
µs between convert com-
mands assures accurate acquisition of a new signal.
STARTING A CONVERSION
The combination of CS (pin 24) and R/C (pin 23) LOW for a
minimum of 40ns immediately puts the sample/hold of the
ADS7831 in the hold state and starts a conversion. BUSY (pin
25) will go LOW and stay LOW until the conversion is
completed and the internal output register has been updated. All
new convert commands during BUSY LOW will be ignored.
The ADS7831 will begin tracking the input signal at the end
of the conversion. Allowing 1.66
µs between convert com-
mands assures accurate acquisition of a new signal. Refer to
Table I for a summary of CS, R/C, and BUSY states and
Figures 2 and 3 for timing parameters.
CS and R/C are internally OR’d and level triggered. There
is not a requirement which input goes LOW first when
initiating a conversion. If it is critical that CS or R/C initiate
the conversion, be sure the less critical input is LOW at least
10ns prior to the initiating input.
To reduce the number of control pins, CS can be tied LOW
using R/C to control the read and convert modes. Note that
the parallel output will be active whenever R/C is HIGH and


Số phần tương tự - ADS7831U

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Burr-Brown (TI)
ADS7830 BURR-BROWN-ADS7830 Datasheet
251Kb / 16P
   8-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
logo
Texas Instruments
ADS7830 TI1-ADS7830 Datasheet
930Kb / 27P
[Old version datasheet]   8-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
logo
Burr-Brown (TI)
ADS7830I BURR-BROWN-ADS7830I Datasheet
251Kb / 16P
   8-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
ADS7830IPWR BURR-BROWN-ADS7830IPWR Datasheet
251Kb / 16P
   8-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
logo
Texas Instruments
ADS7830IPWR TI1-ADS7830IPWR Datasheet
929Kb / 26P
[Old version datasheet]   8-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Mô tả tương tự - ADS7831U

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Burr-Brown (TI)
ADS7819 BURR-BROWN-ADS7819 Datasheet
317Kb / 11P
   12-Bit 800kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7804 BURR-BROWN-ADS7804 Datasheet
182Kb / 10P
   12-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7810 BURR-BROWN-ADS7810 Datasheet
208Kb / 11P
   12-Bit 800kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7820 BURR-BROWN-ADS7820 Datasheet
280Kb / 10P
   12-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7808 BURR-BROWN-ADS7808 Datasheet
251Kb / 10P
   12-Bit 10ms Serial CMOS Sampling ANALOG-to-DIGITAL CONVERTER
ADS8504 BURR-BROWN-ADS8504 Datasheet
379Kb / 19P
   12-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7806 TI1-ADS7806 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Power 12-Bit Sampling CMOS ANALOG-to-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7808 BURR-BROWN-ADS7808_07 Datasheet
329Kb / 13P
   12-Bit 10us Serial CMOS Sampling ANALOG-to-DIGITAL CONVERTER
ADS7806 BURR-BROWN-ADS7806 Datasheet
209Kb / 18P
   Low-Power 12-Bit Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ISO808 BURR-BROWN-ISO808 Datasheet
171Kb / 7P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com