công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS7824U bảng dữ liệu(PDF) 7 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
tên linh kiện ADS7824U
Giải thích chi tiết về linh kiện  4 Channel, 12-Bit Sampling CMOS A/D Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BURR-BROWN [Burr-Brown (TI)]
Trang chủ  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS7824U bảng dữ liệu(HTML) 7 Page - Burr-Brown (TI)

Back Button ADS7824U Datasheet HTML 3Page - Burr-Brown (TI) ADS7824U Datasheet HTML 4Page - Burr-Brown (TI) ADS7824U Datasheet HTML 5Page - Burr-Brown (TI) ADS7824U Datasheet HTML 6Page - Burr-Brown (TI) ADS7824U Datasheet HTML 7Page - Burr-Brown (TI) ADS7824U Datasheet HTML 8Page - Burr-Brown (TI) ADS7824U Datasheet HTML 9Page - Burr-Brown (TI) ADS7824U Datasheet HTML 10Page - Burr-Brown (TI) ADS7824U Datasheet HTML 11Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
®
ADS7824
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
ADS7824
Parallel Output
±10V
+5V
+5V(1)
0.1µF 10µF
+
+
D6
D5
D4
LOW LOW LOW
D9
D8
D11
Pin 21
LOW
D10
D7
D1
D0
D3
Pin 21
HIGH
NOTE: (1) PAR/SER = 5V
D2
LOW
2.2µF
+
2.2µF
+
Convert Pulse
BUSY
R/C
BYTE
40ns min
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
ADS7824
Serial Output
±10V
+5V
0.1µF 10µF
+
+
NOTES: (1) DATACLK (pin 15) is an output when EXT/INT (pin 12) is LOW
and an input when EXT/INT is HIGH. (2) NC = no connection. (3) PAR/SER = 0V.
2.2µF
+
2.2µF
+
Convert Pulse
BUSY
SDATA
DATACLK(1)
EXT/INT
SYNC
R/C
40ns min
NC(2)
NC(2)
NC(2)
(3)
BASIC OPERATION
PARALLEL OUTPUT
Figure 1a shows a basic circuit to operate the ADS7824 with
parallel output (Channel 0 selected). Taking R/C (pin 22)
LOW for 40ns (12
µs max) will initiate a conversion. BUSY
(pin 24) will go LOW and stay LOW until the conversion is
completed and the output register is updated. If BYTE (pin
21) is LOW, the 8 most significant bits will be valid when
pin 24 rises; if BYTE is HIGH, the 4 least significant bits
will be valid when BUSY rises. Data will be output in
Binary Two’s Complement format. BUSY going HIGH can
be used to latch the data. After the first byte has been read,
BYTE can be toggled allowing the remaining byte to be
read. All convert commands will be ignored while BUSY is
LOW.
The ADS7824 will begin tracking the input signal at the end
of the conversion. Allowing 25
µs between convert com-
mands assures accurate acquisition of a new signal.
SERIAL OUTPUT
Figure 1b shows a basic circuit to operate the ADS7824 with
serial output (Channel 0 selected). Taking R/C (pin 22)
LOW for 40ns (12
µs max) will initiate a conversion and
output valid data from the previous conversion on SDATA
(pin 16) synchronized to 12 clock pulses output on
DATACLK (pin 15). BUSY (pin 24) will go LOW and stay
LOW until the conversion is completed and the serial data
has been transmitted. Data will be output in Binary Two’s
Complement format, MSB first, and will be valid on both the
rising and falling edges of the data clock. BUSY going
HIGH can be used to latch the data. All convert commands
will be ignored while BUSY is LOW.
The ADS7824 will begin tracking the input signal at the end
of the conversion. Allowing 25
µs between convert com-
mands assures accurate acquisition of a new signal.
FIGURE 1. Basic Connection Diagram, (a) Parallel Output, (b) Serial Output.


Số phần tương tự - ADS7824U

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS7824U TI1-ADS7824U Datasheet
808Kb / 21P
[Old version datasheet]   4 Channel, 12-Bit Sampling CMOS A/D Converter
ADS7824U/1K TI1-ADS7824U/1K Datasheet
808Kb / 21P
[Old version datasheet]   4 Channel, 12-Bit Sampling CMOS A/D Converter
ADS7824UB TI1-ADS7824UB Datasheet
808Kb / 21P
[Old version datasheet]   4 Channel, 12-Bit Sampling CMOS A/D Converter
ADS7824UBE4 TI1-ADS7824UBE4 Datasheet
808Kb / 21P
[Old version datasheet]   4 Channel, 12-Bit Sampling CMOS A/D Converter
More results

Mô tả tương tự - ADS7824U

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS7824 TI1-ADS7824_14 Datasheet
813Kb / 22P
[Old version datasheet]   4 Channel, 12-Bit Sampling CMOS A/D Converter
ADS7824 TI1-ADS7824_15 Datasheet
808Kb / 21P
[Old version datasheet]   4 Channel, 12-Bit Sampling CMOS A/D Converter
logo
Burr-Brown (TI)
ADS7825 BURR-BROWN-ADS7825 Datasheet
342Kb / 16P
   4 Channel, 16-Bit Sampling CMOS A/D Converter
logo
Texas Instruments
ADS7825 TI1-ADS7825_14 Datasheet
424Kb / 22P
[Old version datasheet]   4 Channel, 16-Bit Sampling CMOS A/D Converter
logo
Sipex Corporation
SP7800A SIPEX-SP7800A Datasheet
171Kb / 13P
   12-Bit 3ms Sampling A/D Converter
logo
Intersil Corporation
HI5800 INTERSIL-HI5800_00 Datasheet
957Kb / 15P
   12-Bit, 3MSPS, Sampling A/D Converter
logo
Sipex Corporation
SP8538 SIPEX-SP8538 Datasheet
305Kb / 12P
   Micropower Sampling 12-Bit A/D Converter
SP8528 SIPEX-SP8528 Datasheet
181Kb / 12P
   Micropower Sampling 12-Bit A/D Converter
logo
Intersil Corporation
HI5800 INTERSIL-HI5800 Datasheet
234Kb / 15P
   12-Bit, 3MSPS, Sampling A/D Converter
logo
Linear Technology
LTC1412 LINER-LTC1412_15 Datasheet
343Kb / 16P
   12-Bit, 3Msps, Sampling A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com