công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS7824U bảng dữ liệu(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
tên linh kiện ADS7824U
Giải thích chi tiết về linh kiện  4 Channel, 12-Bit Sampling CMOS A/D Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BURR-BROWN [Burr-Brown (TI)]
Trang chủ  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS7824U bảng dữ liệu(HTML) 3 Page - Burr-Brown (TI)

  ADS7824U Datasheet HTML 1Page - Burr-Brown (TI) ADS7824U Datasheet HTML 2Page - Burr-Brown (TI) ADS7824U Datasheet HTML 3Page - Burr-Brown (TI) ADS7824U Datasheet HTML 4Page - Burr-Brown (TI) ADS7824U Datasheet HTML 5Page - Burr-Brown (TI) ADS7824U Datasheet HTML 6Page - Burr-Brown (TI) ADS7824U Datasheet HTML 7Page - Burr-Brown (TI) ADS7824U Datasheet HTML 8Page - Burr-Brown (TI) ADS7824U Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
®
ADS7824
SPECIFICATIONS (CONT)
ELECTRICAL
At T
A
= –40
°C to +85°C, f
S
= 40kHz, V
S1
= V
S2
= V
S
= +5V
±5%, using external reference, CONTC = 0V, unless otherwise specified.
ADS7824P, U
ADS7824PB, UB
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
DIGITAL TIMING
Bus Access Time
PAR/SER = +5V
83
T
ns
Bus Relinquish Time
PAR/SER = +5V
83
T
ns
Data Clock
PAR/SER = 0V
Internal Clock (Output only when
EXT/INT LOW
0.5
1.5
TT
MHz
transmitting data)
External Clock
EXT/INT HIGH
0.1
10
TT
MHz
POWER SUPPLIES
VS1 = VS2 = VS
+4.75
+5
+5.25
TT
T
V
Power Dissipation
fS = 40kHz
50
T
mW
PWRD HIGH
50
T
µW
TEMPERATURE RANGE
Specified Performance
–40
+85
TT
°C
Storage
–65
+150
TT
°C
Thermal Resistance (
θ
JA)
Plastic DIP
75
T
°C/W
SOIC
75
T
°C/W
NOTES: (1) An asterik (T) specifies same value as grade to the left. (2) LSB means Least Significant Bit. For the 12-bit,
±10V input ADS7824, one LSB is 4.88mV. (3)
Typical rms noise at worst case transitions and temperatures. (4) Full scale error is the worst case of –Full Scale or +Full Scale untrimmed deviation from ideal first and
last code transitions, divided by the transition voltage (not divided by the full-scale range) and includes the effect of offset error. (5) All specifications in dB are referred
to a full-scale
±10V input. (6) A full scale sinewave input on one channel will be attenuated by this amount on the other channels. (7) Useable Bandwidth defined as
Full-Scale input frequency at which Signal-to-(Noise+Distortion) degrades to 60dB, or 10 bits of accuracy. (8) The ADS7824 will accurately acquire any input step if given
a full acquisition period after the step. (9) Recovers to specified performance after 2 x FS input overvoltage, and normal acquisitions can begin.
PIN CONFIGURATION
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Burr-Brown
recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degrada-
tion to complete device failure. Precision integrated circuits
may be more susceptible to damage because very small
parametric changes could cause the device not to meet its
published specifications.
ABSOLUTE MAXIMUM RATINGS
Analog Inputs: AIN0, AIN1, AIN2, AIN3 .............................................. ±15V
REF ................................... (AGND2 –0.3V) to (VS + 0.3V)
CAP ........................................ Indefinite Short to AGND2,
Momentary Short to VS
VS1 and VS2 to AGND2 ........................................................................... 7V
VS1 to VS2 .......................................................................................... ±0.3V
Difference between AGND1, AGND2 and DGND .............................
±0.3V
Digital Inputs and Outputs .......................................... –0.3V to (VS + 0.3V)
Maximum Junction Temperature ..................................................... 150
°C
Internal Power Dissipation ............................................................. 825mW
Lead Temperature (soldering, 10s) ................................................ +300
°C
Maximum Input Current to Any Pin ................................................. 100mA
PACKAGE
MINIMUM SIGNAL-
DRAWING
TEMPERATURE
MAXIMUM INTEGRAL
TO-(NOISE + DISTORTION)
PRODUCT
PACKAGE
NUMBER(1)
RANGE
LINEARITY ERROR (LSB)
RATIO (dB)
ADS7824P
Plastic Dip
246
–40
°C to +85°C
±170
ADS7824PB
Plastic Dip
246
–40
°C to +85°C
±0.5
72
ADS7824U
SOIC
217
–40
°C to +85°C
±170
ADS7824UB
SOIC
217
–40
°C to +85°C
±0.5
72
NOTE: (1) For detailed drawing and dimension table, please see end of data sheet, or Appendix C of Burr-Brown IC Data Book.
PACKAGE/ORDERING INFORMATION
Top View
DIP/SOIC
V
S1
V
S2
PWRD
CONTC
BUSY
CS
R/C
BYTE
PAR/SER
A0
A1
D0
D1
D2
AGND1
AIN
0
AIN
1
AIN
2
AIN
3
CAP
REF
AGND2
D7
D6
D5
D4
D3
DGND
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
ADS7824
TRI-STATE
TRI-STATE
TRI-STATE
EXT/INT
SYNC
TAG
SDATA
DATACLK


Số phần tương tự - ADS7824U

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS7824U TI1-ADS7824U Datasheet
808Kb / 21P
[Old version datasheet]   4 Channel, 12-Bit Sampling CMOS A/D Converter
ADS7824U/1K TI1-ADS7824U/1K Datasheet
808Kb / 21P
[Old version datasheet]   4 Channel, 12-Bit Sampling CMOS A/D Converter
ADS7824UB TI1-ADS7824UB Datasheet
808Kb / 21P
[Old version datasheet]   4 Channel, 12-Bit Sampling CMOS A/D Converter
ADS7824UBE4 TI1-ADS7824UBE4 Datasheet
808Kb / 21P
[Old version datasheet]   4 Channel, 12-Bit Sampling CMOS A/D Converter
More results

Mô tả tương tự - ADS7824U

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS7824 TI1-ADS7824_14 Datasheet
813Kb / 22P
[Old version datasheet]   4 Channel, 12-Bit Sampling CMOS A/D Converter
ADS7824 TI1-ADS7824_15 Datasheet
808Kb / 21P
[Old version datasheet]   4 Channel, 12-Bit Sampling CMOS A/D Converter
logo
Burr-Brown (TI)
ADS7825 BURR-BROWN-ADS7825 Datasheet
342Kb / 16P
   4 Channel, 16-Bit Sampling CMOS A/D Converter
logo
Texas Instruments
ADS7825 TI1-ADS7825_14 Datasheet
424Kb / 22P
[Old version datasheet]   4 Channel, 16-Bit Sampling CMOS A/D Converter
logo
Sipex Corporation
SP7800A SIPEX-SP7800A Datasheet
171Kb / 13P
   12-Bit 3ms Sampling A/D Converter
logo
Intersil Corporation
HI5800 INTERSIL-HI5800_00 Datasheet
957Kb / 15P
   12-Bit, 3MSPS, Sampling A/D Converter
logo
Sipex Corporation
SP8538 SIPEX-SP8538 Datasheet
305Kb / 12P
   Micropower Sampling 12-Bit A/D Converter
SP8528 SIPEX-SP8528 Datasheet
181Kb / 12P
   Micropower Sampling 12-Bit A/D Converter
logo
Intersil Corporation
HI5800 INTERSIL-HI5800 Datasheet
234Kb / 15P
   12-Bit, 3MSPS, Sampling A/D Converter
logo
Linear Technology
LTC1412 LINER-LTC1412_15 Datasheet
343Kb / 16P
   12-Bit, 3Msps, Sampling A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com