công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS7820UB bảng dữ liệu(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
tên linh kiện ADS7820UB
Giải thích chi tiết về linh kiện  12-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BURR-BROWN [Burr-Brown (TI)]
Trang chủ  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS7820UB bảng dữ liệu(HTML) 3 Page - Burr-Brown (TI)

  ADS7820UB Datasheet HTML 1Page - Burr-Brown (TI) ADS7820UB Datasheet HTML 2Page - Burr-Brown (TI) ADS7820UB Datasheet HTML 3Page - Burr-Brown (TI) ADS7820UB Datasheet HTML 4Page - Burr-Brown (TI) ADS7820UB Datasheet HTML 5Page - Burr-Brown (TI) ADS7820UB Datasheet HTML 6Page - Burr-Brown (TI) ADS7820UB Datasheet HTML 7Page - Burr-Brown (TI) ADS7820UB Datasheet HTML 8Page - Burr-Brown (TI) ADS7820UB Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
®
ADS7820
3
POWER SUPPLIES
Specified Performance
VDIG
Must be
≤ V
ANA
+4.75
+5
+5.25
DD
D
V
VANA
+4.75
+5
+5.25
DD
D
V
+IDIG
0.3
D
mA
+IANA
16
D
mA
Power Dissipation
fS = 100kHz
100
D
mW
TEMPERATURE RANGE
Specified Performance
–40
+85
DD
°C
Derated Performance
–55
+125
DD
°C
Storage
–65
+150
DD
°C
Thermal Resistance (
θ
JA)
Plastic DIP
75
D
°C/W
SOIC
75
D
°C/W
NOTES: (1) LSB means Least Significant Bit. For the 12-bit, 0 to +5V input ADS7820, one LSB is 1.22mV. (2) Typical rms noise at worst case transitions and
temperatures. (3) Adjustable to zero with external potentiometer as shown in Figure 4b. (4) Full scale error is the worst case of Full Scale untrimmed deviation from
ideal last code transition divided by the transition voltage and includes the effect of offset error. (5) All specifications in dB are referred to a full-scale input. (6) Full-
Power Bandwidth defined as Full-Scale input frequency at which Signal-to-(Noise + Distortion) degrades to 60dB, or 10 bits of accuracy. (7) Recovers to specified
performance after 2 x FS input overvoltage.
SPECIFICATIONS (CONT)
ELECTRICAL
TA = –40°C to +85°C, fS = 100kHz, VDIG = VANA = +5V, using internal reference, unless otherwise specified.
ADS7820P/U
ADS7820PB/UB
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
ABSOLUTE MAXIMUM RATINGS
Analog Inputs: VIN .................................................... –0.7V to +VANA +0.3V
REF .................................... +VANA +0.3V to AGND2 –0.3V
CAP ........................................... Indefinite Short to AGND2
Momentary Short to VANA
Ground Voltage Differences: DGND, AGND1, AGND2 ...................
±0.3V
VANA ....................................................................................................... 7V
VDIG to VANA ..................................................................................... +0.3V
VDIG ....................................................................................................... 7V
Digital Inputs ............................................................ –0.3V to +VDIG +0.3V
Maximum Junction Temperature ................................................... +165
°C
Internal Power Dissipation ............................................................. 825mW
Lead Temperature (soldering, 10s) ................................................ +300
°C
PACKAGE INFORMATION
PACKAGE DRAWING
PRODUCT
PACKAGE
NUMBER(1)
ADS7820P
Plastic DIP
246
ADS7820PB
Plastic DIP
246
ADS7820U
SOIC
217
ADS7820UB
SOIC
217
NOTE: (1) For detailed drawing and dimension table, please see end of data
sheet, or Appendix D of Burr-Brown IC Data Book.
MINIMUM
SIGNAL-TO-
MAXIMUM
(NOISE +
SPECIFICATION
LINEARITY
DISTORTION)
TEMPERATURE
PRODUCT
ERROR (LSB)
RATIO (dB)
RANGE
PACKAGE
ADS7820P
±1.0
70
–40
°C to +85°C
Plastic DIP
ADS7820PB
±0.5
72
–40
°C to +85°C
Plastic DIP
ADS7820U
±1.0
70
–40
°C to +85°C
SOIC
ADS7820UB
±0.5
72
–40
°C to +85°C
SOIC
ORDERING INFORMATION
ELECTROSTATIC
DISCHARGE SENSITIVITY
Electrostatic discharge can cause damage ranging from per-
formance degradation to complete device failure. Burr-
Brown Corporation recommends that all integrated circuits
be handled and stored using appropriate ESD protection
methods.
ESD damage can range from subtle performance degrada-
tion to complete device failure. Precision integrated circuits
may be more susceptible to damage because very small
parametric changes could cause the device not to meet
published specifications.


Số phần tương tự - ADS7820UB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS7820UB TI1-ADS7820UB Datasheet
200Kb / 11P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7820UB/1K TI1-ADS7820UB/1K Datasheet
200Kb / 11P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
More results

Mô tả tương tự - ADS7820UB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Burr-Brown (TI)
ADS7804 BURR-BROWN-ADS7804 Datasheet
182Kb / 10P
   12-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7808 BURR-BROWN-ADS7808 Datasheet
251Kb / 10P
   12-Bit 10ms Serial CMOS Sampling ANALOG-to-DIGITAL CONVERTER
ADS7821 BURR-BROWN-ADS7821 Datasheet
280Kb / 10P
   16-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7805 BURR-BROWN-ADS7805 Datasheet
135Kb / 12P
   16-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7809 BURR-BROWN-ADS7809 Datasheet
248Kb / 10P
   16-Bit 10ms Serial CMOS Sampling ANALOG-to-DIGITAL CONVERTER
ADS7819 BURR-BROWN-ADS7819 Datasheet
317Kb / 11P
   12-Bit 800kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7831 BURR-BROWN-ADS7831 Datasheet
313Kb / 10P
   12-Bit 600kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7810 BURR-BROWN-ADS7810 Datasheet
208Kb / 11P
   12-Bit 800kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS8504 BURR-BROWN-ADS8504 Datasheet
379Kb / 19P
   12-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7806 TI1-ADS7806 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Power 12-Bit Sampling CMOS ANALOG-to-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com