công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS7819UB bảng dữ liệu(PDF) 7 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
tên linh kiện ADS7819UB
Giải thích chi tiết về linh kiện  12-Bit 800kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BURR-BROWN [Burr-Brown (TI)]
Trang chủ  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS7819UB bảng dữ liệu(HTML) 7 Page - Burr-Brown (TI)

Back Button ADS7819UB Datasheet HTML 3Page - Burr-Brown (TI) ADS7819UB Datasheet HTML 4Page - Burr-Brown (TI) ADS7819UB Datasheet HTML 5Page - Burr-Brown (TI) ADS7819UB Datasheet HTML 6Page - Burr-Brown (TI) ADS7819UB Datasheet HTML 7Page - Burr-Brown (TI) ADS7819UB Datasheet HTML 8Page - Burr-Brown (TI) ADS7819UB Datasheet HTML 9Page - Burr-Brown (TI) ADS7819UB Datasheet HTML 10Page - Burr-Brown (TI) ADS7819UB Datasheet HTML 11Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
2
®
ADS7819
7
BASIC OPERATION
Figure 1 shows a basic circuit to operate the ADS7819.
Taking R/C (pin 23) LOW for 40ns will initiate a conver-
sion. BUSY (pin 25) will go LOW and stay LOW until the
conversion is completed and the output registers are up-
dated. Data will be output in Binary Two’s Complement
with the MSB on D11 (pin 6). BUSY going HIGH can be
used to latch the data. All convert commands will be ignored
while BUSY is LOW.
FIGURE 1. Basic Operation
CS
R/C
BUSY
OPERATION
1
X
X
None. Databus in Hi-Z state.
0
1
Initiates conversion. Databus remains in
Hi-Z state.
0
1
Initiates conversion. Databus enters Hi-Z
state.
01
Conversion completed. Valid data from the
most recent conversion on the databus.
1
1
Enables databus with valid data from the
most recent conversion.
1
0
Conversion in progress. Databus in Hi-Z
state, enabled when the conversion is completed.
0
0
Conversion in progress. Databus in Hi-Z
state, enabled when the conversion is completed.
00
Conversion completed. Valid data from the
most recent conversion in the output register
but the output pins D11-D0 are tri-stated.
X
X
0
New convert commands ignored. Conversion
in progress.
Table I. Control Line Functions for ‘read’ and ‘convert’.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
ADS7819
50
±2.5V
–5V
+5V
0.1µF
NC
10µF
+
10µF
+
0.1µF
Convert Pulse
BUSY
40ns min
D0 (LSB)
D1
D2
D3
D6
D5
D4
D7
D8
D9
D10
D11 (MSB)
0.1µF 10µF
+
The ADS7819 will begin tracking the input signal at the end
of the conversion. Allowing 1.25
µs between convert com-
mands assures accurate acquisition of a new signal.
STARTING A CONVERSION
The combination of CS (pin 24) and R/C (pin 23) LOW for
a minimum of 40ns puts the sample/hold of the ADS7819 in
the hold state and starts a conversion. BUSY (pin 25) will go
LOW and stay LOW until the conversion is completed and
the internal output register has been updated. All new
convert commands during BUSY LOW will be ignored.
The ADS7819 will begin tracking the input signal at the end
of the conversion. Allowing 1.25
µs between convert com-
mands assures accurate acquisition of a new signal. Refer to
Table I for a summary of CS, R/C, and BUSY states and
Figures 2 and 3 for timing parameters.
DESCRIPTION
ANALOG VALUE
DIGITAL OUTPUT
Full Scale Range
±2.5V
Least Significant
1.22mV
Bit (LSB)
BINARY CODE
HEX CODE
+Full Scale
2.499V
0111 1111 1111
7FF
(2.5V – 1LSB)
Midscale
0V
0000 0000 0000
000
One LSB below
–1.22mV
1111 1111 1111
FFF
Midscale
–Full Scale
–2.5V
1000 0000 0000
800
BINARY TWO'S COMPLEMENT
TABLE II. Ideal Input Voltages and Output Codes.


Số phần tương tự - ADS7819UB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS7819UB TI1-ADS7819UB Datasheet
259Kb / 13P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7819UB/1K TI1-ADS7819UB/1K Datasheet
259Kb / 13P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
More results

Mô tả tương tự - ADS7819UB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Burr-Brown (TI)
ADS7810 BURR-BROWN-ADS7810 Datasheet
208Kb / 11P
   12-Bit 800kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7831 BURR-BROWN-ADS7831 Datasheet
313Kb / 10P
   12-Bit 600kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7804 BURR-BROWN-ADS7804 Datasheet
182Kb / 10P
   12-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7820 BURR-BROWN-ADS7820 Datasheet
280Kb / 10P
   12-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7808 BURR-BROWN-ADS7808 Datasheet
251Kb / 10P
   12-Bit 10ms Serial CMOS Sampling ANALOG-to-DIGITAL CONVERTER
ADS8504 BURR-BROWN-ADS8504 Datasheet
379Kb / 19P
   12-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7806 TI1-ADS7806 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Power 12-Bit Sampling CMOS ANALOG-to-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7808 BURR-BROWN-ADS7808_07 Datasheet
329Kb / 13P
   12-Bit 10us Serial CMOS Sampling ANALOG-to-DIGITAL CONVERTER
ADS7806 BURR-BROWN-ADS7806 Datasheet
209Kb / 18P
   Low-Power 12-Bit Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ISO808 BURR-BROWN-ISO808 Datasheet
171Kb / 7P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com