công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS7822 bảng dữ liệu(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
tên linh kiện ADS7822
Giải thích chi tiết về linh kiện  12-Bit High Speed 2.7V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BURR-BROWN [Burr-Brown (TI)]
Trang chủ  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS7822 bảng dữ liệu(HTML) 6 Page - Burr-Brown (TI)

Back Button ADS7822 Datasheet HTML 2Page - Burr-Brown (TI) ADS7822 Datasheet HTML 3Page - Burr-Brown (TI) ADS7822 Datasheet HTML 4Page - Burr-Brown (TI) ADS7822 Datasheet HTML 5Page - Burr-Brown (TI) ADS7822 Datasheet HTML 6Page - Burr-Brown (TI) ADS7822 Datasheet HTML 7Page - Burr-Brown (TI) ADS7822 Datasheet HTML 8Page - Burr-Brown (TI) ADS7822 Datasheet HTML 9Page - Burr-Brown (TI) ADS7822 Datasheet HTML 10Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
®
ADS7822
SPURIOUS FREE DYNAMIC RANGE and
SIGNAL-TO-NOISE RATIO vs FREQUENCY
100
90
80
70
60
50
40
30
20
10
0
1
10
100
Frequency (kHz)
Spurious Free Dynamic Range
Signal-to-Noise Ratio
TOTAL HARMONIC DISTORTION vs FREQUENCY
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
1
10
100
Frequency (kHz)
SIGNAL-TO-(NOISE + DISTORTION) vs FREQUENCY
100
90
80
70
60
50
40
30
20
10
0
1
10
100
Frequency (kHz)
SIGNAL-TO-(NOISE + DISTORTION) vs INPUT LEVEL
80
70
60
50
40
30
20
10
0
–40
–35
–30
–25
–20
–15
–10
–5
0
Input Level (dB)
REFERENCE CURRENT vs SAMPLE RATE
14
12
10
8
6
4
2
0
0
1530
45
6075
Sample Rate (kHz)
REFERENCE CURRENT vs TEMPERATURE
(Code = 710h)
14
12
10
8
6
4
2
–50
–25
0
25
50
75
100
Temperature (
°C)
TYPICAL PERFORMANCE CURVES (Cont.)
At TA = +25°C, VCC = +2.7V, VREF = +2.5V, fSAMPLE = 75kHz, fCLK = 16 • fSAMPLE, unless otherwise specified.


Số phần tương tự - ADS7822

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS7822 TI-ADS7822 Datasheet
431Kb / 20P
[Old version datasheet]   12-Bit, High-Speed, 2.7V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7822 TI1-ADS7822 Datasheet
1Mb / 28P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS7822-Q1 TI1-ADS7822-Q1 Datasheet
769Kb / 23P
[Old version datasheet]   12-BIT 200-kHz MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS7822E TI-ADS7822E Datasheet
431Kb / 20P
[Old version datasheet]   12-Bit, High-Speed, 2.7V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7822E/250 TI-ADS7822E/250 Datasheet
431Kb / 20P
[Old version datasheet]   12-Bit, High-Speed, 2.7V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Mô tả tương tự - ADS7822

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS7822 TI-ADS7822 Datasheet
431Kb / 20P
[Old version datasheet]   12-Bit, High-Speed, 2.7V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8320 TI1-ADS8320 Datasheet
875Kb / 21P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8325 TI1-ADS8325 Datasheet
1Mb / 36P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8325 TI1-ADS8325_14 Datasheet
1Mb / 37P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8317 TI1-ADS8317_14 Datasheet
1Mb / 36P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8320EB TI-ADS8320EB Datasheet
860Kb / 21P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8317 TI-ADS8317 Datasheet
802Kb / 29P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8325 BURR-BROWN-ADS8325 Datasheet
444Kb / 21P
   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8320 BURR-BROWN-ADS8320 Datasheet
105Kb / 13P
   16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8320 TI1-ADS8320_14 Datasheet
876Kb / 22P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com