công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS7820P bảng dữ liệu(PDF) 10 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
tên linh kiện ADS7820P
Giải thích chi tiết về linh kiện  12-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BURR-BROWN [Burr-Brown (TI)]
Trang chủ  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS7820P bảng dữ liệu(HTML) 10 Page - Burr-Brown (TI)

Back Button ADS7820P Datasheet HTML 2Page - Burr-Brown (TI) ADS7820P Datasheet HTML 3Page - Burr-Brown (TI) ADS7820P Datasheet HTML 4Page - Burr-Brown (TI) ADS7820P Datasheet HTML 5Page - Burr-Brown (TI) ADS7820P Datasheet HTML 6Page - Burr-Brown (TI) ADS7820P Datasheet HTML 7Page - Burr-Brown (TI) ADS7820P Datasheet HTML 8Page - Burr-Brown (TI) ADS7820P Datasheet HTML 9Page - Burr-Brown (TI) ADS7820P Datasheet HTML 10Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
®
ADS7820
LAYOUT
POWER
For optimum performance, tie the analog and digital power
pins to the same +5V power supply and tie the analog and
digital grounds together. As noted in the electrical specifica-
tions, the ADS7820 uses 90% of its power for the analog
circuitry. The ADS7820 should be considered as an analog
component.
The +5V power for the A/D should be separate from the +5V
used for the system’s digital logic. Connecting VDIG (pin 28)
directly to a digital supply can reduce converter performance
due to switching noise from the digital logic. For best
performance, the +5V supply can be produced from what-
ever analog supply is used for the rest of the analog signal
conditioning. If +12V or +15V supplies are present, a simple
+5V regulator can be used. Although it is not suggested, if
the digital supply must be used to power the converter, be
sure to properly filter the supply. Either using a filtered
digital supply or a regulated analog supply, both VDIG and
VANA should be tied to the same +5V source.
GROUNDING
Three ground pins are present on the ADS7820. DGND is
the digital supply ground. AGND2 is the analog supply
ground. AGND1 is the ground which all analog signals
internal to the A/D are referenced. AGND1 is more suscep-
tible to current induced voltage drops and must have the path
of least resistance back to the power supply.
All the ground pins of the A/D should be tied to the analog
ground plane, separated from the system’s digital logic
ground, to achieve optimum performance. Both analog and
digital ground planes should be tied to the “system” ground
as near to the power supplies as possible. This helps to
prevent dynamic digital ground currents from modulating
the analog ground through a common impedance to power
ground.
SIGNAL CONDITIONING
The FET switches used for the sample hold on many CMOS
A/D converters release a significant amount of charge injec-
tion which can cause the driving op amp to oscillate. The
FET switch on the ADS7820, compared to the FET switches
on other CMOS A/D converters, releases 5%-10% of the
charge. There is also a resistive front end which attenuates
any charge which is released. The end result is a minimal
requirement for the anti-alias filter on the front end. Any op
amp sufficient for the signal in an application will be
sufficient to drive the ADS7820.
INTERMEDIATE LATCHES
The ADS7820 does have tri-state outputs for the parallel
port, but intermediate latches should be used if the bus will
be active during conversions. If the bus is not active during
conversion, the tri-state outputs can be used to isolate the
A/D from other peripherals on the same bus. Tri-state
outputs can also be used when the A/D is the only peripheral
on the data bus.
Intermediate latches are beneficial on any monolithic A/D
converter. The ADS7820 has an internal LSB size of 610
µV.
Transients from fast switching signals on the parallel port,
even when the A/D is tri-stated, can be coupled through the
substrate to the analog circuitry causing degradation of
converter performance. The effects of this phenomenon will
be more obvious when using the pin-compatible ADS7821
or any of the other 16-bit converters in the ADS Family. This
is due to the smaller internal LSB size of 38
µV.


Số phần tương tự - ADS7820P

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS7820P TI1-ADS7820P Datasheet
200Kb / 11P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7820PB TI1-ADS7820PB Datasheet
200Kb / 11P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
More results

Mô tả tương tự - ADS7820P

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Burr-Brown (TI)
ADS7804 BURR-BROWN-ADS7804 Datasheet
182Kb / 10P
   12-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7808 BURR-BROWN-ADS7808 Datasheet
251Kb / 10P
   12-Bit 10ms Serial CMOS Sampling ANALOG-to-DIGITAL CONVERTER
ADS7821 BURR-BROWN-ADS7821 Datasheet
280Kb / 10P
   16-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7805 BURR-BROWN-ADS7805 Datasheet
135Kb / 12P
   16-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7809 BURR-BROWN-ADS7809 Datasheet
248Kb / 10P
   16-Bit 10ms Serial CMOS Sampling ANALOG-to-DIGITAL CONVERTER
ADS7819 BURR-BROWN-ADS7819 Datasheet
317Kb / 11P
   12-Bit 800kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7831 BURR-BROWN-ADS7831 Datasheet
313Kb / 10P
   12-Bit 600kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7810 BURR-BROWN-ADS7810 Datasheet
208Kb / 11P
   12-Bit 800kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS8504 BURR-BROWN-ADS8504 Datasheet
379Kb / 19P
   12-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7806 TI1-ADS7806 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Power 12-Bit Sampling CMOS ANALOG-to-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com