công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS7820P bảng dữ liệu(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
tên linh kiện ADS7820P
Giải thích chi tiết về linh kiện  12-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BURR-BROWN [Burr-Brown (TI)]
Trang chủ  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS7820P bảng dữ liệu(HTML) 6 Page - Burr-Brown (TI)

Back Button ADS7820P Datasheet HTML 2Page - Burr-Brown (TI) ADS7820P Datasheet HTML 3Page - Burr-Brown (TI) ADS7820P Datasheet HTML 4Page - Burr-Brown (TI) ADS7820P Datasheet HTML 5Page - Burr-Brown (TI) ADS7820P Datasheet HTML 6Page - Burr-Brown (TI) ADS7820P Datasheet HTML 7Page - Burr-Brown (TI) ADS7820P Datasheet HTML 8Page - Burr-Brown (TI) ADS7820P Datasheet HTML 9Page - Burr-Brown (TI) ADS7820P Datasheet HTML 10Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
®
ADS7820
BASIC OPERATION
Figure 1 shows a basic circuit to operate the ADS7820 with
a full parallel data output. Taking R/C (pin 24) LOW for a
minimum of 40ns (5.4
µs max) will initiate a conversion.
BUSY (pin 26) will go LOW and stay LOW until the
conversion is completed and the output registers are up-
dated. Data will be output in Straight Binary with the MSB
on pin 6. BUSY going HIGH can be used to latch the data.
All convert commands will be ignored while BUSY is
LOW.
The ADS7820 will begin tracking the input signal at the end
of the conversion. Allowing 10
µs between convert com-
mands assures accurate acquisition of a new signal.
STARTING A CONVERSION
The combination of CS (pin 25) and R/C (pin 24) LOW for
a minimum of 40ns immediately puts the sample/hold of the
ADS7820 in the hold state and starts conversion ‘n’. BUSY
(pin 26) will go LOW and stay LOW until conversion ‘n’ is
completed and the internal output register has been updated.
All new convert commands during BUSY LOW will be
ignored. CS and/or R/C must go HIGH before BUSY goes
HIGH or a new conversion will be initiated without suffi-
cient time to acquire a new signal.
The ADS7820 will begin tracking the input signal at the end
of the conversion. Allowing 10
µs between convert com-
mands assures accurate acquisition of a new signal. Refer to
Table I for a summary of CS, R/C, and BUSY states and
Figures 3 through 5 for timing diagrams.
CS and R/C are internally OR’d and level triggered. There
is not a requirement which input goes LOW first when
initiating a conversion. If, however, it is critical that CS or
R/C initiates conversion ‘n’, be sure the less critical input is
LOW at least 10ns prior to the initiating input.
To reduce the number of control pins, CS can be tied LOW
using R/C to control the read and convert modes. However,
the output will become active whenever R/C goes HIGH.
Refer to the Reading Data section.
FIGURE 1. Basic Operation (Byte Low).
CS
R/C
BUSY
OPERATION
1
X
X
None. Databus is in Hi-Z state.
0
1
Initiates conversion “n”. Databus remains
in Hi-Z state.
0
1
Initiates conversion “n”. Databus enters Hi-Z
state.
01
Conversion “n” completed. Valid data from
conversion “n” on the databus.
1
1
Enables databus with valid data from
conversion “n”.
1
0
Enables databus with valid data from
conversion “n-1”(1). Conversion n in process.
0
0
Enables databus with valid data from
conversion “n-1”(1). Conversion “n” in process.
00
New conversion initiated without acquisition
of a new signal. Data will be invalid. CS and/or
R/C must be HIGH when BUSY goes HIGH.
X
X
0
New convert commands ignored. Conversion
“n” in process.
NOTE: (1) See Figures 2 and 3 for constraints on data valid from
conversion “n-1”.
Table I. Control Line Functions for “Read” and “Convert”.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
ADS7820
0 to +5V
+5V
0.1µF
10µF
+
+
2.2µF
+
+
2.2µF
Convert Pulse
40ns min
5.4µs max
B0 (LSB)
B1
B2
B3
LOW
LOW
LOW
LOW
B6
B5
B4
B7
B8
B9
B10
B11 (MSB)


Số phần tương tự - ADS7820P

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS7820P TI1-ADS7820P Datasheet
200Kb / 11P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7820PB TI1-ADS7820PB Datasheet
200Kb / 11P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
More results

Mô tả tương tự - ADS7820P

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Burr-Brown (TI)
ADS7804 BURR-BROWN-ADS7804 Datasheet
182Kb / 10P
   12-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7808 BURR-BROWN-ADS7808 Datasheet
251Kb / 10P
   12-Bit 10ms Serial CMOS Sampling ANALOG-to-DIGITAL CONVERTER
ADS7821 BURR-BROWN-ADS7821 Datasheet
280Kb / 10P
   16-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7805 BURR-BROWN-ADS7805 Datasheet
135Kb / 12P
   16-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7809 BURR-BROWN-ADS7809 Datasheet
248Kb / 10P
   16-Bit 10ms Serial CMOS Sampling ANALOG-to-DIGITAL CONVERTER
ADS7819 BURR-BROWN-ADS7819 Datasheet
317Kb / 11P
   12-Bit 800kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7831 BURR-BROWN-ADS7831 Datasheet
313Kb / 10P
   12-Bit 600kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7810 BURR-BROWN-ADS7810 Datasheet
208Kb / 11P
   12-Bit 800kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS8504 BURR-BROWN-ADS8504 Datasheet
379Kb / 19P
   12-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7806 TI1-ADS7806 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Power 12-Bit Sampling CMOS ANALOG-to-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com