công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS7818PB bảng dữ liệu(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
tên linh kiện ADS7818PB
Giải thích chi tiết về linh kiện  2SC5161
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BURR-BROWN [Burr-Brown (TI)]
Trang chủ  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS7818PB bảng dữ liệu(HTML) 1 Page - Burr-Brown (TI)

  ADS7818PB Datasheet HTML 1Page - Burr-Brown (TI) ADS7818PB Datasheet HTML 2Page - Burr-Brown (TI) ADS7818PB Datasheet HTML 3Page - Burr-Brown (TI) ADS7818PB Datasheet HTML 4Page - Burr-Brown (TI) ADS7818PB Datasheet HTML 5Page - Burr-Brown (TI) ADS7818PB Datasheet HTML 6Page - Burr-Brown (TI) ADS7818PB Datasheet HTML 7Page - Burr-Brown (TI) ADS7818PB Datasheet HTML 8Page - Burr-Brown (TI) ADS7818PB Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
®
ADS7818
ADS7818
ADS7818
DESCRIPTION
The ADS7818 is a 12-bit sampling analog-to-digital
converter (A/D) complete with sample/hold, internal
2.5V reference, and synchronous serial interface. Typi-
cal power dissipation is 11mW at a 500kHz through-
put rate. The device can be placed into a power down
mode which reduces dissipation to just 2.5mW. The
input range is zero to two times the reference voltage,
and the internal reference can be overdriven by an
external voltage.
Low power, small size, and high-speed make the
ADS7818 ideal for battery operated systems such as
wireless communication devices, portable multi-chan-
nel data loggers, and spectrum analyzers. The serial
interface also provides low-cost isolation for remote
data acquisition. The ADS7818 is available in a plas-
tic mini-DIP-8 or an MSOP-8 package and is guaran-
teed over the –40
°C to +85°C temperature range.
12-Bit High Speed Low Power Sampling
ANALOG-TO-DIGITAL CONVERTER
®
FEATURES
q 500kHz THROUGHPUT RATE
q 2.5V INTERNAL REFERENCE
q LOW POWER: 11mW
q SINGLE SUPPLY +5V OPERATION
q DIFFERENTIAL INPUT
q SERIAL INTERFACE
q GUARANTEED NO MISSING CODES
q MINI-DIP-8 AND MSOP-8
q UNIPOLAR INPUT RANGE
International Airport Industrial Park • Mailing Address: PO Box 11400, Tucson, AZ 85734 • Street Address: 6730 S. Tucson Blvd., Tucson, AZ 85706 • Tel: (520) 746-1111
Twx: 910-952-1111 • Internet: http://www.burr-brown.com/ • Cable: BBRCORP • Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132
APPLICATIONS
q BATTERY OPERATED SYSTEMS
q DIGITAL SIGNAL PROCESSING
q HIGH SPEED DATA ACQUISITION
q WIRELESS COMMUNICATION SYSTEMS
©1998 Burr-Brown Corporation
PDS-1408B
Printed in U.S.A. May, 2000
SAR
CLK
Serial
Interface
Comparator
S/H Amp
DATA
+In
–In
CDAC
Internal
+2.5V Ref
Buffer
V
REF
CONV
10k
Ω ±30%
For most current data sheet and other product
information, visit www.burr-brown.com


Số phần tương tự - ADS7818PB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS7818PB TI-ADS7818PB Datasheet
619Kb / 20P
[Old version datasheet]   12-Bit High Speed Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7818PB TI-ADS7818PB Datasheet
652Kb / 21P
[Old version datasheet]   12-Bit High Speed Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7818PB TI-ADS7818PB Datasheet
436Kb / 16P
[Old version datasheet]   LOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
ADS7818PB TI1-ADS7818PB Datasheet
668Kb / 21P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS7818PBG4 TI-ADS7818PBG4 Datasheet
619Kb / 20P
[Old version datasheet]   12-Bit High Speed Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com