công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS7819P bảng dữ liệu(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
tên linh kiện ADS7819P
Giải thích chi tiết về linh kiện  12-Bit 800kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BURR-BROWN [Burr-Brown (TI)]
Trang chủ  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS7819P bảng dữ liệu(HTML) 3 Page - Burr-Brown (TI)

  ADS7819P Datasheet HTML 1Page - Burr-Brown (TI) ADS7819P Datasheet HTML 2Page - Burr-Brown (TI) ADS7819P Datasheet HTML 3Page - Burr-Brown (TI) ADS7819P Datasheet HTML 4Page - Burr-Brown (TI) ADS7819P Datasheet HTML 5Page - Burr-Brown (TI) ADS7819P Datasheet HTML 6Page - Burr-Brown (TI) ADS7819P Datasheet HTML 7Page - Burr-Brown (TI) ADS7819P Datasheet HTML 8Page - Burr-Brown (TI) ADS7819P Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
2
®
ADS7819
3
SPECIFICATIONS (CONT)
At T
A = –40°C to +85°C, fS = 800kHz, +VDIG = +VANA = +5V, –VANA = –5V, using internal reference and the 50Ω input resistor shown in Figure 4b, unless otherwise specified.
ADS7819P, U
ADS7819PB, UB
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
POWER SUPPLIES
Specified Performance
+VDIG = +VANA
+4.75
+5
+5.25
*
*
*
V
–VANA
–5.25
–5
–4.75
*
*
*
V
+IDIG
+16
*
mA
+IANA
+16
*
mA
–IANA
–13
*
mA
Derated Performance
+VDIG = +VANA
+4.5
+5
+5.5
*
*
*
V
–VANA
–5.5
–5
–4.5
*
*
*
V
Power Dissipation
fS = 800kHz
225
275
*
mW
TEMPERATURE RANGE
Specified Performance
–40
+85
*
*
°C
Derated Performance
–55
+125
*
*
°C
Storage
–65
+150
*
*
°C
Thermal Resistance (
θ
JA)
Plastic DIP
75
*
°C/W
SOIC
75
*
°C/W
NOTES: (1) LSB means Least Significant Bit. For the 12-bit,
±2.5V input ADS7819, one LSB is 1.22mV. (2) Typical rms noise at worst case transitions and
temperatures. (3) Measured with 50
Ω in series with analog input. Adjustable to zero with external potentiometer. (4) Full scale error is the worst case of –Full Scale
or +Full Scale untrimmed deviation from ideal first and last code transitions, divided by the transition voltage (not divided by the full-scale range) and includes the
effect of offset error. (5) All specifications in dB are referred to a full-scale
±2.5V input. (6) Usable Bandwidth defined as Full-Scale input frequency at which Signal-
to-(Noise+Distortion) degrades to 60dB, or 10 bits of accuracy. (7) Recovers to specified performance after 2 x FS input over voltage.
ABSOLUTE MAXIMUM RATINGS
Analog Inputs: VIN .............................................................................. ±25V
REF .................................... +VANA +0.3V to AGND2 –0.3V
CAP ........................................... Indefinite Short to AGND2
Momentary Short to +VANA
Ground Voltage Differences: DGND, AGND1, AGND2 ...................
±0.3V
+VANA ................................................................................................... +7V
+VDIG to +VANA ................................................................................. +0.3V
+VDIG ..................................................................................................... 7V
–VANA ................................................................................................... –7V
Digital Inputs ............................................................ –0.3V to +VDIG +0.3V
Maximum Junction Temperature ................................................... +165
°C
Internal Power Dissipation ............................................................. 825mW
Lead Temperature (soldering, 10s) ................................................ +300
°C
MINIMUM
MAXIMUM
SIGNAL-TO-
INTEGRAL
(NOISE +
SPECIFICATION
LINEARITY
DISTORTION)
TEMPERATURE
PACKAGE DRAWING
MODEL
ERROR (LSB)
RATIO (dB)
RANGE
PACKAGE
NUMBER(1)
ADS7819P
±1
68
–40
°C to +85°C
28-Pin Plastic DIP
246
ADS7819PB
±0.75
70
–40
°C to +85°C
28-Pin Plastic DIP
246
ADS7819U
±1
68
–40
°C to +85°C
28-Pin SOIC
217
ADS7819UB
±0.75
70
–40
°C to +85°C
28-Pin SOIC
217
ORDERING AND PACKAGE INFORMATION
NOTE: (1) For detailed drawing and dimension table, please see end of data sheet, or Appendix D of Burr-Brown IC Data Book.
ELECTROSTATIC
DISCHARGE SENSITIVITY
Electrostatic discharge can cause damage ranging from
performance degradation to complete device failure. Burr-
Brown Corporation recommends that all integrated circuits be
handled and stored using appropriate ESD protection
methods.


Số phần tương tự - ADS7819P

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS7819P TI1-ADS7819P Datasheet
259Kb / 13P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7819PB TI1-ADS7819PB Datasheet
259Kb / 13P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
More results

Mô tả tương tự - ADS7819P

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Burr-Brown (TI)
ADS7810 BURR-BROWN-ADS7810 Datasheet
208Kb / 11P
   12-Bit 800kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7831 BURR-BROWN-ADS7831 Datasheet
313Kb / 10P
   12-Bit 600kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7804 BURR-BROWN-ADS7804 Datasheet
182Kb / 10P
   12-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7820 BURR-BROWN-ADS7820 Datasheet
280Kb / 10P
   12-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7808 BURR-BROWN-ADS7808 Datasheet
251Kb / 10P
   12-Bit 10ms Serial CMOS Sampling ANALOG-to-DIGITAL CONVERTER
ADS8504 BURR-BROWN-ADS8504 Datasheet
379Kb / 19P
   12-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7806 TI1-ADS7806 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Power 12-Bit Sampling CMOS ANALOG-to-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7808 BURR-BROWN-ADS7808_07 Datasheet
329Kb / 13P
   12-Bit 10us Serial CMOS Sampling ANALOG-to-DIGITAL CONVERTER
ADS7806 BURR-BROWN-ADS7806 Datasheet
209Kb / 18P
   Low-Power 12-Bit Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ISO808 BURR-BROWN-ISO808 Datasheet
171Kb / 7P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com