công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS7816B bảng dữ liệu(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
tên linh kiện ADS7816B
Giải thích chi tiết về linh kiện  12-Bit High Speed Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BURR-BROWN [Burr-Brown (TI)]
Trang chủ  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS7816B bảng dữ liệu(HTML) 1 Page - Burr-Brown (TI)

  ADS7816B Datasheet HTML 1Page - Burr-Brown (TI) ADS7816B Datasheet HTML 2Page - Burr-Brown (TI) ADS7816B Datasheet HTML 3Page - Burr-Brown (TI) ADS7816B Datasheet HTML 4Page - Burr-Brown (TI) ADS7816B Datasheet HTML 5Page - Burr-Brown (TI) ADS7816B Datasheet HTML 6Page - Burr-Brown (TI) ADS7816B Datasheet HTML 7Page - Burr-Brown (TI) ADS7816B Datasheet HTML 8Page - Burr-Brown (TI) ADS7816B Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
ADS7816
DESCRIPTION
The ADS7816 is a 12-bit, 200kHz sampling analog-
to-digital converter. It features low power operation
with automatic power down, a synchronous serial
interface, and a differential input. The reference volt-
age can be varied from 100mV to 5V, with a corre-
sponding resolution from 24
µV to 1.22mV.
Low power, automatic power down, and small size
make the ADS7816 ideal for battery operated systems
or for systems where a large number of signals must be
acquired simultaneously. It is also ideal for remote
and/or isolated data acquisition. The ADS7816 is
available in an 8-pin plastic mini-DIP, an 8-lead SOIC,
or an 8-lead MSOP package.
12-Bit High Speed Micro Power Sampling
ANALOG-TO-DIGITAL CONVERTER
®
©1996 Burr-Brown Corporation
PDS-1355B
Printed in U.S.A., March, 1997
International Airport Industrial Park • Mailing Address: PO Box 11400, Tucson, AZ 85734 • Street Address: 6730 S. Tucson Blvd., Tucson, AZ 85706 • Tel: (520) 746-1111 • Twx: 910-952-1111
Internet: http://www.burr-brown.com/ • FAXLine: (800) 548-6133 (US/Canada Only) • Cable: BBRCORP • Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132
FEATURES
q 200kHz SAMPLING RATE
q MICRO POWER:
1.9mW at 200kHz
150
µW at 12.5kHz
q POWER DOWN: 3
µA Max
q 8-PIN MINI-DIP, SOIC, AND MSOP
q DIFFERENTIAL INPUT
q SERIAL INTERFACE
APPLICATIONS
q BATTERY OPERATED SYSTEMS
q REMOTE DATA ACQUISITION
q ISOLATED DATA ACQUISITION
SAR
Control
Serial
Interface
D
OUT
Comparator
S/H Amp
CS/SHDN
DCLOCK
+In
V
REF
–In
CDAC
OPA658
ADS7816
ADS7816


Số phần tương tự - ADS7816B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS7816 TI-ADS7816 Datasheet
931Kb / 23P
[Old version datasheet]   12-Bit High Speed Micro Power Sampling
ADS7816 TI-ADS7816 Datasheet
963Kb / 24P
[Old version datasheet]   12-Bit High Speed Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7816E/250 TI1-ADS7816E/250 Datasheet
984Kb / 24P
[Old version datasheet]   12-Bit High Speed Micro Power Sampling
ADS7816E/250G4 TI1-ADS7816E/250G4 Datasheet
984Kb / 24P
[Old version datasheet]   12-Bit High Speed Micro Power Sampling
ADS7816E/2K5 TI1-ADS7816E/2K5 Datasheet
984Kb / 24P
[Old version datasheet]   12-Bit High Speed Micro Power Sampling
More results

Mô tả tương tự - ADS7816B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS7816U TI1-ADS7816U Datasheet
951Kb / 23P
[Old version datasheet]   12-Bit High Speed Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7816P TI1-ADS7816P Datasheet
951Kb / 23P
[Old version datasheet]   12-Bit High Speed Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7816EB TI-ADS7816EB Datasheet
963Kb / 24P
[Old version datasheet]   12-Bit High Speed Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1286 BURR-BROWN-ADS1286 Datasheet
165Kb / 11P
   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1286 TI1-ADS1286_14 Datasheet
491Kb / 18P
[Old version datasheet]   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS1286 TI1-ADS1286_16 Datasheet
483Kb / 17P
[Old version datasheet]   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1286 BURR-BROWN-ADS1286_06 Datasheet
141Kb / 14P
   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS1286 BURR-BROWN-ADS1286_12 Datasheet
479Kb / 18P
   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7835 TI1-ADS7835_14 Datasheet
840Kb / 21P
[Old version datasheet]   12-Bit, High-Speed, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7834 TI1-ADS7834_14 Datasheet
966Kb / 22P
[Old version datasheet]   12-Bit High-Speed, Low-Power Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com