công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS7812UB bảng dữ liệu(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
tên linh kiện ADS7812UB
Giải thích chi tiết về linh kiện  Low-Power, Serial 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BURR-BROWN [Burr-Brown (TI)]
Trang chủ  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS7812UB bảng dữ liệu(HTML) 2 Page - Burr-Brown (TI)

  ADS7812UB Datasheet HTML 1Page - Burr-Brown (TI) ADS7812UB Datasheet HTML 2Page - Burr-Brown (TI) ADS7812UB Datasheet HTML 3Page - Burr-Brown (TI) ADS7812UB Datasheet HTML 4Page - Burr-Brown (TI) ADS7812UB Datasheet HTML 5Page - Burr-Brown (TI) ADS7812UB Datasheet HTML 6Page - Burr-Brown (TI) ADS7812UB Datasheet HTML 7Page - Burr-Brown (TI) ADS7812UB Datasheet HTML 8Page - Burr-Brown (TI) ADS7812UB Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2
®
ADS7812
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN
assumes no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject
to change without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not
authorize or warrant any BURR-BROWN product for use in life support devices and/or systems.
SPECIFICATIONS
At TA = –40°C to +85°C, fS = 40kHz, VS = +5V ±5%, using internal reference, unless otherwise specified.
ADS7812P, U
ADS7812PB, UB
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
RESOLUTION
12
T
Bits
ANALOG INPUT
Voltage Range
See Table I
T
Impedance
See Table I
T
Capacitance
35
T
pF
THROUGHPUT SPEED
Conversion Time
20
T
µs
Complete Cycle
Acquire and Convert
25
T
µs
Throughput Rate
40
T
kHz
DC ACCURACY
Integral Linearity Error
0.1
±1
T
±0.5
LSB(1)
Differential Linearity Error
0.1
±1
T
±0.5
LSB
No Missing Codes
Guaranteed
T
Transition Noise(2)
0.05
T
LSB
Full Scale Error(3)
±0.5
±0.25
%
Full Scale Error Drift
±14
T
ppm/
°C
Full Scale Error(3)
Ext. 2.5000V Ref
±0.5
±0.25
%
Full Scale Error Drift
Ext. 2.5000V Ref
±5
T
ppm/
°C
Bipolar Zero Error
Bipolar Ranges
±10
T
mV
Bipolar Zero Error Drift
Bipolar Ranges
±3
T
ppm/
°C
Unipolar Zero Error
Unipolar Ranges
±6
T
mV
Unipolar Zero Error Drift
Unipolar Ranges
±3
T
ppm/
°C
Recovery Time to Rated Accuracy
1.0
µF Capacitor to CAP
300
T
µs
from Power Down(4)
Power Supply Sensitivity
+4.75V < (VS = +5V) < +5.25
±0.75
T
LSB
AC ACCURACY
Spurious-Free Dynamic Range
fIN = 1kHz
80
98
TT
dB(5)
Total Harmonic Distortion
fIN = 1kHz
–96
–80
TT
dB
Signal-to-(Noise+Distortion)
fIN = 1kHz
70
74
72
T
dB
Signal-to-Noise
fIN = 1kHz
70
74
72
T
dB
Useable Bandwidth(6)
130
T
kHz
Full Power –3dB Bandwidth
600
T
kHz
SAMPLING DYNAMICS
Aperture Delay
40
T
ns
Aperture Jitter
20
T
ps
Transient Response
FS Step
5
T
µs
Overvoltage Recovery(7)
750
T
ns
REFERENCE
Internal Reference Voltage
2.48
2.5
2.52
TT
T
V
Internal Reference Source Current
100
T
µA
Internal Reference Drift
8
T
ppm/
°C
External Reference Voltage Range
2.3
2.5
2.7
TT
T
V
External Reference Current Drain
VREF = +2.5V
100
T
µA
DIGITAL INPUTS
Logic Levels
VIL
–0.3
+0.8
TT
V
VIH
+2.0
VS +0.3V
TT
V
IIL
±10
T
µA
IIH
±10
T
µA
DIGITAL OUTPUTS
Data Format
Data Coding
VOL
ISINK = 1.6mA
+0.4
T
V
VOH
ISOURCE = 500µA+4
T
V
Leakage Current
High-Z State,
±1
T
µA
VOUT = 0V to VS
Output Capacitance
High-Z State
15
15
pF
Serial
Binary Two’s Complement


Số phần tương tự - ADS7812UB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS7812UB TI1-ADS7812UB Datasheet
1,014Kb / 25P
[Old version datasheet]   Low-Power, Serial 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7812UB TI1-ADS7812UB Datasheet
1Mb / 25P
[Old version datasheet]   Low-Power, Serial 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7812UB/1K TI1-ADS7812UB/1K Datasheet
1Mb / 25P
[Old version datasheet]   Low-Power, Serial 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7812UBE4 TI1-ADS7812UBE4 Datasheet
1,014Kb / 25P
[Old version datasheet]   Low-Power, Serial 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7812UBG4 TI1-ADS7812UBG4 Datasheet
1,014Kb / 25P
[Old version datasheet]   Low-Power, Serial 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Mô tả tương tự - ADS7812UB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS7812 TI1-ADS7812 Datasheet
1,014Kb / 25P
[Old version datasheet]   Low-Power, Serial 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7812 TI1-ADS7812_15 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Power, Serial 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Sipex Corporation
SP8531 SIPEX-SP8531 Datasheet
254Kb / 16P
   12-Bit Sampling Serial Out Analog to Digital Converter
logo
Texas Instruments
ADS7813 TI1-ADS7813_16 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Power, Serial 16-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7813 TI1-ADS7813 Datasheet
1,007Kb / 25P
[Old version datasheet]   Low-Power, Serial 16-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7813 BURR-BROWN-ADS7813 Datasheet
376Kb / 17P
   Low-Power, Serial 16-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7806 TI1-ADS7806 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Power 12-Bit Sampling CMOS ANALOG-to-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7808 BURR-BROWN-ADS7808 Datasheet
251Kb / 10P
   12-Bit 10ms Serial CMOS Sampling ANALOG-to-DIGITAL CONVERTER
ADS7808 BURR-BROWN-ADS7808_07 Datasheet
329Kb / 13P
   12-Bit 10us Serial CMOS Sampling ANALOG-to-DIGITAL CONVERTER
ADS7806 BURR-BROWN-ADS7806 Datasheet
209Kb / 18P
   Low-Power 12-Bit Sampling CMOS ANALOG-to-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com