công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS1211U bảng dữ liệu(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
tên linh kiện ADS1211U
Giải thích chi tiết về linh kiện  24-Bit ANALOG-TO-DIGITAL CONVERTER
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BURR-BROWN [Burr-Brown (TI)]
Trang chủ  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS1211U bảng dữ liệu(HTML) 3 Page - Burr-Brown (TI)

  ADS1211U Datasheet HTML 1Page - Burr-Brown (TI) ADS1211U Datasheet HTML 2Page - Burr-Brown (TI) ADS1211U Datasheet HTML 3Page - Burr-Brown (TI) ADS1211U Datasheet HTML 4Page - Burr-Brown (TI) ADS1211U Datasheet HTML 5Page - Burr-Brown (TI) ADS1211U Datasheet HTML 6Page - Burr-Brown (TI) ADS1211U Datasheet HTML 7Page - Burr-Brown (TI) ADS1211U Datasheet HTML 8Page - Burr-Brown (TI) ADS1211U Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
®
3
ADS1210, 1211
POWER SUPPLY REQUIREMENTS
Power Supply Voltage
4.75
5.25
V
Power Supply Current:
Analog Current
2mA
Digital Current
3.5
mA
Additional Analog Current with
REFOUT Enabled
1.6
mA
VBIAS Enabled
No Load
1
mA
Power Dissipation
26
40
mW
TMR of 16
37
60
mW
fXIN = 2.5MHz
17
mW
fXIN = 2.5MHz, TMR of 16
27
mW
Sleep Mode
11
mW
TEMPERATURE RANGE
Specified
–40
+85
°C
Storage
–60
+125
°C
NOTES: (1) In order to achieve the converter’s full-scale range, the input must be fully differential (AINN = 2 • REFIN – AINP). If the input is single-ended (AINN or
AINP is fixed), then the full scale range is one-half that of the differential range. (2) This range is set with external resistors and VBIAS (as described in the text).
Other ranges are possible. (3) Input impedance is higher with lower fXIN. (4) Applies after calibration. (5) After system calibration, these errors will be of the order
of the effective resolution of the converter. Refer to the Typical Performance Curves which apply to the desired mode of operation. (6) Recalibration can remove
these errors. (7) The specification also applies at fDATA /i, where i is 2, 3, 4, etc. (8) Voltages at the analog inputs must remain within AGND to AVDD. (9) The common-
mode rejection test is performed with a 100mV differential input.
SPECIFICATIONS (CONT)
ADS1210U, P/ADS1211U, P, E
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
PACKAGE/ORDERING INFORMATION
PACKAGE
DRAWING
TEMPERATURE
PRODUCT
PACKAGE
NUMBER(1)
RANGE
ADS1210P
18-Pin Plastic DIP
218
–40
°C to +85°C
ADS1210U
18-Lead SOIC
219
–40
°C to +85°C
ADS1211P
24-Pin Plastic DIP
243
–40
°C to +85°C
ADS1211U
24-Lead SOIC
239
–40
°C to +85°C
ADS1211E
28-Lead SSOP
324
–40
°C to +85°C
NOTE: (1) For detailed drawing and dimension table, please see end of data
sheet, or Appendix C of Burr-Brown IC Data Book.
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Burr-Brown
recommends that all integrated circuits be handled with ap-
propriate precautions. Failure to observe proper handling and
installation procedures can cause damage.
Electrostatic discharge can cause damage ranging from
performance degradation to complete device failure. Burr-
Brown Corporation recommends that all integrated circuits be
handled and stored using appropriate ESD protection
methods.
Analog Input: Current ................................................
±100mA, Momentary
±10mA, Continuous
Voltage ................................... AGND –0.3V to AVDD +0.3V
AVDD to DVDD ........................................................................... –0.3V to 6V
AVDD to AGND ......................................................................... –0.3V to 6V
DVDD to DGND ......................................................................... –0.3V to 6V
AGND to DGND ................................................................................
±0.3V
REFIN Voltage to AGND ............................................ –0.3V to AVDD +0.3V
Digital Input Voltage to DGND .................................. –0.3V to DVDD +0.3V
Digital Output Voltage to DGND ............................... –0.3V to DVDD +0.3V
Lead Temperature (soldering, 10s) .............................................. +300
°C
Power Dissipation (Any package) .................................................. 500mW
ABSOLUTE MAXIMUM RATINGS
All specifications TMIN to TMAX, AVDD = DVDD = +5V, fXIN = 10MHz, programmable gain amplifier setting of 1, Turbo Mode Rate of 1, REFOUT disabled,VBIAS disabled,
and external 2.5V reference, unless otherwise specified.


Số phần tương tự - ADS1211U

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS1211U TI1-ADS1211U Datasheet
1Mb / 51P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1211U TI1-ADS1211U Datasheet
1Mb / 50P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1211U-1K TI1-ADS1211U-1K Datasheet
1Mb / 50P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1211U/1K TI1-ADS1211U/1K Datasheet
1Mb / 50P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1211U1K TI1-ADS1211U1K Datasheet
1Mb / 51P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
More results

Mô tả tương tự - ADS1211U

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS1242 TI-ADS1242 Datasheet
410Kb / 25P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
List of Unclassifed Man...
AL1101 ETC2-AL1101 Datasheet
173Kb / 8P
   24-Bit Analog-to-Digital Converter
logo
Texas Instruments
ADS1240 TI-ADS1240 Datasheet
416Kb / 23P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1210 TI1-ADS1210_15 Datasheet
1Mb / 50P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1240 TI1-ADS1240_14 Datasheet
1Mb / 31P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1243SJD TI1-ADS1243SJD Datasheet
514Kb / 40P
[Old version datasheet]   24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1243-HT TI1-ADS1243-HT Datasheet
522Kb / 40P
[Old version datasheet]   24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1242 TI1-ADS1242_14 Datasheet
1Mb / 33P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1240 TI1-ADS1240_16 Datasheet
1,019Kb / 30P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1222IPWTG4 TI1-ADS1222IPWTG4 Datasheet
621Kb / 26P
[Old version datasheet]   24-Bit Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com