công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADC574ATH bảng dữ liệu(PDF) 9 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
tên linh kiện ADC574ATH
Giải thích chi tiết về linh kiện  Microprocessor-Compatible ANALOG-TO-DIGITAL CONVERTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BURR-BROWN [Burr-Brown (TI)]
Trang chủ  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADC574ATH bảng dữ liệu(HTML) 9 Page - Burr-Brown (TI)

Back Button ADC574ATH Datasheet HTML 2Page - Burr-Brown (TI) ADC574ATH Datasheet HTML 3Page - Burr-Brown (TI) ADC574ATH Datasheet HTML 4Page - Burr-Brown (TI) ADC574ATH Datasheet HTML 5Page - Burr-Brown (TI) ADC574ATH Datasheet HTML 6Page - Burr-Brown (TI) ADC574ATH Datasheet HTML 7Page - Burr-Brown (TI) ADC574ATH Datasheet HTML 8Page - Burr-Brown (TI) ADC574ATH Datasheet HTML 9Page - Burr-Brown (TI) ADC574ATH Datasheet HTML 10Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
®
ADC574A
desired. When 12/8 is high, all 12 output lines (DB0–DB11)
are enabled simultaneously for full data word transfer to a
12-bit or 16-bit bus. In this situation the AO state is ignored.
When 12/8 is low, the data is presented in the form of two
8-bit bytes, with selection of the byte of interest accom-
plished by the state of AO during the read cycle. Connection
of the ADC574A to an 8-bit bus for transfer of left-justified
data is illustrated in Figure 8. The AO input is usually driven
by the least significant bit of the address bus, allowing
storage of the output data word in two consecutive memory
locations.
READING OUTPUT DATA
After conversion is initiated, the output data buffers remain
in a high-impedance state until the following four logic
conditions are simultaneously met: R/C high, STATUS low,
CE high, and CS low. Upon satisfaction of these conditions
the data lines are enabled according to the state of inputs
12/8 and AO. See Figure 7 and Table V for timing relation-
ships and specifications.
In most applications the 12/8 input will be hard-wired in
either the high or low condition, although it is fully TTL-
and CMOS-compatible and may be actively driven if
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
Convert Mode
tDSC
STS Delay from CE
60
200
ns
tHEC
CE Pulse Width
50
30
ns
tSSC
CS to CE Setup time
50
20
ns
tHSC
CS low during CE high
50
20
ns
tSRC
R/C to CE setup
50
0
ns
tHRC
R/C low during CE high
50
20
ns
tSAC
AO to CE setup
0
ns
tHAC
AO valid during CE high
50
20
ns
tC
Conversion time, 12-bit cycle
15
20
25
µs
8-bit cycle
10
13
17
µs
Read Mode
tDD
Access time from CE
75
150
ns
tHD
Data valid after CE low
25
35
ns
tHL
Output float delay
100
150
ns
tSSR
CS to CE setup
50
0
ns
tSRR
R/C to CE setup
0
ns
tSAR
AO to CE setup
50
25
ns
tHSR
CS valid after CE low
0
ns
tHRR
R/C high after CE low
0
ns
tHAR
AO valid after CE low
50
ns
tHS
STS delay after data valid
300
400
1000
ns
NOTE: Specifications are at +25
°C and measured at 50% level of transitions.
TABLE V. Timing Specifications.
FIGURE 7. Read Cycle Timing.
FIGURE 6. Conversion Cycle Timing.
CE
t
HEC
t
SSC
t
SRC
t
HSC
t
HRC
t
HAC
t
SAC
t
DSC
t
C
High Impedance
CS
R/C
STS
DB11–
DB0
A
O
CE
t
SSR
t
SRR
t
HRR
t
HS
t
HD
High-Z
CS
R/C
STS
DB11–
DB0
t
HSR
A
O
t
HAR
t
SAR
Data Valid
t
HL
t
DD


Số phần tương tự - ADC574ATH

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
API Technologies Corp
ADC541 APITECH-ADC541 Datasheet
1Mb / 2P
   8-Bit, Wide Temperature
More results

Mô tả tương tự - ADC574ATH

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Burr-Brown (TI)
ADC674 BURR-BROWN-ADC674 Datasheet
56Kb / 6P
   Microprocessor-Compatible ANALOG-TO-DIGITAL CONVERTER
DAC811 BURR-BROWN-DAC811 Datasheet
96Kb / 9P
   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
ADS774 TI1-ADS774 Datasheet
750Kb / 21P
[Old version datasheet]   Microprocessor-Compatible Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS774H TI1-ADS774H_13 Datasheet
1Mb / 27P
[Old version datasheet]   Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
DAC811 TI1-DAC811 Datasheet
273Kb / 14P
[Old version datasheet]   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
ADS774H TI1-ADS774H Datasheet
609Kb / 23P
[Old version datasheet]   Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
ADS574 TI1-ADS574_14 Datasheet
323Kb / 17P
[Old version datasheet]   Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
DAC813 TI1-DAC813 Datasheet
548Kb / 16P
[Old version datasheet]   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
ADS574 BURR-BROWN-ADS574 Datasheet
413Kb / 13P
   Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
DAC813 BURR-BROWN-DAC813 Datasheet
298Kb / 11P
   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com