công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADC76B bảng dữ liệu(PDF) 7 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
tên linh kiện ADC76B
Giải thích chi tiết về linh kiện  16-Bit ANALOG-TO-DIGITAL CONVERTER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BURR-BROWN [Burr-Brown (TI)]
Trang chủ  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADC76B bảng dữ liệu(HTML) 7 Page - Burr-Brown (TI)

  ADC76B Datasheet HTML 1Page - Burr-Brown (TI) ADC76B Datasheet HTML 2Page - Burr-Brown (TI) ADC76B Datasheet HTML 3Page - Burr-Brown (TI) ADC76B Datasheet HTML 4Page - Burr-Brown (TI) ADC76B Datasheet HTML 5Page - Burr-Brown (TI) ADC76B Datasheet HTML 6Page - Burr-Brown (TI) ADC76B Datasheet HTML 7Page - Burr-Brown (TI) ADC76B Datasheet HTML 8Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
®
ADC76
7
LAYOUT AND
OPERATING INSTRUCTIONS
LAYOUT PRECAUTIONS
Analog and digital common are not connected internally in
the ADC76, but should be connected together as close to the
unit as possible, preferably to a large plane under the ADC.
If these grounds must be run separately, use a wide conduc-
tor pattern and a 0.01
µF to 0.1µF nonpolarized bypass
capacitor between analog and digital commons at the unit.
Low impedance analog and digital common returns are
essential for low noise performance. Coupling between
analog inputs and digital lines should be minimized by
careful layout. The comparator input (pin 27) is extremely
sensitive to noise. Any connection to this point should be as
short as possible and shielded by Analog Common or
±15VDC supply patterns.
POWER SUPPLY DECOUPLING
The power supplies should be bypassed with tantalum or
electrolytic capacitors as shown in Figure 7 to obtain noise
free operation. These capacitors should be located close to
the ADC.
CONNECT
INPUT
CONNECT
CONNECT
INPUT
SIGNAL
OUTPUT
PIN 26
PIN 24
SIGNAL
RANGE
CODE
TO PIN
TO
TO PIN
±10V
COB or CTC*
27
Input Signal
24
±5V
COB or CTC*
27
Open
25
±2.5V
COB or CTC*
27
Pin 27
25
0 to +5V
CSB
22
Pin 27
25
0 to +10V
CSB
22
Open
25
0 to +20V
CSB
22
Input Signal
24
*Obtained by inverting MSB pin 1.
TABLE II. ADC76 Input Scaling Connections.
OUTPUT DRIVE
Normally all ADC76 logic outputs will drive two standard
TTL loads; however, if long digital lines must be driven,
external logic buffers are recommended.
INPUT IMPEDANCE
The input signal to the ADC76 should be low impedance,
such as the output of an op amp, to avoid any errors due to
the relatively low input impedance of the ADC76.
If this impedance is not low, a buffer amplifier should be
added between the input signal and the direct input to the
ADC76 as shown in Figure 9.
INPUT SCALING
The analog input should be scaled as close to the maximum
input signal range as possible in order to utilize the maxi-
mum signal resolution of the A/ D converter. Connect the
input signal as shown in Table II. See Figure 8 for circuit
details.
FIGURE 8. ADC76 Input Scaling Circuit.
FIGURE 9. Source Impedance Buffering.
FIGURE 7. Recommended Power Supply Decoupling.
OPTIONAL EXTERNAL GAIN
AND OFFSET ADJUSTMENTS
Gain and Offset errors may be trimmed to zero using
external gain and offset trim potentiometers connected to the
ADC as shown in Figures 10 and 11. Multiturn potentiome-
ters with 100ppm/
°C or better TCRs are recommended for
minimum drift over temperature and time. These pots may
be any value from 10k
Ω to 100kΩ. All resistors should be
20% carbon or better. Pin 29 (Gain Adjust) and pin 27
(Offset Adjust) may be left open if no external adjustment is
required; however, pin 29 should always be bypassed with
0.01
µF to Analog Common.
ADJUSTMENT PROCEDURE
Offset—Connect the Offset potentiometer (make sure R
1 is
as close to pin 27 as possible) as shown in Figure 10.
Sweep the input through the end point transition voltage that
should cause an output transition to all bits off (E
IN Off),
Figure 1.
30
28
22
21
19
1µF
+5VDC
Analog
Common
–15VDC
Digital
Common
+15VDC
1µF
+
+
+
1µF
27
26
25
24
22
Comparator
to Logic
From D/A
Converter
Direct
Input
R
2
R
1
5k
5k
Comp
In
Bipolar
Offset
V
REF
6.3k
Connect to
Pin 24 or Pin 25
+
Analog
Input Signal
10M
To Star (Meeting Point) Ground
OPA633


Số phần tương tự - ADC76B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Burr-Brown (TI)
ADC700 BURR-BROWN-ADC700 Datasheet
148Kb / 12P
   16-Bit Resolution With Microprocessor Interface A/D CONVERTER
ADC700AH BURR-BROWN-ADC700AH Datasheet
148Kb / 12P
   16-Bit Resolution With Microprocessor Interface A/D CONVERTER
ADC700BH BURR-BROWN-ADC700BH Datasheet
148Kb / 12P
   16-Bit Resolution With Microprocessor Interface A/D CONVERTER
ADC700JH BURR-BROWN-ADC700JH Datasheet
148Kb / 12P
   16-Bit Resolution With Microprocessor Interface A/D CONVERTER
ADC700KH BURR-BROWN-ADC700KH Datasheet
148Kb / 12P
   16-Bit Resolution With Microprocessor Interface A/D CONVERTER
More results

Mô tả tương tự - ADC76B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Micro Analog systems
MAS6501 MAS-MAS6501 Datasheet
205Kb / 16P
   16-Bit Analog-to-Digital Converter
logo
DATEL, Inc.
5962-8953101HXA DATEL-5962-8953101HXA Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
5962-8953102HXC DATEL-5962-8953102HXC Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
logo
SHENZHEN FUMAN ELECTRON...
SC8211 FUMAN-SC8211 Datasheet
592Kb / 9P
   16 Bit Digital to Analog Converter
logo
DATEL, Inc.
5962-8953102HXA DATEL-5962-8953102HXA Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
logo
Princeton Technology Co...
PT8211 PTC-PT8211_10 Datasheet
290Kb / 13P
   16 Bit Digital to Analog Converter
logo
DATEL, Inc.
5962-8953101HXC DATEL-5962-8953101HXC Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
logo
Princeton Technology Co...
PT8211L PTC-PT8211L Datasheet
124Kb / 4P
   16 Bit Digital to Analog Converter
logo
Maxwell Technologies
7846B MAXWELL-7846B Datasheet
254Kb / 11P
   16-Bit Digital to Analog Converter
7846A MAXWELL-7846A Datasheet
256Kb / 11P
   16-Bit Digital to Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com