công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADC76A bảng dữ liệu(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
tên linh kiện ADC76A
Giải thích chi tiết về linh kiện  16-Bit ANALOG-TO-DIGITAL CONVERTER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BURR-BROWN [Burr-Brown (TI)]
Trang chủ  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADC76A bảng dữ liệu(HTML) 5 Page - Burr-Brown (TI)

  ADC76A Datasheet HTML 1Page - Burr-Brown (TI) ADC76A Datasheet HTML 2Page - Burr-Brown (TI) ADC76A Datasheet HTML 3Page - Burr-Brown (TI) ADC76A Datasheet HTML 4Page - Burr-Brown (TI) ADC76A Datasheet HTML 5Page - Burr-Brown (TI) ADC76A Datasheet HTML 6Page - Burr-Brown (TI) ADC76A Datasheet HTML 7Page - Burr-Brown (TI) ADC76A Datasheet HTML 8Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
®
ADC76
5
TYPICAL PERFORMANCE CURVES
T
A = +25°C, VCC = ±15V unless otherwise noted.
FIGURE 1. Input vs Output for an Ideal Bipolar A/ D
Converter.
THEORY OF OPERATION
The accuracy of a successive approximation A/D converter
is described by the transfer function shown in Figure 1. All
successive approximation A/ D converters have an inherent
quantization error of
±1/2LSB. The remaining errors in the
A/ D converter are combinations of analog errors due to the
linear circuitry, matching and tracking properties of the
ladder and scaling networks, power supply rejection, and
reference errors. In summary, these errors consist of initial
errors including Gain, Offset, Linearity, Differential Linear-
ity, and Power Supply Sensitivity. Initial Gain and Offset
errors may be adjusted to zero. Gain drift over temperature
rotates the line (Figure l) about the zero or minus full scale
point (all bits Off) and Offset drift shifts the line left or right
over the operating temperature range. Linearity error is
unadjustable and is the most meaningful indicator of A/ D
converter accuracy. Linearity error is the deviation of an
actual bit transition from the ideal transition value at any
level over the range of the A/ D converter. A differential
linearity error of
±1/2LSB means that the width of each bit
step over the range of the A/ D converter is 1LSB,
±1/2LSB.
The ADC76 is also monotonic, assuring that the output
digital code either increases or remains the same for increas-
ing analog input signals. Burr-Brown also guarantees that
this converter will have no missing codes over a specified
temperature range when short cycled for 14-bit operation
TIMING CONSIDERATIONS
The timing diagram in Figure 2 assumes an analog input
such that the positive true digital word 1001 1000 1001 0110
exists. The output will be complementary as shown in Figure
2 (0110 0111 0110 1001 is the digital output). Figures 3 and
4 are timing diagrams showing the relationship of serial data
to clock, and valid data to status.
DIGITAL CODES
Parallel Data
Two binary codes are available on the ADC76 parallel
output: they are complementary (logic “0” is true) straight
binary (CSB) for unipolar input signal ranges, and comple-
mentary offset binary (COB) for bipolar input signal ranges.
Complementary two’s complement (CTC) may be obtained
by inverting the MSB (pin 1).
Table I shows the LSB, transition values, and code defini-
tions for each possible analog input signal range for 12-, 13-
and 14-bit resolutions. Figure 5 shows the connections for
14-bit resolution, parallel data output, with
±10V input.
Serial Data
Two straight binary (complementary) codes are available on
the serial output line: CSB and COB. The serial data is
available only during conversion and appears with MSB
occurring first. The serial data is synchronous with the
internal clock as shown in the timing diagrams of Figures 2
and 3. The LSB and transition values shown in Table I also
apply to the serial data output except for the CTC code.
Analog Input
+FSR/2–1LSB
e Off
+1/2LSB
IN
e On
IN
All Bits Off
–FSR/2
Offset
Error
–1/2LSB
Gain
Error
All Bit On
0000 ... 0000
0000 ... 0001
0011 ... 1100
0011 ... 1110
0111 ... 1111
1000 ... 0000
1000 ... 0001
1111 ... 1110
1111 ... 1111
*See Table I for Digital Code Definitions.
–25
+25
+85
Temperature (°C)
+0.08
GAIN DRIFT ERROR (% OF FSR)
vs TEMPERATURE
+0.04
0
–0.04
–0.08
–0.12
Frequency (Hz)
POWER SUPPLY REJECTION vs
SUPPLY RIPPLE FREQUENCY
0.1
0.06
0.04
0.02
0.01
0.006
0.004
0.002
0.001
+15VDC
+5VDC
–15VDC
1
10
100
1k
10k
100k
NOTE: Pages
4&5 were
switched for
abridge version
for '96 data book.
Be sure to switch
back for full PDS.


Số phần tương tự - ADC76A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Burr-Brown (TI)
ADC700 BURR-BROWN-ADC700 Datasheet
148Kb / 12P
   16-Bit Resolution With Microprocessor Interface A/D CONVERTER
ADC700AH BURR-BROWN-ADC700AH Datasheet
148Kb / 12P
   16-Bit Resolution With Microprocessor Interface A/D CONVERTER
ADC700BH BURR-BROWN-ADC700BH Datasheet
148Kb / 12P
   16-Bit Resolution With Microprocessor Interface A/D CONVERTER
ADC700JH BURR-BROWN-ADC700JH Datasheet
148Kb / 12P
   16-Bit Resolution With Microprocessor Interface A/D CONVERTER
ADC700KH BURR-BROWN-ADC700KH Datasheet
148Kb / 12P
   16-Bit Resolution With Microprocessor Interface A/D CONVERTER
More results

Mô tả tương tự - ADC76A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Micro Analog systems
MAS6501 MAS-MAS6501 Datasheet
205Kb / 16P
   16-Bit Analog-to-Digital Converter
logo
DATEL, Inc.
5962-8953101HXA DATEL-5962-8953101HXA Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
5962-8953102HXC DATEL-5962-8953102HXC Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
logo
SHENZHEN FUMAN ELECTRON...
SC8211 FUMAN-SC8211 Datasheet
592Kb / 9P
   16 Bit Digital to Analog Converter
logo
DATEL, Inc.
5962-8953102HXA DATEL-5962-8953102HXA Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
logo
Princeton Technology Co...
PT8211 PTC-PT8211_10 Datasheet
290Kb / 13P
   16 Bit Digital to Analog Converter
logo
DATEL, Inc.
5962-8953101HXC DATEL-5962-8953101HXC Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
logo
Princeton Technology Co...
PT8211L PTC-PT8211L Datasheet
124Kb / 4P
   16 Bit Digital to Analog Converter
logo
Maxwell Technologies
7846B MAXWELL-7846B Datasheet
254Kb / 11P
   16-Bit Digital to Analog Converter
7846A MAXWELL-7846A Datasheet
256Kb / 11P
   16-Bit Digital to Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com