công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADC574AJH bảng dữ liệu(PDF) 7 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
tên linh kiện ADC574AJH
Giải thích chi tiết về linh kiện  Microprocessor-Compatible ANALOG-TO-DIGITAL CONVERTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BURR-BROWN [Burr-Brown (TI)]
Trang chủ  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADC574AJH bảng dữ liệu(HTML) 7 Page - Burr-Brown (TI)

Back Button ADC574AJH Datasheet HTML 2Page - Burr-Brown (TI) ADC574AJH Datasheet HTML 3Page - Burr-Brown (TI) ADC574AJH Datasheet HTML 4Page - Burr-Brown (TI) ADC574AJH Datasheet HTML 5Page - Burr-Brown (TI) ADC574AJH Datasheet HTML 6Page - Burr-Brown (TI) ADC574AJH Datasheet HTML 7Page - Burr-Brown (TI) ADC574AJH Datasheet HTML 8Page - Burr-Brown (TI) ADC574AJH Datasheet HTML 9Page - Burr-Brown (TI) ADC574AJH Datasheet HTML 10Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
®
ADC574A
PIN
DESIGNATION
DEFINITION
FUNCTION
CE (Pin 6)
Chip Enable
Must be high (“1”) to either initiate a conversion or read output data. 0-1 edge may be used to initiate a conversion.
(active high)
CS (Pin 3)
Chip Select
Must be low (“0”) to either initiate a conversion or read output data. 1-0 edge may be used to initiate a conversion.
(active low)
R/C(Pin 5)
Read/Convert
Must be low (“0”) to initiate either 8- or 12-bit conversions. 1-0 edge may be used to initiate a conversion.
(“1” = read)
Must be high (“1”) to read output data. 0-1 edge may be used to initiate a read operation.
(“0” = convert)
AO (Pin 4)
Byte Address
In the start-convert mode, AO selects 8-bit (AO = “1”) or 12-bit (AO = "0") conversion mode. When reading output data
Short Cycle
in two 8-bit bytes, AO = “0” accesses 8 MSBs (high byte) and AO = “1” accesses 4 LSBs and trailing “0s” (low byte).
12/8 (Pin 2)
Data Mode Select
When reading output data, 12/8 = “1” enables all 12 output bits simultaneously. 12/8 = “0” will enable the MSBs
(“1” = 12 bits)
or LSBs as determined by the AO line.
(“0” = 8 bits)
Comparator
100
10V
Range
Analog
Input
Analog
Common
Full-Scale Adjust
Ref In
Ref Out
Bipolar Offset
ADC574A
10
8
12
13
14
9
20V
Range
Bipolar
Offset
Adjust
R
1 100Ω
R
2
TABLE II. ADC574A Control Line Functions.
FIGURE 3. Bipolar Configuration.
FIGURE 2. Unipolar Configuration.
for the 20V range) that causes the output code to be DB0 ON
(high). Adjust potentiometer R1 until DB0 is alternately
toggling ON and OFF with all other bits OFF. Then adjust
full scale by applying an input voltage of nominal full-scale
value minus 3/2LSB, the value which should cause all bits
to be ON. This value is +9.9963V for the 10V range and
+19.9927V for the 20V range. Adjust potentiometer R2 until
bits DB1-DB11 are ON and DB0 is toggling ON and OFF.
CALIBRATION PROCEDURE—BIPOLAR RANGES
If external adjustments of full-scale and bipolar offset are
not required, the potentiometers may be replaced by 50
Ω,
1% metal-film resistors.
If adjustments are required, connect the converter as shown
in Figure 3. The calibration procedure is similar to that
described above for unipolar operation, except that the offset
adjustment is performed with an input voltage which is
1/2LSB above the minus full-scale value (–4.9988V for the
±5V range, –9.9976V for the ±10V range). Adjust R
1 for
DB0 to toggle ON and OFF with all other bits OFF. To
adjust full-scale, apply a DC input signal which is 3/2LSB
below the nominal plus full-scale value (+4.9963V for
±5V
range, +9.9927V for
±10V range) and adjust R
2 for DB0 to
toggle ON and OFF with all other bits ON.
CONTROLLING THE ADC574A
The Burr-Brown ADC574A can be easily interfaced to most
microprocessor systems and other digital systems. The mi-
croprocessor may take full control of each conversion, or the
converter may operate in a stand-alone mode, controlled
only by the R/C input. Full control consists of selecting an
8- or 12-bit conversion cycle, initiating the conversion, and
reading the output data when ready—choosing either 12 bits
all at once, or 8 bits followed by 4 bits in a left-justified
format. The five control inputs (12/8, CS, AO, R/C, and CE)
are all TTL/CMOS-compatible. The functions of the control
inputs are described in Table II. The control function truth
table is listed in Table III.
Comparator
100
100
Analog
Common
100k
100k
+V
CC
–V
CC
R
1
Unipolar
Offset
Adjust
Full-Scale
Adjust
Ref In
Ref Out
Bipolar Offset
ADC574A
10
8
12
13
14
9
10V
Range
Analog
Input
20V
Range
R
2


Số phần tương tự - ADC574AJH

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
API Technologies Corp
ADC541 APITECH-ADC541 Datasheet
1Mb / 2P
   8-Bit, Wide Temperature
More results

Mô tả tương tự - ADC574AJH

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Burr-Brown (TI)
ADC674 BURR-BROWN-ADC674 Datasheet
56Kb / 6P
   Microprocessor-Compatible ANALOG-TO-DIGITAL CONVERTER
DAC811 BURR-BROWN-DAC811 Datasheet
96Kb / 9P
   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
ADS774 TI1-ADS774 Datasheet
750Kb / 21P
[Old version datasheet]   Microprocessor-Compatible Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS774H TI1-ADS774H_13 Datasheet
1Mb / 27P
[Old version datasheet]   Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
DAC811 TI1-DAC811 Datasheet
273Kb / 14P
[Old version datasheet]   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
ADS774H TI1-ADS774H Datasheet
609Kb / 23P
[Old version datasheet]   Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
ADS574 TI1-ADS574_14 Datasheet
323Kb / 17P
[Old version datasheet]   Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
DAC813 TI1-DAC813 Datasheet
548Kb / 16P
[Old version datasheet]   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
ADS574 BURR-BROWN-ADS574 Datasheet
413Kb / 13P
   Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
DAC813 BURR-BROWN-DAC813 Datasheet
298Kb / 11P
   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com