công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCKNP02SJ033JA10 bảng dữ liệu(PDF) 8 Page - List of Unclassifed Manufacturers

tên linh kiện MCKNP02SJ033JA10
Giải thích chi tiết về linh kiện  Wire Wound Fixed Resistors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

MCKNP02SJ033JA10 bảng dữ liệu(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button MCKNP02SJ033JA10 Datasheet HTML 2Page - List of Unclassifed Manufacturers MCKNP02SJ033JA10 Datasheet HTML 3Page - List of Unclassifed Manufacturers MCKNP02SJ033JA10 Datasheet HTML 4Page - List of Unclassifed Manufacturers MCKNP02SJ033JA10 Datasheet HTML 5Page - List of Unclassifed Manufacturers MCKNP02SJ033JA10 Datasheet HTML 6Page - List of Unclassifed Manufacturers MCKNP02SJ033JA10 Datasheet HTML 7Page - List of Unclassifed Manufacturers MCKNP02SJ033JA10 Datasheet HTML 8Page - List of Unclassifed Manufacturers MCKNP02SJ033JA10 Datasheet HTML 9Page - List of Unclassifed Manufacturers MCKNP02SJ033JA10 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Wire Wound Fixed Resistors
Page <8>
14/07/11 V1.1
www.element14.com
www.farnell.com
www.newark.com
Part Number Table
Description
Part Number
Resistor, Wire Wound, 33R, 5%, 3WS
MCKNP03SJ0330A19
Resistor, Wire Wound, 39R, 5%, 3WS
MCKNP03SJ0390A19
Resistor, Wire Wound, 47R, 5%, 3WS
MCKNP03SJ0470A19
Resistor, Wire Wound, 56R, 5%, 3WS
MCKNP03SJ0560A19
Resistor, Wire Wound, 68R, 5%, 3WS
MCKNP03SJ0680A19
Resistor, Wire Wound, 100R, 5%, 3WS
MCKNP03SJ0101A19
Resistor, Wire Wound, 200R, 5%, 3WS
MCKNP03SJ0201A19
Resistor, Wire Wound, 220R, 5%, 3WS
MCKNP03SJ0221A19
Resistor, Wire Wound, 330R, 5%, 3WS
MCKNP03SJ0331A19
Resistor, Wire Wound, 0R1, 5%, 5WS
MCKNP05SJ010KAA9
Resistor, Wire Wound, 0R12, 5%, 5WS
MCKNP05SJ012KAA9
Resistor, Wire Wound, 0R15, 5%, 5WS
MCKNP05SJ015KAA9
Resistor, Wire Wound, 0R18, 5%, 5WS
MCKNP05SJ018KAA9
Resistor, Wire Wound, 0R2, 5%, 5WS
MCKNP05SJ020KAA9
Resistor, Wire Wound, 0R22, 5%, 5WS
MCKNP05SJ022KAA9
Resistor, Wire Wound, 0R27, 5%, 5WS
MCKNP05SJ027KAA9
Resistor, Wire Wound, 0R33, 5%, 5WS
MCKNP05SJ033KAA9
Resistor, Wire Wound, 0R39, 5%, 5WS
MCKNP05SJ039KAA9
Resistor, Wire Wound, 0R47, 5%, 5WS
MCKNP05SJ047KAA9
Resistor, Wire Wound, 0R5, 5%, 5WS
MCKNP05SJ050KAA9
Resistor, Wire Wound, 0R56, 5%, 5WS
MCKNP05SJ056KAA9
Resistor, Wire Wound, 0R68, 5%, 5WS
MCKNP05SJ068KAA9
Resistor, Wire Wound, 0R82, 5%, 5WS
MCKNP05SJ082KAA9
Resistor, Wire Wound, 1R, 5%, 5WS
MCKNP05SJ010JAA9
Resistor, Wire Wound, 1R2, 5%, 5WS
MCKNP05SJ012JAA9
Resistor, Wire Wound, 1R5, 5%, 5WS
MCKNP05SJ015JAA9
Resistor, Wire Wound, 1R8, 5%, 5WS
MCKNP05SJ018JAA9
Resistor, Wire Wound, 2R, 5%, 5WS
MCKNP05SJ020JAA9
Resistor, Wire Wound, 2R2, 5%, 5WS
MCKNP05SJ022JAA9
Resistor, Wire Wound, 2R7, 5%, 5WS
MCKNP05SJ027JAA9
Resistor, Wire Wound, 3R3, 5%, 5WS
MCKNP05SJ033JAA9
Resistor, Wire Wound, 3R9, 5%, 5WS
MCKNP05SJ039JAA9
Resistor, Wire Wound, 4R7, 5%, 5WS
MCKNP05SJ047JAA9
Resistor, Wire Wound, 5R6, 5%, 5WS
MCKNP05SJ056JAA9
Resistor, Wire Wound, 6R8, 5%, 5WS
MCKNP05SJ068JAA9
Resistor, Wire Wound, 8R2, 5%, 5WS
MCKNP05SJ082JAA9
Resistor, Wire Wound, 10R, 5%, 5WS
MCKNP05SJ0100AA9


Số phần tương tự - MCKNP02SJ033JA10

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Altech corporation
MCK-1310 ALTECH-MCK-1310 Datasheet
1Mb / 27P
   PRINTED CIRCUIT BOARD TERMINAL BLOCKS
MCK-1311 ALTECH-MCK-1311 Datasheet
1Mb / 27P
   PRINTED CIRCUIT BOARD TERMINAL BLOCKS
MCK-1312 ALTECH-MCK-1312 Datasheet
1Mb / 27P
   PRINTED CIRCUIT BOARD TERMINAL BLOCKS
MCK-1313 ALTECH-MCK-1313 Datasheet
1Mb / 27P
   PRINTED CIRCUIT BOARD TERMINAL BLOCKS
MCK-1314 ALTECH-MCK-1314 Datasheet
1Mb / 27P
   PRINTED CIRCUIT BOARD TERMINAL BLOCKS
More results

Mô tả tương tự - MCKNP02SJ033JA10

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
KH15 ETC-KH15 Datasheet
954Kb / 2P
   NON-FLAMMABLE WIRE WOUND FIXED RESISTORS
KR80 ETC-KR80 Datasheet
897Kb / 2P
   NON-FLAMMABLE WIRE WOUND FIXED RESISTORS
logo
RFE international
KNP RFE-KNP Datasheet
1Mb / 3P
   Wire Wound Resistors
OCT-25-2023
logo
List of Unclassifed Man...
RW1S ETC-RW1S Datasheet
832Kb / 1P
   WIRE WOUND RESISTORS
logo
RFE international
SKN RFE-SKN Datasheet
971Kb / 3P
   Wire Wound Resistors
OCT-30-2023
logo
Dubilier
DWR01J75RT52 DUBILIER-DWR01J75RT52 Datasheet
326Kb / 2P
   Resistors Power Wire Wound Resistors
logo
RFE international
FKN RFE-FKN Datasheet
1Mb / 2P
   Fusible Wire Wound Resistors
19-JUN-2023
logo
List of Unclassifed Man...
GG102A ETC-GG102A Datasheet
598Kb / 1P
   PRECISION WIRE WOUND RESISTORS
logo
UNIOHM CORPORATION
RH-5W UNIOHM-RH-5W Datasheet
233Kb / 1P
   Aluminum Wire Wound Resistors
logo
List of Unclassifed Man...
5G10A ETC-5G10A Datasheet
557Kb / 1P
   PRECISION WIRE WOUND RESISTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com