công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FDCC1602N-FLYYBW-91LE bảng dữ liệu(PDF) 5 Page - List of Unclassifed Manufacturers

tên linh kiện FDCC1602N-FLYYBW-91LE
Giải thích chi tiết về linh kiện  CHARACTER TYPE DOT MATRIX LCD MODULE
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

FDCC1602N-FLYYBW-91LE bảng dữ liệu(HTML) 5 Page - List of Unclassifed Manufacturers

  FDCC1602N-FLYYBW-91LE Datasheet HTML 1Page - List of Unclassifed Manufacturers FDCC1602N-FLYYBW-91LE Datasheet HTML 2Page - List of Unclassifed Manufacturers FDCC1602N-FLYYBW-91LE Datasheet HTML 3Page - List of Unclassifed Manufacturers FDCC1602N-FLYYBW-91LE Datasheet HTML 4Page - List of Unclassifed Manufacturers FDCC1602N-FLYYBW-91LE Datasheet HTML 5Page - List of Unclassifed Manufacturers FDCC1602N-FLYYBW-91LE Datasheet HTML 6Page - List of Unclassifed Manufacturers FDCC1602N-FLYYBW-91LE Datasheet HTML 7Page - List of Unclassifed Manufacturers FDCC1602N-FLYYBW-91LE Datasheet HTML 8Page - List of Unclassifed Manufacturers FDCC1602N-FLYYBW-91LE Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
FORDATA ELECTRONIC CO.,LTD
PROFESSIONAL LCD SUPPLIER FROM CHINA
PAGE 3/20
BOOKBINDING AREA
STANDARD
DOC.
CONTENTS
GENERAL SPECIFICATIONS --------------------------------------------
1.
Page 4
MECHANICAL SPECIFICATIONS --------------------------------------
2.
Page 4
ABSOLUTE MAXIMUM RATINGS --------------------------------------
3.
Page 4
ELECTRONICAL CHARACTERISTIC ---------------------------------
4.
Page 4
OPTICAL CHARACTERISTICS ------------------------------------------
5.
Page 5
ELECTRICAL SPECIFICATIONS----------------------------------------
6.
Page 6
EXTERNAL DIMENSION---------------------------------------------------
7.
Page 8
PIN ASSIGNMENT -----------------------------------------------
--
---------
8.
Page 9
POWER SUPPLY ------------------------------------------------------------
9.
Page 9
REFLECTOR OF SCREEN AND DDRAM ADDRESS --------------
10.
Page 9
INITIALIZATION --------------------------------------------------------
-
----- -
15.
Page 16
INTERFACE TO MPU ------------- ------------------------------------------
-
16.
Page 18
INSTRUCTION TABLE
11.
Page 10
---------------------------------------------------
12.
Page 11
INSTRUCTION DESCRIPTION-------------------------------------------
13.
Page 15
CGRAM -----------------------------------------------------------------------
14.
Page 15
DDRAM --------------------------------------
------
----------------------
-----
17.
Page 19
FONT MAP ----------------
--
-
------------------ ------------------------------
18.
Page 20
PACKING DETAIL ---------------------------------------------------------


Số phần tương tự - FDCC1602N-FLYYBW-91LE

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
FDCC1602B ETC-FDCC1602B Datasheet
43Kb / 1P
   LCD MODULE
FDCC1602P ETC-FDCC1602P Datasheet
45Kb / 1P
   LCD SUPPLIER FROM CHINA
More results

Mô tả tương tự - FDCC1602N-FLYYBW-91LE

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
GMD1620BLY ETC1-GMD1620BLY Datasheet
1Mb / 19P
   STANLEY DOT MATRIX CHARACTER TYPE LCD MODULE
SC204A ETC2-SC204A Datasheet
1Mb / 16P
   A dot-matrix character LCD module
SC162B ETC2-SC162B Datasheet
372Kb / 16P
   A dot-matrix character LCD module
logo
LUMEX INC.
LCR-U02002DSF-H LUMEX-LCR-U02002DSF-H Datasheet
223Kb / 2P
   5.55mm CHARACTER HEIGHT, 5x8 DOT MATRIX, 20x2 CHARACTER LCD MODULE
LCM-S04002DSF-Y1P LUMEX-LCM-S04002DSF-Y1P Datasheet
104Kb / 2P
   5.55mm CHARACTER HEIGHT, 5x8 DOT MATRIX, 40x2 CHARACTER LCD MODULE
LCM-S02402DSR LUMEX-LCM-S02402DSR Datasheet
161Kb / 2P
   5.56mm CHARACTER HEIGHT, 5x8 DOT MATRIX, 24x2 CHARACTER LCD MODULE
LCM-S04004DSF LUMEX-LCM-S04004DSF Datasheet
117Kb / 2P
   4.89mm CHARACTER HEIGHT, 5x8 DOT MATRIX, 40x4 LCD CHARACTER MODULE
LCM-S01602DXX-B LUMEX-LCM-S01602DXX-B Datasheet
97Kb / 2P
   5.56mm CHARACTER HEIGHT , 5x8 DOT MATRIX, 16x2 LCD MODULE
LCM-S02002DSF LUMEX-LCM-S02002DSF Datasheet
169Kb / 2P
   5.55mm CHARACTER HEIGHT, 5x8 DOT MATRIX, 20x2 LCD MODULE
LCM-X01602DXX-B LUMEX-LCM-X01602DXX-B Datasheet
97Kb / 2P
   5.56mm CHARACTER HEIGHT, 5x8 DOT MATRIX, 16x2 LCD MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com