công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMZ30604RKGT bảng dữ liệu(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LMZ30604RKGT
Giải thích chi tiết về linh kiện  4A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LMZ30604RKGT bảng dữ liệu(HTML) 1 Page - Texas Instruments

  LMZ30604RKGT Datasheet HTML 1Page - Texas Instruments LMZ30604RKGT Datasheet HTML 2Page - Texas Instruments LMZ30604RKGT Datasheet HTML 3Page - Texas Instruments LMZ30604RKGT Datasheet HTML 4Page - Texas Instruments LMZ30604RKGT Datasheet HTML 5Page - Texas Instruments LMZ30604RKGT Datasheet HTML 6Page - Texas Instruments LMZ30604RKGT Datasheet HTML 7Page - Texas Instruments LMZ30604RKGT Datasheet HTML 8Page - Texas Instruments LMZ30604RKGT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
50
55
60
65
70
75
80
85
90
95
100
0
1
2
3
4
Output Current (A)
VIN = 5 V,VOUT = 3.3 V,fSW = 1 MHz
VIN = 3.3 V,VOUT = 1.8 V,fSW = 1 MHz
G000
VOUT
VIN
LMZ30604
SENSE+
VADJ
AGND
PGND
VOUT
VIN
PWRGD
RT/CLK
INH/UVLO
SS/TR
STSEL
CIN
RSET
COUT
LMZ30604
www.ti.com
SNVS998 – JULY 2013
4A SIMPLE SWITCHER® Power Module with 2.95V-6V Input in QFN Package
Check for Samples: LMZ30604
1
FEATURES
DESCRIPTION
The LMZ30604 SIMPLE SWITCHER® power module
2
Complete Integrated Power Solution Allows
is an easy-to-use integrated power solution that
Small Footprint, Low-Profile Design
combines
a
4-A
DC/DC
converter
with
power
9mm x 11mm x 2.8mm package
MOSFETs, a shielded inductor, and passives into a
- Pin Compatible with LMZ30602 & LMZ30606
low profile, QFN package. This total power solution
requires as few as 3 external components and
Efficiencies Up To 96%
eliminates the loop compensation and magnetics part
Wide-Output Voltage Adjust
selection process.
0.8 V to 3.6 V, with ±1% Reference Accuracy
The 9×11×2.8 mm QFN package is easy to solder
Adjustable Switching Frequency
onto a printed circuit board and allows a compact
(500 kHz to 2 MHz)
point-of-load design with greater than 90% efficiency
Synchronizes to an External Clock
and excellent power dissipation with a thermal
Adjustable Slow-Start
impedance of 12°C/W junction to ambient. The
device delivers the full 4-A rated output current at
Output Voltage Sequencing / Tracking
85°C ambient temperature without airflow.
Power Good Output
The LMZ30604 offers the flexibility and the feature-
Programmable Undervoltage Lockout (UVLO)
set of a discrete point-of-load design and is ideal for
Output Overcurrent Protection
powering performance DSPs and FPGAs. Advanced
Over Temperature Protection
packaging technology afford a robust and reliable
power
solution
compatible
with
standard
QFN
Operating Temperature Range: –40°C to 85°C
mounting and testing techniques.
Enhanced Thermal Performance: 12°C/W
Meets EN55022 Class B Emissions
SIMPLIFIED APPLICATION
- Integrated Shielded Inductor
APPLICATIONS
Broadband & Communications Infrastructure
Automated Test and Medical Equipment
Compact PCI / PCI Express / PXI Express
DSP and FPGA Point of Load Applications
High Density Distributed Power Systems
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SIMPLE SWITCHER is a registered trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Số phần tương tự - LMZ30604RKGT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMZ30604RKGT TI1-LMZ30604RKGT Datasheet
992Kb / 25P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
More results

Mô tả tương tự - LMZ30604RKGT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMZ30606 TI1-LMZ30606 Datasheet
827Kb / 25P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ30604 TI1-LMZ30604 Datasheet
992Kb / 25P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
LMZ30606 TI1-LMZ30606 Datasheet
978Kb / 25P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ30604 TI-LMZ30604_15 Datasheet
1Mb / 30P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
LMZ30602 TI1-LMZ30602 Datasheet
885Kb / 25P
[Old version datasheet]   2A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ30602 TI-LMZ30602 Datasheet
1Mb / 32P
[Old version datasheet]   2A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ30602 TI-LMZ30602_15 Datasheet
1Mb / 30P
[Old version datasheet]   2A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
LMZ30606 TI-LMZ30606_15 Datasheet
1Mb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
LMZ31704 TI1-LMZ31704 Datasheet
961Kb / 33P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
LMZ31704 TI1-LMZ31704_14 Datasheet
970Kb / 34P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com