công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMZ30602 bảng dữ liệu(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LMZ30602
Giải thích chi tiết về linh kiện  2A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LMZ30602 bảng dữ liệu(HTML) 11 Page - Texas Instruments

Back Button LMZ30602 Datasheet HTML 7Page - Texas Instruments LMZ30602 Datasheet HTML 8Page - Texas Instruments LMZ30602 Datasheet HTML 9Page - Texas Instruments LMZ30602 Datasheet HTML 10Page - Texas Instruments LMZ30602 Datasheet HTML 11Page - Texas Instruments LMZ30602 Datasheet HTML 12Page - Texas Instruments LMZ30602 Datasheet HTML 13Page - Texas Instruments LMZ30602 Datasheet HTML 14Page - Texas Instruments LMZ30602 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
LMZ30602
www.ti.com
SNVS997 – JULY 2013
Table 4. Output Voltage Transient Response
CIN1 = 1 x 47 µF CERAMIC, CIN2 = 220 µF POLYMER-TANTALUM, LOAD STEP = 1 A, 1 A/µs
VOLTAGE
RECOVERY TIME
VOUT (V)
VIN (V)
COUT1 Ceramic
COUT2 BULK
PEAK-PEAK (mV)
DEVIATION (mV)
(µs)
47 µF
100 µF
30
55
70
3.3
47 µF
330 µF
20
35
70
0.8
47 µF
100 µF
30
50
65
5
47 µF
330 µF
20
35
65
47 µF
100 µF
35
65
65
3.3
47 µF
330 µF
25
50
80
1.2
47 µF
100 µF
35
70
65
5
47 µF
330 µF
25
45
75
47 µF
100 µF
45
80
70
3.3
47 µF
330 µF
35
65
90
1.8
47 µF
100 µF
40
65
70
5
47 µF
330 µF
35
65
90
47 µF
100 µF
60
100
70
2.5
5
2x 47 µF
-
75
140
75
47 µF
100 µF
70
130
80
3.3
5
47 µF
-
90
180
90
Table 5. Recommended Input/Output Capacitors(1)
CAPACITOR CHARACTERISTICS
WORKING
VENDOR
SERIES
PART NUMBER
CAPACITANCE
ESR (2)
VOLTAGE
(µF)
(m
Ω)
(V)
Murata
X5R
GRM32ER61C476K
16
47
2
TDK
X5R
C3225X5R0J107M
6.3
100
2
Murata
X5R
GRM32ER60J107M
6.3
100
2
TDK
X5R
C3225X5R0J476K
6.3
47
2
Murata
X5R
GRM32ER60J476M
6.3
47
2
Sanyo
POSCAP
10TPE220ML
10
220
25
Kemet
T520
T520V107M010ASE025
10
100
25
Sanyo
POSCAP
6TPE100MPB
6.3
100
25
Sanyo
POSCAP
2R5TPE220M7
2.5
220
7
Kemet
T530
T530D227M006ATE006
6.3
220
6
Kemet
T530
T530D337M006ATE010
6.3
330
10
Sanyo
POSCAP
2TPF330M6
2.0
330
6
Sanyo
POSCAP
6TPE330MFL
6.3
330
15
(1)
Capacitor Supplier Verification
Please verify availability of capacitors identified in this table.
RoHS, Lead-free and Material Details
Please consult capacitor suppliers regarding material composition, RoHS status, lead-free status, and manufacturing process
requirements.
(2)
Maximum ESR @ 100kHz, 25°C.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LMZ30602


Số phần tương tự - LMZ30602

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMZ30602 TI-LMZ30602 Datasheet
1Mb / 32P
[Old version datasheet]   2A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ30602 TI-LMZ30602 Datasheet
363Kb / 16P
[Old version datasheet]   LMZ30604EVM-001 2-A to 6-A Simple Switcher Power Module
LMZ30602EVM-002 TI-LMZ30602EVM-002 Datasheet
363Kb / 16P
[Old version datasheet]   LMZ30604EVM-001 2-A to 6-A Simple Switcher Power Module
LMZ30602RKGR TI-LMZ30602RKGR Datasheet
1Mb / 32P
[Old version datasheet]   2A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ30602RKGT TI-LMZ30602RKGT Datasheet
1Mb / 32P
[Old version datasheet]   2A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
More results

Mô tả tương tự - LMZ30602

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMZ30602 TI-LMZ30602 Datasheet
1Mb / 32P
[Old version datasheet]   2A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ30606 TI1-LMZ30606 Datasheet
827Kb / 25P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ30606 TI1-LMZ30606 Datasheet
978Kb / 25P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ30604 TI1-LMZ30604 Datasheet
841Kb / 25P
[Old version datasheet]   4A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ30602 TI-LMZ30602_15 Datasheet
1Mb / 30P
[Old version datasheet]   2A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
LMZ30604 TI1-LMZ30604 Datasheet
992Kb / 25P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
LMZ30604 TI-LMZ30604_15 Datasheet
1Mb / 30P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
LMZ30606 TI-LMZ30606_15 Datasheet
1Mb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
LMZ31506H TI1-LMZ31506H Datasheet
1Mb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
LMZ31506H TI1-LMZ31506H Datasheet
1Mb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com