công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TAZD106004C bảng dữ liệu(PDF) 4 Page - AVX Corporation

tên linh kiện TAZD106004C
Giải thích chi tiết về linh kiện  Introduction AVX Tantalum
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AVX [AVX Corporation]
Trang chủ  http://www.avx.com
Logo AVX - AVX Corporation

TAZD106004C bảng dữ liệu(HTML) 4 Page - AVX Corporation

  TAZD106004C Datasheet HTML 1Page - AVX Corporation TAZD106004C Datasheet HTML 2Page - AVX Corporation TAZD106004C Datasheet HTML 3Page - AVX Corporation TAZD106004C Datasheet HTML 4Page - AVX Corporation TAZD106004C Datasheet HTML 5Page - AVX Corporation TAZD106004C Datasheet HTML 6Page - AVX Corporation TAZD106004C Datasheet HTML 7Page - AVX Corporation TAZD106004C Datasheet HTML 8Page - AVX Corporation TAZD106004C Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 51 page
background image
3
Introduction
AVX Tantalum
AVX’s focus is CUSTOMER satisfaction - customer satisfac-
tion in the broadest sense: product quality, technical support,
product availability and all at a competitive price.
In pursuance of the ethos and established goals of our
corporate wide QV2000 program, it is the stated objective
of AVX Tantalum to supply our customers with a world class
service in the manufacturing and supplying of electronic
components which will result in an adequate return on
investment.
This world class service shall be defined as consistently
supplying product and services of the highest quality and
reliability.
This should encompass, but not be restricted to all aspects
of the customer supply chain.
In addition any new or changed products, processes or
services will be qualified to established standards of quality
and reliability.
The objectives and guidelines listed above shall be achieved
by the following codes of practice:
1.
Continual objective evaluation of customer needs and
expectations for the future and the leverage of all AVX
resources to meet this challenge.
2. By continually fostering and promoting culture of continu-
ous improvement through ongoing training and empowered
participation of employees at all levels of the company.
3. By Continuous Process Improvement using sound engi-
neering principles to enhance existing equipment, material
and processes.
This will involve the application of the
science of S.P.C. focused on improving the Process
Capability Index, Cpk.
All AVX Tantalum manufacturing locations are ISO9000
approved and Paignton is approved to QS9000 - Automotive
Quality System Requirements.
QUALITY STATEMENTS
APPLICATIONS
2-16 Volt
Low ESR
Low Profile Case
0603 available
Low Failure Rate
High Volumetric Efficiency
Temperature Stability
Stable over Time
50 Volt @ 85°C
33 Volt @ 125°C
Automotive range due
second half 1998
High Reliability
Temperature Stability
QS9000 approved
2-35 Volt
Low ESR
Low Profile Case
0603 available
Low Failure Rate
High Volumetric Efficiency
Temperature Stability
Stable over Time


Số phần tương tự - TAZD106004C

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Kyocera Kinseki Corpota...
TAZ KSS-TAZ Datasheet
1Mb / 14P
   CWR09 - MIL-PRF-55365/4 Established Reliability
logo
AVX Corporation
TAZH686K004CBSB0000 AVX-TAZH686K004CBSB0000 Datasheet
351Kb / 15P
   TAZ Series
TAZH686K004CBSB0H00 AVX-TAZH686K004CBSB0H00 Datasheet
351Kb / 15P
   TAZ Series
TAZH686K004CBSBT000 AVX-TAZH686K004CBSBT000 Datasheet
351Kb / 15P
   TAZ Series
TAZH686K004CBSBTH00 AVX-TAZH686K004CBSBTH00 Datasheet
351Kb / 15P
   TAZ Series
More results

Mô tả tương tự - TAZD106004C

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
R141082000 ETC2-R141082000 Datasheet
40Kb / 1P
   INTRODUCTION
logo
Samsung semiconductor
KA567 SAMSUNG-KA567 Datasheet
179Kb / 6P
   INTRODUCTION
KA8309B SAMSUNG-KA8309B Datasheet
319Kb / 15P
   INTRODUCTION
KA22261 SAMSUNG-KA22261 Datasheet
83Kb / 5P
   INTRODUCTION
logo
List of Unclassifed Man...
ECIO28 ETC2-ECIO28 Datasheet
3Mb / 9P
   Introduction
EC927 ETC2-EC927 Datasheet
3Mb / 9P
   Introduction
WD8110 ETC1-WD8110 Datasheet
14Mb / 249P
   INTRODUCTION
logo
Samsung semiconductor
KA9257 SAMSUNG-KA9257 Datasheet
82Kb / 5P
   INTRODUCTION
logo
Freescale Semiconductor...
U-MULTILINK-FX FREESCALE-U-MULTILINK-FX Datasheet
416Kb / 4P
   Introduction
logo
Nanjing Qinheng Microel...
CH5340 WCH-CH5340 Datasheet
82Kb / 2P
   Single Card IntroductIon
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com