công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
RP73D2A10KATG bảng dữ liệu(PDF) 6 Page - List of Unclassifed Manufacturers |
|
RP73D2A10KATG bảng dữ liệu(HTML) 6 Page - List of Unclassifed Manufacturers |
6 / 6 page RP73 C 2A 1K0 B TG Common Part RP73 - Standard RP73P - High Power Temp. Coefficient A - ±5ppm/°C C - ±10ppm/°C D - ±15ppm/°C F - ±25ppm/°C G - ±50ppm/°C Package Size 1E - 0402 1J - 0603 2A - 0805 2B - 1206 2E - 1210 2H - 2010 3A - 2512 Resistor Value 100R (100 Ohms) 1K0 (1000 Ohms) 10K (10,000 Ohms) 100K (100,000 Ohms) 1M0 (1,000,000 Ohms) Tolerance A - ±0.05% B - ±0.1% D - ±0.5% F - ±1% Packaging TG - Cut Tape (250 pcs) TDF - Reel (1000 pcs) TD - Reel (5000 pcs) TDG - Reel (250 pcs) TE - Reel (4000 pcs) 2H & 3A only How to Order Embossed Plastic Tape Specifications Type A B W E F P0 P1 P2 øD0 T RP73 2H (2010) 2.85 ±0.10 5.45 ±0.10 12.0 ±0.10 1.75 ±0.10 5.5 ±0.05 4.00 ±0.05 4.00 ±0.10 2.00 ±0.05 1.50 +0.10 1.00 ±0.20 RP73 3A (2512) 3.40 ±0.10 6.65 ±0.10 12.0 ±0.10 1.75 ±0.10 5.5 ±0.05 4.00 ±0.05 4.00 ±0.10 2.00 ±0.05 1.50 +0.10 1.00 ±0.20 SMD High Power Precision Resistors Type RP73 Series TE Connectivity, TE connectivity (logo) and TE (logo) are trademarks. Other logos, product and Company names mentioned herein may be trademarks of their respective owners. While TE has made every reasonable effort to ensure the accuracy of the information in this datasheet, TE does not guarantee that it is error-free, nor does TE make any other representation, warranty or guarantee that the information is accurate, correct, reliable or current. TE reserves the right to make any adjustments to the information contained herein at any time without notice. TE expressly disclaims all implied warranties regarding the information contained herein, including, but not limited to, any implied warranties of merchantabili- ty or fitness for a particular purpose. The dimensions in this datasheet are for reference purposes only and are subject to change without notice. Specifications are subject to change without notice. Consult TE for the latest dimensions and design specifications. |
Số phần tương tự - RP73D2A10KATG |
|
Mô tả tương tự - RP73D2A10KATG |