công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UC1725 bảng dữ liệu(PDF) 3 Page - Texas Instruments

tên linh kiện UC1725
Giải thích chi tiết về linh kiện  Isolated High Side FET Driver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

UC1725 bảng dữ liệu(HTML) 3 Page - Texas Instruments

  UC1725 Datasheet HTML 1Page - Texas Instruments UC1725 Datasheet HTML 2Page - Texas Instruments UC1725 Datasheet HTML 3Page - Texas Instruments UC1725 Datasheet HTML 4Page - Texas Instruments UC1725 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ENABLE SECTION (PIN 6)
High Level Input Voltage
2.1
1.4
V
Low Level Input Voltage
1.4
.8
V
Input Bias Current
-250
-500
µA
OUTPUT SECTION
Output Low Level
IOUT = 20mA
0.35
0.5
V
IOUT = 200mA
0.6
2.5
V
Output High Level
IOUT = -20mA
13
13.5
V
IOUT = -200mA
12
13.4
V
VCC = 30V, Iout = -20mA
14
15
V
Rise/Fall Time
CT = 1nf
30
60
ns
UNDER VOLTAGE LOCKOUT
UVLO Low Saturation
20mA, VCC = 8V
0.8
1.5
V
Start-up Threshold
11.2
12
12.6
V
Threshold Hysteresis
.75
1.0
1.12
V
TOTAL STANDBY CURRENT
Supply Current
12
16
ma
UC1725
UC2725
UC3725
ELECTRICAL
CHARACTERISTICS (cont.)
(Unless otherwise stated, these specifications apply for -55
°C≤TA≤+125°C for UC1725;
-25
°C≤TA≤+85°C for UC2725; 0°C≤TA≤+70°C for UC3725; VCC (pin 3) = 0 to 15V, Rt=10k,
CT=2.2nf, TA =TJ, pin numbers refer to DIL-8 package.)
INPUTS: Figure 1 shows the rectification and detection
scheme used in the UC1725 to derive both power and
signal information from the input waveform. Vcc is gener-
ated by peak detecting the input signal via the internal
bridge rectifier and storing on a small external capacitor,
C1. Note that this capacitor is also used to bypass high
pulse currents in the output stage, and therefore should
be placed direclty between pins 1 and 3 using minimal
lead lengths.
Signal detection is performed by the internal hysteresis
comparator which senses the polarity of the input signal
as shown in Figure 2. This is accomplished by setting
(resetting) the comparator only if the input signal ex-
ceeds Vcc (-Vcc). In some cases it may be necessary to
add a damping resistor across the transformer secondary
to minimize ringing and eliminate false triggering of the
hysteresis amplifier as shown in Figure 3.
APPLICATION AND OPERATION INFORMATION
FIGURE 1 - Input Stage
FIGURE 2 - Input Waveform (DIL-8 Pin 7 - Pin 8)
FIGURE 3 - Signal Detection
UDG-92047
UDG-92048
UDG-92049
3


Số phần tương tự - UC1725

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
UC1725 TI-UC1725 Datasheet
294Kb / 5P
[Old version datasheet]   Isolated High Side FET Driver
UC1725 TI1-UC1725 Datasheet
253Kb / 5P
[Old version datasheet]   Isolated High Side FET Driver
UC1725 TI1-UC1725_12 Datasheet
253Kb / 5P
[Old version datasheet]   Isolated High Side FET Driver
More results

Mô tả tương tự - UC1725

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
UC1725 TI-UC1725 Datasheet
294Kb / 5P
[Old version datasheet]   Isolated High Side FET Driver
UC1725 TI1-UC1725_12 Datasheet
253Kb / 5P
[Old version datasheet]   Isolated High Side FET Driver
UC1727 TI-UC1727 Datasheet
387Kb / 7P
[Old version datasheet]   Isolated High Side IGBT Driver
UC2727J TI-UC2727J Datasheet
329Kb / 8P
[Old version datasheet]   Isolated High Side IGBT Driver
logo
Analog Devices
ADUM6132 AD-ADUM6132 Datasheet
266Kb / 12P
   Isolated Half-Bridge Driver with Integrated Isolated High-Side Supply
Rev. PrG March 19, 2008
logo
Fairchild Semiconductor
FAN7085CMX-F085 FAIRCHILD-FAN7085CMX-F085 Datasheet
275Kb / 14P
   High Side Gate Driver with Recharge FET
FAN7085 FAIRCHILD-FAN7085 Datasheet
274Kb / 14P
   High Side Gate Driver with Recharge FET
logo
ON Semiconductor
FAN7085-GF085 ONSEMI-FAN7085-GF085 Datasheet
430Kb / 13P
   High Side Gate Driver with Recharge FET
September-2017,Rev.2
logo
Fairchild Semiconductor
FAN7085 FAIRCHILD-FAN7085_1 Datasheet
269Kb / 14P
   High Side Gate Driver with Recharge FET
FAN7085 FAIRCHILD-FAN7085_12 Datasheet
407Kb / 14P
   High Side Gate Driver with Recharge FET
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com