công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM4040DEM3-5.0/NOPB bảng dữ liệu(PDF) 9 Page - Texas Instruments |
|
|
LM4040DEM3-5.0/NOPB bảng dữ liệu(HTML) 9 Page - Texas Instruments |
9 / 51 page LM4040-N, LM4040Q-N www.ti.com SNOS633H – OCTOBER 2000 – REVISED APRIL 2013 2.5-V LM4040-N Electrical Characteristics VR Tolerance Grades 'C', 'D', and 'E'; Temperature Grade 'I' (AEC Grade 3) Boldface limits apply for TA = TJ = TMIN to TMAX; all other limits TA = TJ = 25°C. The grades C, D and E designate initial Reverse Breakdown Voltage tolerances of ±0.5%, ±1.0% and ±2.0%, respectively. LM4040CIZ LM4040DIZ LM4040EIZ LM4040CIM3 LM4040DIM3 LM4040EIM3 Symbol Parameter Conditions Typical(1) LM4040CIM7 LM4040DIM7 LM4040EIM7 Units LM4040QCIM3 LM4040QDIM3 LM4040QEIM3 Limits(2) Limits(2) Limits(2) Reverse Breakdown IR = 100 μA 2.500 V Voltage VR ±12 ±25 ±50 mV (max) Reverse Breakdown IR = 100 μA Voltage Tolerance(3) ±29 ±49 ±74 mV (max) 45 μA Minimum Operating IRMIN 60 65 65 μA (max) Current 65 70 70 μA (max) Average Reverse IR = 10 mA ±20 ppm/°C Breakdown Voltage IR = 1 mA ±15 ±100 ±150 ±150 ppm/°C (max) ΔVR/ΔT Temperature IR = 100 μA ±15 ppm/°C Coefficient(3) 0.3 mV IRMIN ≤ IR ≤ 1 mA 0.8 1.0 1.0 mV (max) Reverse Breakdown 1.0 1.2 1.2 mV (max) Voltage Change with ΔVR/ΔIR Operating Current 2.5 mV Change(4) 1 mA ≤ IR ≤ 15 mA 6.0 8.0 8.0 mV (max) 8.0 10.0 10.0 mV (max) 0.3 Ω Reverse Dynamic IR = 1 mA, f = 120 Hz ZR Impedance IAC = 0.1 IR 0.9 1.1 1.1 Ω(max) IR = 100 μA eN Wideband Noise 35 μVrms 10 Hz ≤ f ≤ 10 kHz Reverse Breakdown t = 1000 hrs ΔVR Voltage Long Term T = 25°C ±0.1°C 120 ppm Stability IR = 100 μA VHYST Thermal Hysteresis(5) ΔT= −40°C to +125°C 0.08 % (1) Typicals are at TJ = 25°C and represent most likely parametric norm. (2) Limits are 100% production tested at 25°C. Limits over temperature are ensured through correlation using Statistical Quality Control (SQC) methods. The limits are used to calculate AOQL. (3) The boldface (over-temperature) limit for Reverse Breakdown Voltage Tolerance is defined as the room temperature Reverse Breakdown Voltage Tolerance ±[( ΔVR/ΔT)(maxΔT)(VR)]. Where, ΔVR/ΔT is the VR temperature coefficient, maxΔT is the maximum difference in temperature from the reference point of 25°C to T MIN or TMAX, and VR is the reverse breakdown voltage. The total over- temperature tolerance for the different grades in the industrial temperature range where max ΔT = 65°C is shown below: A-grade: ±0.75% = ±0.1% ±100 ppm/°C × 65°C B-grade: ±0.85% = ±0.2% ±100 ppm/°C × 65°C C-grade: ±1.15% = ±0.5% ±100 ppm/°C × 65°C D-grade: ±1.98% = ±1.0% ±150 ppm/°C × 65°C E-grade: ±2.98% = ±2.0% ±150 ppm/°C × 65°C The total over-temperature tolerance for the different grades in the extended temperature range where max ΔT = 100 °C is shown below: C-grade: ±1.5% = ±0.5% ±100 ppm/°C × 100°C D-grade: ±2.5% = ±1.0% ±150 ppm/°C × 100°C E-grade: ±3.5% = ±2.0% ±150 ppm/°C × 100°C Therefore, as an example, the A-grade 2.5-V LM4040-N has an over-temperature Reverse Breakdown Voltage tolerance of ±2.5V × 0.75% = ±19 mV. (4) Load regulation is measured on pulse basis from no load to the specified load current. Output changes due to die temperature change must be taken into account separately. (5) Thermal hysteresis is defined as the difference in voltage measured at +25°C after cycling to temperature -40°C and the 25°C measurement after cycling to temperature +125°C. Copyright © 2000–2013, Texas Instruments Incorporated Submit Documentation Feedback 9 Product Folder Links: LM4040-N LM4040Q-N |
Số phần tương tự - LM4040DEM3-5.0/NOPB |
|
Mô tả tương tự - LM4040DEM3-5.0/NOPB |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |