công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM3150MH bảng dữ liệu(PDF) 9 Page - Texas Instruments

tên linh kiện LM3150MH
Giải thích chi tiết về linh kiện  LM3150 SIMPLE SWITCHER CONTROLLER, 42V Synchronous Step-Down
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM3150MH bảng dữ liệu(HTML) 9 Page - Texas Instruments

Back Button LM3150MH Datasheet HTML 5Page - Texas Instruments LM3150MH Datasheet HTML 6Page - Texas Instruments LM3150MH Datasheet HTML 7Page - Texas Instruments LM3150MH Datasheet HTML 8Page - Texas Instruments LM3150MH Datasheet HTML 9Page - Texas Instruments LM3150MH Datasheet HTML 10Page - Texas Instruments LM3150MH Datasheet HTML 11Page - Texas Instruments LM3150MH Datasheet HTML 12Page - Texas Instruments LM3150MH Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
'IL =
(VIN - VOUT) x tON
L
Ivalley = IOUT - '
IL
2
RLIM =
ICL x RDS(ON)max
ILIM-TH
ICL = IOCL -
'IL
2
LM3150
www.ti.com
SNVS561D – SEPTEMBER 2008 – REVISED MARCH 2011
Over-Voltage Comparator
The over-voltage comparator is provided to protect the output from over-voltage conditions due to sudden input
line voltage changes or output loading changes. The over-voltage comparator continuously monitors the voltage
at the FB pin and compares it to a 0.72V internal reference. If the voltage at FB rises above 0.72V, the on-time
pulse is immediately terminated. This condition can occur if the input or the output load changes suddenly. Once
the over-voltage protection is activated, the HG and LG signals remain off until the voltage at FB pin falls below
0.72V.
Current Limit
Current limit detection occurs during the off-time by monitoring the current through the low-side switch using an
external resistor, RLIM. If during the off-time the current in the low-side switch exceeds the user defined current
limit value, the next on-time cycle is immediately terminated. Current sensing is achieved by comparing the
voltage across the low side FET with the voltage across the current limit set resistor RLIM. If the voltage across
RLIM and the voltage across the low-side FET are equal then the current limit comparator will terminate the next
on-time cycle.
The RLIM value can be approximated as follows:
(6)
where
IOCL is the user-defined average output current limit value
RDS(ON)max is the resistance value of the low-side FETat the expected maximum FET junction temperature
ILIM-TH is an internal current supply of 85 µA typical
(7)
Figure 12 illustrates the inductor current waveform. During normal operation, the output current ripple is dictated
by the switching of the FETs. The current through the low-side switch, Ivalley, is sampled at the end of each
switching cycle and compared to the current limit, ICL, current. The valley current can be calculated as follows:
where
IOUT is the average output current
ΔIL is the peak-to-peak inductor ripple current
(8)
If an overload condition occurs, the current through the low-side switch will increase which will cause the current
limit comparator to trigger the logic to skip the next on-time cycle. The IC will then try to recover by checking the
valley current during each off-time. If the valley current is greater than or equal to ICL, then the IC will keep the
low-side FET on and allow the inductor current to further decay.
Throughout the whole process, regardless of the load current, the on-time of the controller will stay constant and
thereby the positive ripple current slope will remain constant. During each on-time the current ramps-up an
amount equal to:
(9)
The valley current limit feature prevents current runaway conditions due to propagation delays or inductor
saturation since the inductor current is forced to decay following any overload conditions.
Current sensing is achieved by either a low value sense resistor in series with the low-side FET or by utilizing the
RDS(ON) of the low-side FET. The RDS(ON) sensing method is the preferred choice for a more simplified design and
lower costs. The RDS(ON) value of a FET has a positive temperature coefficient and will increase in value as the
FET’s temperature increases. The LM3150 controller will maintain a more stable current limit that is closer to the
original value that was set by the user, by positively adjusting the ILIM-TH value as the IC temperature increases.
This does not provide an exact temperature compensation but allows for a more tightly controlled current limit
when compared to traditional RDS(ON) sensing methods when the RDS(ON) value can change typically 140% from
room to maximum temperature and cause other components to be over-designed. The temperature
compensated ILIM-TH is shown below where TJ is the die temperature of the LM3150 in Celsius:
Copyright © 2008–2011, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM3150


Số phần tương tự - LM3150MH

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM3150MH NSC-LM3150MH Datasheet
482Kb / 20P
   SIMPLE SWITCHER짰 CONTROLLER, 42V Synchronous Step-Down
LM3150MHE NSC-LM3150MHE Datasheet
482Kb / 20P
   SIMPLE SWITCHER짰 CONTROLLER, 42V Synchronous Step-Down
LM3150MHX NSC-LM3150MHX Datasheet
482Kb / 20P
   SIMPLE SWITCHER짰 CONTROLLER, 42V Synchronous Step-Down
More results

Mô tả tương tự - LM3150MH

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM3150 NSC-LM3150 Datasheet
482Kb / 20P
   SIMPLE SWITCHER짰 CONTROLLER, 42V Synchronous Step-Down
logo
Analog Devices
LT8640S-2 AD-LT8640S-2 Datasheet
2Mb / 30P
   42V, 6A Synchronous Step-Down Silent Switcher
logo
Texas Instruments
LM25574 TI1-LM25574_16 Datasheet
973Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER 42V, 0.5A Step-Down Switching Regulator
LM25574 TI1-LM25574_17 Datasheet
970Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER 42V, 0.5A Step-Down Switching Regulator
LM25576 TI1-LM25576_17 Datasheet
1Mb / 29P
[Old version datasheet]   SIMPLE SWITCHER 42V, 3A Step-Down Switching Regulator
LM25575 TI1-LM25575_17 Datasheet
1Mb / 32P
[Old version datasheet]   SIMPLE SWITCHER 42V, 1.5A Step-Down Switching Regulator
logo
Linear Technology
LT8614 LINER-LT8614 Datasheet
252Kb / 6P
   42V, 4A Micropower Synchronous Step-Down Silent Switcher
LT8640 LINER-LT8640 Datasheet
295Kb / 6P
   42V, 5A Micropower Synchronous Step-Down Silent Switcher
logo
Analog Devices
LT8650S-1 AD-LT8650S-1 Datasheet
1Mb / 32P
   Dual Channel 4A, 42V, Synchronous Step-Down Silent Switcher
logo
Maxim Integrated Produc...
MAX17548 MAXIM-MAX17548 Datasheet
1Mb / 28P
   42V, Dual-Output, Synchronous Step-Down Controller
Rev 0; 2/17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com