công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS42LB49 bảng dữ liệu(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS42LB49
Giải thích chi tiết về linh kiện  Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS42LB49 bảng dữ liệu(HTML) 1 Page - Texas Instruments

  ADS42LB49 Datasheet HTML 1Page - Texas Instruments ADS42LB49 Datasheet HTML 2Page - Texas Instruments ADS42LB49 Datasheet HTML 3Page - Texas Instruments ADS42LB49 Datasheet HTML 4Page - Texas Instruments ADS42LB49 Datasheet HTML 5Page - Texas Instruments ADS42LB49 Datasheet HTML 6Page - Texas Instruments ADS42LB49 Datasheet HTML 7Page - Texas Instruments ADS42LB49 Datasheet HTML 8Page - Texas Instruments ADS42LB49 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 80 page
background image
CLKINP,
CLKINM
INAP,
INAM
Configuration
Registers
Common
Mode
VCM
DACLKP,
D
M
ACLK
DAFRAMEP,
M
AFRAME
INBP,
M
INB
14-, 16-Bit
ADC
Digital
Block
Digital Gain
and Test
Patterns
ADS42LB49, ADS42LB69
SYNCINP,
M
SYNCIN
OVRA
DA[3:0]P,
DA[3:0]M
Output
Formatter
QDR
LVDS
DBCLKP,
M
BCLK
DBFRAMEP,
M
BFRAME
DB[3:0]P,
M
B[3:0]M
Output
Formatter
QDR
LVDS
OVRB
Divide
by 1,2,4
Delay
14-, 16-Bit
ADC
Digital
Block
Digital Gain
and Test
Patterns
-120
-100
-80
-60
-40
-20
0
0
25
50
75
100
125
Frequency (MHz)
FFT for 170MHz Input Signal
Fs = 250Msps
Fin = 170MHz
Ain = -1dBFS
HD2 = 90dBc
HD3 = 89dBc
Non HD2,3 = 100dBc
ADS42LB49
ADS42LB69
www.ti.com
SLAS904D – OCTOBER 2012 – REVISED SEPTEMBER 2013
Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
Check for Samples: ADS42LB49, ADS42LB69
1
FEATURES
APPLICATIONS
2
Dual Channel
Communication and Cable Infrastructure
14- and 16-Bit Resolution
Multi-Carrier, Multimode Cellular Receivers
Maximum Clock Rate: 250 MSPS
Radar and Smart Antenna Arrays
Analog Input Buffer with High Impedance Input
Broadband Wireless
Flexible Input Clock Buffer with
Test and Measurement Systems
Divide-by-1, -2, and -4
Software-Defined and Diversity Radios
2-VPP and 2.5-VPP Differential Full-Scale Input
Microwave and Dual-Channel I/Q Receivers
(SPI-Programmable)
Repeaters
DDR or QDR LVDS Interface
Power Amplifier Linearization
64-Pin QFN Package (9-mm x 9-mm)
Power Dissipation: 820 mW/ch
DESCRIPTION
The ADS42LB49 and ADS42LB69 are a family of
Aperture Jitter: 85 fS
high-linearity,
dual-channel,
14-
and
16-bit,
Internal Dither
250-MSPS,
analog-to-digital
converters
(ADCs)
Channel Isolation: 100 dB
supporting DDR and QDR LVDS output interfaces.
The buffered analog input provides uniform input
Performance at fIN = 170 MHz at 2 VPP, –1 dBFS
impedance across a wide frequency range while
SNR: 73.2 dBFS
minimizing
sample-and-hold
glitch
energy.
A
SFDR:
sampling clock divider allows more flexibility for
87 dBc (HD2 and HD3)
system clock architecture design. The ADS42LB49
and
ADS42LB69
provide
excellent
spurious-free
100 dBc (Non HD2 and HD3)
dynamic range (SFDR) over a large input frequency
Performance at fIN = 170 MHz:
range with low-power consumption.
2.5 VPP, –1 dBFS
SNR: 74.9 dBFS
Table 1. Family Comparison
SFDR:
INTERFACE
14-BIT
16-BIT
OPTION
85 dBc (HD2 and HD3)
DDR, QDR LVDS
ADS42LB49
ADS42LB69
97 dBc (Non HD2 and HD3)
JESD204B
ADS42JB49
ADS42JB69
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Số phần tương tự - ADS42LB49

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS42LB49 TI-ADS42LB49 Datasheet
4Mb / 70P
[Old version datasheet]   Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
ADS42LB49 TI-ADS42LB49 Datasheet
967Kb / 14P
[Old version datasheet]   The ADS42LB49EVM and ADS42LB69EVM (ADS42LBx9EVM) are evaluation modules (EVMs) that allow for the evaluation of TIs ADS42LB49 and ADS42LB69.
June 2014
ADS42LB49EVM TI-ADS42LB49EVM Datasheet
967Kb / 14P
[Old version datasheet]   The ADS42LB49EVM and ADS42LB69EVM (ADS42LBx9EVM) are evaluation modules (EVMs) that allow for the evaluation of TIs ADS42LB49 and ADS42LB69.
June 2014
More results

Mô tả tương tự - ADS42LB49

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS42JB49 TI1-ADS42JB49_15 Datasheet
5Mb / 76P
[Old version datasheet]   Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
ADS42JB49 TI1-ADS42JB49_14 Datasheet
4Mb / 73P
[Old version datasheet]   Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
ADS42JB49 TI1-ADS42JB49_13 Datasheet
4Mb / 73P
[Old version datasheet]   Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
ADS42JB49 TI-ADS42JB49 Datasheet
4Mb / 70P
[Old version datasheet]   Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
logo
Analog Devices
AD9743 AD-AD9743_15 Datasheet
452Kb / 28P
   Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. A
AD9745 AD-AD9745_15 Datasheet
452Kb / 28P
   Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. A
AD9741 AD-AD9741 Datasheet
638Kb / 28P
   Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. 0
AD9746 AD-AD9746_15 Datasheet
452Kb / 28P
   Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. A
AD9747 AD-AD9747_15 Datasheet
452Kb / 28P
   Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. A
AD9741 AD-AD9741_15 Datasheet
452Kb / 28P
   Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com