công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

OP215AJMDA bảng dữ liệu(PDF) 4 Page - Analog Devices

tên linh kiện OP215AJMDA
Giải thích chi tiết về linh kiện  Dual Precision JFET-Input Operational Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

OP215AJMDA bảng dữ liệu(HTML) 4 Page - Analog Devices

  OP215AJMDA Datasheet HTML 1Page - Analog Devices OP215AJMDA Datasheet HTML 2Page - Analog Devices OP215AJMDA Datasheet HTML 3Page - Analog Devices OP215AJMDA Datasheet HTML 4Page - Analog Devices OP215AJMDA Datasheet HTML 5Page - Analog Devices OP215AJMDA Datasheet HTML 6Page - Analog Devices OP215AJMDA Datasheet HTML 7Page - Analog Devices OP215AJMDA Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
REV. A
OP215
–4–
ORDERING INFORMATION
1
Package
Temperature
TA = 25
∞C,
Model
Type
Range
VOS Max (mV)
OP215EZ
2
8-Lead CerDIP
COM
1.0
OP215GP
2
8-Lead Plastic DIP
XIND
6.0
For military processed devices, please refer to the standard microcircuit drawing
(SMD) available at www.dscc.dla.mil/programs/milspec/default.asp
SMD Part Number
ADI Equivalent
5962-8853801GA
2
OP215AJMDA
5962-8853801PA
OP215AZMDA
5962-8838032A
2
OP215BRCMDA
NOTES
1Burn-in is available on commercial and industrial temperature range parts in CerDIP and plastic
DIP packages.
2Not for new design, obsolete April 2002.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the OP215 features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage
OP215E, OP215G . . . . . . . . . . . . . . . . . . . . . . . . . . .
±18 V
Operating Temperature Range
OP215E . . . . . . . . . . . . . . . . . . . . . . . . . . . . +0
∞C to +70∞C
OP215G . . . . . . . . . . . . . . . . . . . . . . . . . . . –40
∞C to +85∞C
Maximum Junction Temperature (Tj) . . . . . . . . . . . . . . 150
∞C
Differential Input Voltage
OP215E . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±40 V
OP215G . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±30 V
Input Voltage
2
OP215E . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±20 V
OP215G . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±16 V
Output Short-Circuit Duration . . . . . . . . . . . . . . . . Indefinite
Storage Temperature Range . . . . . . . . . . . . –65
∞C to +150∞C
Lead Temperature (Soldering, 60 sec) . . . . . . . . . . . . . 300
∞C
Junction Temperature (Tj) . . . . . . . . . . . . . –65
∞C to +150∞C
NOTES
1Absolute maximum ratings apply to packaged parts, unless otherwise noted.
2Unless otherwise specified, the absolute maximum negative input voltage is equal
to one volt more positive than the negative power supply voltage.
Package Type
JA *
JC
Unit
8-Lead Hermetic DIP (Z)
134
12
∞C/W
8-Lead Plastic DIP (P)
96
37
∞C/W
* JA is specified for worst-case mounting conditions, i.e., JA is specified for
device in socket for CerDIP and P-DIP packages.
PIN CONFIGURATION
8
7
6
5
1
2
3
4
V+
OUT B
–IN B
+IN B
OUT A
–IN A
+IN A
V–
– +
+
AB


Số phần tương tự - OP215AJMDA

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
OP215AJMDA AD-OP215AJMDA Datasheet
162Kb / 8P
   Dual Precision JFET-Input Operational Amplifier
REV. A
More results

Mô tả tương tự - OP215AJMDA

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
OP215 AD-OP215_15 Datasheet
163Kb / 8P
   Dual Precision JFET-Input Operational Amplifier
OP215 AD-OP215_17 Datasheet
193Kb / 9P
   Dual Precision JFET-Input Operational Amplifier
OP215 AD-OP215 Datasheet
162Kb / 8P
   Dual Precision JFET-Input Operational Amplifier
REV. A
OP-215 AD-OP-215 Datasheet
393Kb / 8P
   DUAL PRECISION JFET-INPUT OPERATIONAL AMPLIFIER
logo
New Japan Radio
NJM8502 NJRC-NJM8502 Datasheet
560Kb / 10P
   Precision, Dual, JFET Input Operational Amplifier
NJM8512 NJRC-NJM8512 Datasheet
1Mb / 14P
   Precision, JFET Input Operational Amplifier
NJM8513 NJRC-NJM8513 Datasheet
1Mb / 14P
   Precision, JFET Input Operational Amplifier
logo
Intersil Corporation
HA-5170 INTERSIL-HA-5170 Datasheet
654Kb / 9P
   8MHz, Precision, JFET Input Operational Amplifier
logo
Renesas Technology Corp
HA-5170 RENESAS-HA-5170 Datasheet
662Kb / 9P
   8MHz, Precision, JFET Input Operational Amplifier
November 2004
logo
Intersil Corporation
HA-5170 INTERSIL-HA-5170_00 Datasheet
578Kb / 9P
   8MHz, Precision, JFET Input Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com