công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
OP27EP bảng dữ liệu(PDF) 1 Page - Analog Devices |
|
OP27EP bảng dữ liệu(HTML) 1 Page - Analog Devices |
1 / 20 page Low Noise, Precision Operational Amplifier OP27 Rev. F Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners. One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781.329.4700 www.analog.com Fax: 781.461.3113 ©2006 Analog Devices, Inc. All rights reserved. FEATURES Low noise: 80 nV p-p (0.1 Hz to 10 Hz), 3 nV/√Hz Low drift: 0.2 μV/°C High speed: 2.8 V/μs slew rate, 8 MHz gain bandwidth Low VOS: 10 μV Excellent CMRR: 126 dB at VCM of ±11 V High open-loop gain: 1.8 million Fits OP07, 5534A sockets Available in die form GENERAL DESCRIPTION The OP27 precision operational amplifier combines the low offset and drift of the OP07 with both high speed and low noise. Offsets down to 25 μV and maximum drift of 0.6 μV/°C make the OP27 ideal for precision instrumentation applications. Exceptionally low noise, en = 3.5 nV/√Hz, at 10 Hz, a low 1/f noise corner frequency of 2.7 Hz, and high gain (1.8 million), allow accurate high-gain amplification of low-level signals. A gain-bandwidth product of 8 MHz and a 2.8 V/μs slew rate provide excellent dynamic accuracy in high speed, data- acquisition systems. A low input bias current of ±10 nA is achieved by use of a bias current cancellation circuit. Over the military temperature range, this circuit typically holds IB and IOS to ±20 nA and 15 nA, respectively. The output stage has good load driving capability. A guaranteed swing of ±10 V into 600 Ω and low output distortion make the OP27 an excellent choice for professional audio applications. (Continued on Page 3) PIN CONFIGURATIONS V+ OUT NC 4V– (CASE) BAL BAL 1 –IN 2 +IN 3 OP27 NC = NO CONNECT Figure 1. 8-Lead TO-99 (J-Suffix) 8 7 6 5 1 2 3 4 NC = NO CONNECT VOS TRIM –IN +IN VOS TRIM V+ OUT NC V– OP27 Figure 2. 8-Lead CERDIP – Glass Hermetic Seal (Z-Suffix), 8-Lead PDIP (P-Suffix), 8-Lead SO (S-Suffix) FUNCTIONAL BLOCK DIAGRAM VOS ADJ. NONINVERTING INPUT (+) INVERTING INPUT (–) V– V+ Q2B R21 Q3 Q2A Q1A Q1B R4 R11 R3 18 . R1 AND R2 ARE PERMANENTLY ADJUSTED AT WAFER TEST FOR MINIMUM OFFSET VOLTAGE 1 Q6 Q21 C2 R23 R24 Q23 Q24 Q22 R5 Q11 Q12 Q27 Q28 C1 R9 R12 C3 C4 Q26 Q20 Q19 Q46 Q45 OUTPUT Figure 3. |
Số phần tương tự - OP27EP |
|
Mô tả tương tự - OP27EP |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |