công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

KSR6BK bảng dữ liệu(PDF) 1 Page - List of Unclassifed Manufacturers

tên linh kiện KSR6BK
Giải thích chi tiết về linh kiện  Spiral Wraps
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC1 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC1 - List of Unclassifed Manufacturers

KSR6BK bảng dữ liệu(HTML) 1 Page - List of Unclassifed Manufacturers

  KSR6BK Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Spiral Wraps
Page <1>
02/05/12 V1.1
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Important Notice : This data sheet and its contents (the "Information") belong to the members of the Premier Farnell group of companies (the "Group") or are licensed to it. No licence is granted for the use of
it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change without notice and replaces
all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any error in or omission from it or for any use
made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any assumptions based on information included or omitted.
Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the Group was aware of the possibility of such loss or damage arising)
is excluded. This will not operate to limit or restrict the Group's liability for death or personal injury resulting from its negligence. Pro-POWER is the registered trademark of the Group. © Premier Farnell plc 2012.
Description
Colour
Material
Nominal Bore
Diameter
Minimum Bore
Diameter
Reel
Length
(m)
Part Number
Spiral Wrap, Natural, 10 m, 4-25 mm
Natural
Polyethylene
3.2
3.2
KS6N
Spiral Wrap, Natural, 10 m, 7.5-30 mm
7.5
7.5
KS10N
Spiral Wrap, Natural, 10 m, 12-35 mm
12
12
KS15N
Spiral Wrap, Natural, 10 m, 15-50 mm
15
15
KS19N
Spiral Wrap, Natural, 10 m, 20-10 mm
20
20
KS24N
Spiral Wrap, Black, 10 m, 4-25 mm
Black
3.2
3.2
10
KSR6BK
Spiral Wrap, Black, 10 m, 7.5-30 mm
7.5
7.5
KSR10BK
Spiral Wrap, Black, 10 m, 12-35 mm
12
12
KSR15BK
Spiral Wrap, Black, 10 m, 15-50 mm
15
15
KSR19BK
Spiral Wrap, Black, 10 m, 20-100 mm
20
20
KSR24BK
Specification Table
Dimensions : Millimetres (Unless Specified)


Số phần tương tự - KSR6BK

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
KSR6 ETC1-KSR6 Datasheet
133Kb / 2P
   KS SERIES KEY SWITCHES
More results

Mô tả tương tự - KSR6BK

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
OEN India Limited
04-SWP1259C OENINDIA-04-SWP1259C Datasheet
55Kb / 1P
   Spiral Wrap
logo
Vishay Siliconix
PSC VISHAY-PSC Datasheet
129Kb / 3P
   Spiral Chip Inductor
Revision: 14-Mar-08
logo
List of Unclassifed Man...
561-W10NAC ETC2-561-W10NAC Datasheet
143Kb / 2P
   Natural Spiral Wrap
561-W100BKC ETC2-561-W100BKC Datasheet
144Kb / 2P
   Black Spiral Wrap
logo
Ultralife Corporation.
ER18505M ULTRALIFE-ER18505M Datasheet
291Kb / 2P
   A Size Spiral Cell
14 NOV 17 Rev: B
logo
Amphenol Industrial Pro...
AMPVSTS4M AIO-AMPVSTS4M Datasheet
138Kb / 1P
   RadCrimp Spiral Termination Connector
REV. PA2
logo
Microsemi Corporation
GC9001 MICROSEMI-GC9001 Datasheet
113Kb / 2P
   PASSIVE DEVICES - Spiral Bias Elements
logo
Assmann Electronics Inc...
AK323-2-R ASSMANN-AK323-2-R Datasheet
251Kb / 1P
   PS/2 EXTENSION CABLE, SPIRAL
logo
Ultralife Corporation.
UHR-ER26500-H ULTRALIFE-UHR-ER26500-H Datasheet
294Kb / 2P
   C size spiral cell (power type)
Rev: -
UHR-ER34615-X ULTRALIFE-UHR-ER34615-X Datasheet
452Kb / 2P
   D size spiral cell (Generation X)
Rev: A
More results


Html Pages

1


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com