công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD8594ARU-REEL bảng dữ liệu(PDF) 1 Page - Analog Devices |
|
AD8594ARU-REEL bảng dữ liệu(HTML) 1 Page - Analog Devices |
1 / 16 page CMOS Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers with Shutdown AD8591/AD8592/AD8594 Rev. B Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners. One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781.329.4700 www.analog.com Fax: 781.461.3113 ©2009 Analog Devices, Inc. All rights reserved. FEATURES Single-supply operation: 2.5 V to 6 V High output current: ±250 mA Extremely low shutdown supply current: 100 nA Low supply current: 750 μA/Amp Wide bandwidth: 3 MHz Slew rate: 5 V/μs No phase reversal Very low input bias current High impedance outputs when in shutdown mode Unity-gain stable APPLICATIONS Mobile communication handset audio PC audio PCMCIA/modem line driving Battery-powered instrumentation Data acquisition ASIC input or output amplifiers LCD display reference level drivers GENERAL DESCRIPTION The AD8591, AD8592, and AD8594 are single, dual, and quad rail-to-rail, input and output single-supply amplifiers featuring 250 mA output drive current and a power saving shutdown mode. The AD8592 includes an independent shutdown function for each amplifier. When both amplifiers are in shutdown mode, the total supply current is reduced to less than 1 μA. The AD8591 and AD8594 include a single master shutdown function that reduces the total supply current to less than 1 μA. All amplifier outputs are in a high impedance state when in shutdown mode. These amplifiers have very low input bias currents, making them suitable for integrators and diode amplification. Outputs are stable with virtually any capacitive load. Supply current is less than 750 μA per amplifier in active mode. Applications for these amplifiers include audio amplification for portable computers, portable phone headsets, sound ports, sound cards, and set-top boxes. The AD859x family is capable of driving heavy capacitive loads, such as LCD panel reference levels. The ability to swing rail to rail at both the input and output enables designers to buffer CMOS DACs, ASICs, and other wide output swing devices in single-supply systems. PIN CONFIGURATIONS OUT A 1 V– 2 +IN A 3 V+ 6 SD 5 –IN A 4 AD8591 TOP VIEW (Not to Scale) Figure 1. 6-Lead SOT-23 (RJ Suffix) SDB V– +IN B OUT A –IN A +IN A V+ OUT B –IN B SDA 1 2 3 4 5 10 9 8 7 6 AD8592 TOP VIEW (Not to Scale) Figure 2. 10-Lead MSOP (RM Suffix) OUT A –IN A V+ +IN A +IN B –IN B OUT B NC OUT D –IN D +IN D V– +IN C –IN C OUT C SD 1 2 3 4 16 15 14 13 5 12 6 11 7 10 8 9 NC = NO CONNECT AD8594 TOP VIEW (Not to Scale) Figure 3. 16-Lead Narrow SOIC (R Suffix) OUT A –IN A V+ +IN A +IN B –IN B OUT B NC OUT D –IN D +IN D V– +IN C –IN C OUT C SD NC = NO CONNECT 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 AD8594 TOP VIEW (Not to Scale) Figure 4. 16-Lead TSSOP (RU Suffix) The AD8591, AD8592, and AD8594 are specified over the industrial temperature range (−40°C to +85°C). The AD8591, single, is available in the tiny 6-lead SOT-23 package. The AD8592, dual, is available in the 10-lead surface-mount MSOP package. The AD8594, quad, is available in 16-lead narrow SOIC and 16-lead TSSOP packages. |
Số phần tương tự - AD8594ARU-REEL |
|
Mô tả tương tự - AD8594ARU-REEL |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |